Part Number Hot Search : 
M220Z C1300 HB4C4W MMBT4403 MBR1040 HV62208X TCA345 30S10
Product Description
Full Text Search
 

To Download HMG100R-33M-J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH-MEG OHM RESISTORS ZERO OHM & JUMPER WIRE HIGH-MEG OHM RESISTOR
INTRODUCTION
The HMG resistors are suited for high voltage and high impedance applications where resistance and stability are required. Consistent Quality and reliability is achieved by thick film construction on high-grade ceramic core. Multilayer epoxy coating offers exceptional protection. HMG resistors are particularly suited for voltage dividers, X-ray equipment, and high voltage power supplies.
FEATURES
*Low cost, High stability, accuracy, and reliability *Standard tolerances: 2% & 5% *Standard TCR 350 ppm (200 ppm available) *Standard resistance to 100 meg ohm.
DERATING CURVE
100 80 60 40 20 0
70
Rated Load (%)
150
40 60 80 100 125 140 160 180 200
SPECIFICATIONS
Ambient Temperature (C)
PART NUMBER EXAMPLE HMG 100 R - 33M - J PERFORMANCE(MAXDR)
Type L HMG25 6.50.5 HMG50 9.50.5 HMG100 12.01.0 HMG200 16.01.0 Dimension (mm) D H 2.30.3 3.20.3 4.50.5 5.00.5 20 20 26 26 d.05 0.60 0.60 0.80 0.80 Power Maximum Maximum Rating Working Overload Voltage Voltage 1/4W 250 500 1/2W 500 1000 1W 750 1500 2W 1000 2000 Resistance Range 2%(G) 5%(J) 11M-22M 11M-22M 11M-100M 11M-100M 11M-100M 11M-100M 11M-100M 11M-100M
Temperature Cycling Load Life 1000 Hours Shelf Life at 25C Effect of Soldering Moisture Resistance Short-Time Overload
0.5% 2.0% 1.0%(12 months) 1.0% 2.0% 1.0%
ZERO OHM & JUMPER WIRE
SPECIFICATIONS (sizes in mm)
Construction Jumper Wire Ceramic Ceramic Part Number ZR25*-0R0-W ZR25*-0R0-C ZR12*-0R0-C L 61.51 6.5.3 3.8.5 D 2.5.2 1.5.2 H 20 20 d 0.60.05 0.60.05 0.450.05
ZR25-0R0-C / ZR12-0R0-C C
* "R" for Tape & Reel, "A" for Tape & Ammo, "B" for Bulk Pack.
Test Resistance Operating Temperature Max Current Max Working Voltage Max Overload Voltage Temperature Coefficient Short Time Overload Load Temperature Cycling
Test Method
Dielectric Strength Humidity Solderability Vibration Terminal Strength
Resistance To Solvents
Apply 2.5 times the rated voltage for 5sec. 1000 hrs. at 70C a direct voltage applied, cycles of 1.5 hrs. on and .5 hrs. off throughout test. 5 cycles of 30 min. duration at the extremes of temp. range, max. and min., measurements of ohmic value 4 hrs. after completion of test. Using a 90 "V" shaped conductive block, applying 100V min., increasing 100V/sec. for 5 sec. 350 hrs. at 40C, 90 to 95% Rh Dipped in Sn/Pb(60/40) at 235C, 5 sec. 1.5mm from the body. By MIL STD. 202, 201A Traction, applied 2.5 kg. for 10 sec. Bends, 2 bends 90 applying load to terminals of 0.5 kg. Twist 2 successive turns 180, 6 mm from body. Trichlorethylene, TMC as the most aggressive for 60 sec. at boiling point.
Limits 0.01 ohm max. -55C to +155C 25 amps @ +25C (ZR25) 300 Vdc 600 Vdc (PPM/C) 0 to -100 PPM No visible damage DR=0.5% DR=0.5%
ZR25-0R0-W
DR=0.5% DR=0.5% 95% f of tested surface covered
*Also available in
Surface Mount, see RM series.
No visible damage
No visible damage
PART NUMBER EXAMPLE ZR 25 R - 0R0 - W
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C2CB05 REV2004.5.19


▲Up To Search▲   

 
Price & Availability of HMG100R-33M-J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X