Part Number Hot Search : 
70HF20 IRFD11 NTE725 AO4704 LV5609LP D74LVC5 74LV4067 32U02
Product Description
Full Text Search
 

To Download GX02YD104KAT500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GX Series
Ultra Broad Band Capacitor
ADVANTAGES
* Ultra-Broadband performance * Ultra-Low Insertion Loss * X5R & X7S Characteristics * Excellent Return Loss
APPLICATIONS
* Semi-Conductor Data Communications Customers * Receiver Optical Sub-Assemblies * Transimpedance Amplifier Customers * Test Equipment Manufactures
The GX Series was developed specifically to address DC Blocking issues from ~16KHz (-3dB roll-off) to 40GHz. Most applications will experience resonance-free insertion loss of <0.5dB thru at least 40GHz. Insertion loss at higher frequencies is in part dependent on installation parameters. Using AVX's patented precision thin film termination process, the part is designed to be completely orientation insensitive with a standard EIA 0402 footprint to minimize board space requirements. Both
Ni/Sn and Ni/Au terminations are available to cover a wide range of attachment processes. All GX parts are RoHS compliant. Au terminated units are wire bondable. Users may, therefore, find these devices equally useful in bypass applications when wire bonding is a necessary part of the manufacturing process. More information can be obtained by contacting the factory or your local AVX representative.
GX02 Series - Insertion Loss (S21)
0 -0.2 -0.4
Magnitude dB
-0.6 -0.8 -1 -1.2 -1.4 -1.6 -1.8 -2 0 5 10 15 20 25 30 35 40 (Typical)
Frequency (GHz)
GX02 Series - Return Loss (S11)
0 -10
Magnitude dB
-20 -30
-40 -50 (Typical) -60 0 5 10 15 20 25 30 35 40
Frequency (GHz)
Test Parameters: Rogers RO4350 Board (T = 10 mils); Trace width = 22 mils; Gap = 24 mils; 50 ohm (nominal) characteristic impedance
GX Series
Ultra Broad Band Capacitor
ELECTRICAL SPECIFICATIONS
Capacitance Voltage Rating/Operating Temperature Dielectric Withstanding Voltage Insulation Resistance Temperature Coefficient 0.1 F 10%, 0.1 F 20% 16 VDC @ 85C; 10 VDC @ 125C 250% WVDC 10,000 Meg Ohms @ 25C; 1,000 Meg Ohms @ 125C 16 VDC X5R ( 15%); 10 VDC X7S ( 22%)
MECHANICAL SPECIFICATIONS
.1 ) 0 04 16 0.0 1.0 40 0 (0.
0.508 0.1 (0.020 0.004)
0.508 0.1 (0.020 0.004)
51 0.0 002) 8 0. .17 07 00 (0.
mm (inches)
HOW TO ORDER
GX 02 YD 104 K A T 2
Style
Case Size 02 = 0402
Voltage/Dielectric YD = 16Vdc/X5R 10Vdc/X7S
Capacitance 104 = 0.1F EIA Cap Code in pF
Tolerance K = 10%
Failure Rate A = Std
Termination T = Ni-Sn (Standard) 7 = Ni-Au
Packaging 2 = 4000 pcs, 7" T&R 2-500 = 500 pcs, 7" T&R 2-1000 = 1000 pcs, 7" T&R
ADDITIONAL MICROWAVE PRODUCTS
AVX also manufactures a broad range of SLC (Single Layer Ceramic) products utilizing high k GBBL dielectrics especially suitable for space constrained broadband bypass/decoupling applications. A variety of voltage ratings are available and all dielectrics are suitable for operation from -55C to +125C. All SLC products are RoHS compliant.
Style GH/GB10-90 Dielectric Z k 2.5K-18K TC X7S Cap Range 8-5400pF Rating 50/100VDC Nom mm sq 0.25 / 2.28 Sizes inches sq 0.010 / 0.090 GH/GB01-06 Maxi 20K X7R 68-8200pF 50VDC 0.38 / 2.28 0.015 / 0.090 GH/GB01-06 Maxi+ 30K X7R 330-10000pF 50VDC 0.38 / 2.28 0.015 / 0.090 GD10-55 Ultra Maxi 60K X7R 180-10000pF 6.3,16, 25VDC 0.25 / 1.40 0.010 / 0.055


▲Up To Search▲   

 
Price & Availability of GX02YD104KAT500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X