Part Number Hot Search : 
MT48LC8 TGA45 B1010 1201G T2308 T2308 T2308 ALD470
Product Description
Full Text Search
 

To Download GC1310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KV1913A - GC1310
TM (R)
ENHANCED PERFORMANCE SURFACE MOUNT EPSMTMHyperabrupt Varactor Diodes RoHS Compliant
DESCRIPTION Our EPSM packaged devices are designed for the most demanding commercial and Military requirements where the inconsistent performance inherent in plastic surface mount packages cannot be tolerated. These package styles extend the surface mount construction format to 6 GHz for high performance wireless applications. Select varactors from three families of C/V curves for designs through 6 GHz. They are available in multiple chip configuration as well as outlines which directly replace SOT23 and SOD323 devices. Other devices and values are always available. Contact our applications engineering department for more details.
KEY FEATURES
Wide Range of Capacitance Values For Frequencies from VHF to 6 GHz Lower Parasitics Superior Consistency/Repeatability Footprints Available for SOT23/ SOD323/SOD123 Dozens of Configurations Available Mil Grade Ceramic/Epoxy Amalgam Tape & Reel Available for Pick and Place Assembly RoHS Compliant
1
www.MICROSEMI.com
APPLICATIONS Specify EPSM package style 450A or 454. For 3 terminal style 454, refer to configuration page. Example: GC1503-454-4 is a common cathode pair of abrupt junction varactors with 1.5 pF capacitance @4V (per device); for the 2 terminal style 450A, refer to the outline dimension table. Example: GC1503-450A is a single abrupt junction varactor with 1.5 pF capacitance at 4V in an 0604 footprint.
APPLICATIONS/BENEFITS High Performance Wireless Surface Mount Options for GSM, TAGS, WANS, PCS Wideband VCO applications Voltage Tuned Filters VCXOs
ABSOLUTE MAXIMUM RATINGS AT 25 C (UNLESS OTHERWISE SPECIFIED)
Rating Maximum Leakage Current @80% of Minimum Rated VB Storage Temperature Operating Temperature Symbol IR TSTG TOP Value 50 -55 to +125 -55 to +125 Unit nA
EPSM VARACTORS EPSM VARACTORS
C C
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change. Consult factory for the latest information. These devices are ESD sensitive and must be handled using ESD precautions.
1
The EPSM products are supplied with a
RoHS complaint Gold finish.
Copyright 2007 Rev: 2009-01-19
Microsemi
Microwave Products
Page 1
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
KV1913A - GC1310
TM (R)
ENHANCED PERFORMANCE SURFACE MOUNT EPSMTMHyperabrupt Varactor Diodes RoHS Compliant
KV1900 SUPER HYPERABRUPT VARACTORS
FOR 1-8 VOLT HIGH SENSITIVITY VCO'S .
ELECTRICAL PARAMETERS @ 25C (unless otherwise specified) Model Number KV1913A KV1953A KV1923A KV1933A KV1943A KV1963A KV1973A KV1983A KV1993A VB(V) IR=10A (Min) 12 12 12 12 12 12 12 12 12 CT(pF) @1V (Min) 36.0 26.0 17.0 13.0 9.0 4.0 1.8 1.2 0.6 CT(pF) @2.5V 18 - 27 13 - 20 8.5 - 13 6.5 - 10 4.5 - 6.5 2.0 - 3.0 1.1 - 1.5 0.8 - 1.1 0.5 - 0.8 CT(pF) @4V (Max) 12.0 9.0 6.0 4.5 3.0 1.5 0.8 0.6 0.4 CT(pF) @8V (Max) 6.20 4.70 3.20 2.70 1.70 1.00 0.55 0.45 0.35 Q @4V, 50 MHz (Min) 400 500 600 750 900 1200 1400 1600 1800
www.MICROSEMI.com
KV2100 MICROWAVE HYPERABRUPT VARACTORS
FOR 2-15 VOLT WIDE BANDWIDTH VCO'S
ELECTRICAL PARAMETERS @ 25C (unless otherwise specified) Model Number KV2163 KV2153 KV2143 KV2133 KV2123 KV2113 VB(V) IR=10A (Min) 22 22 22 22 22 22 CT(pF) @0V (Typ) 26.0 14.0 7.0 5.0 3.0 2.0 CT(pF) @4V 8.75 - 10.80 4.45 - 5.50 2.65 - 3.30 1.75 - 2.20 1.30 - 1.65 0.85 - 1.10 CT(pF) @20V 1.85 - 2.50 0.85 - 1.30 0.65 - 0.90 0.50 - 0.70 0.40 - 0.55 0.30 - 0.45 Q @4V,50 MHz (Min) 400 600 700 850 1000 1200
GC1300 MICROWAVE ABRUPT VARACTORS
FOR 0-30 VOLT MODERATE BANDWIDTH LOW NOISE VCO'S
ELECTRICAL PARAMETERS @ 25C (unless otherwise specified) Model Number GC1300 GC1301 GC1302 GC1303 GC1304 GC1305 GC1306 GC1307 GC1308 GC1309 GC1310 VB(V) IR=10A (Min) 30 30 30 30 30 30 30 30 30 30 30 CT(pF) @4V (+/-10%) 0.8 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 Ratio CT 0/ CT 4 (Min) 1.5 1.6 1.7 1.8 1.9 2.0 2.0 2.1 2.1 2.2 2.2 Ratio CT 4/ CT30 (Min) 1.45 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 Q @4V,50 MHz (Min) 3900 3800 3700 3600 3500 3400 3300 3100 2700 2600 2500
ELECTRICALS ELECTRICALS
Copyright 2007 Rev: 2009-01-19
Microsemi
Microwave Products
Page 2
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
KV1913A - GC1310
TM (R)
ENHANCED PERFORMANCE SURFACE MOUNT EPSMTMHyperabrupt Varactor Diodes RoHS Compliant
MECHANICAL OPTIONS
EPSM products are available in a broad range of mechanical configurations. The standard package style is the 450 series. This series has several sizes available to accommodate the internal chip configurations. The 450A is the most common configuration for single diode applications. The 454 series package style is a three terminal configuration designed to accommodate 2 chips for `T" and common anode/cathode designs. With uniform `flat-top' construction, the 450 series of EPSM products are ideally suited for tape and reel / automated assembly. The 150 series of EPSM products have a `glob-top' construction and are traditionally used in smaller volume applications.
www.MICROSEMI.com
PACKAGE STYLE 150X
PACKAGE STYE 450X
PACKAGE STYLE 154
PACKAGE STYPE 454
MECHANICAL MECHANICAL
Packages are designed with wrap-around metalized castellations for superior assembly results.
Copyright 2007 Rev: 2009-01-19
Microsemi
Microwave Products
Page 3
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748


▲Up To Search▲   

 
Price & Availability of GC1310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X