Part Number Hot Search : 
UMT2N Z85C30 X5165 HFA08 3DD102E F2805 CQ10A03L X5169PZ
Product Description
Full Text Search
 

To Download FWA-3240A12E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FWA-3240
NEW
1U Rackmount Intel Tolapai-based Platform with 4 Front LAN Ports & LCD Display Features
1U Rackmount Network Application Platform Intel EP80579 Integrated Processor (Tolapai) solution One internal proprietary PCIe x4 expansion slot Single channel DDR2 SODIMM support up to 2 GB 4 x 10/100/1000 Mbps GbE LAN ports Console port for local setting
Introduction
The FWA-3240 incorporates Intel's Tolapai System-on-Chip which combines Intel's QuickAssist Technology and integrates an Intel Pentium M class core, memory controller and I/O controller. The high-performance CPU core supplies the horse power needed to perform deep packet inspection and other complex operations and is particularly optimized for entry to mid-range network security appliances. Security applications can run existing x86 software applications because of backward code compatible with earlier Intel processors. Most network security platforms already run on Intel x86 processors and can run existing software applications on Tolapai because it is backward compatible with earlier Intel processors. Typical appliance workloads which require IP-SEC encryption, acceleration and compression of content can offload processing on to the QuickAssist Integrated Accelerator which increases the effective data throughput and performance and reduces the overall power consumption of a given application. The FWA-3240 features a low-power design, and supports up to 2 GB DDR2 on one single-channel SO-DIMM. It provides a total of four GbE LANs, three of which are from the Tolapai on-chip MACs (Intel 82574-derived) and the fourth from a PCIe-based Intel 82574 Ethernet controller. The on-chip MACs are routed to 3 Marvell PHY devices. The system supports one 2.5" SATA HDD and CompactFlash for OS and/or Internet security applications. The front panel provides a RS-232 serial port with RJ-45 socket, 2 USB ports and a LCD Module for local system management, maintenance and diagnostics. The system is fully FCC, CE and RoHS compliant.
Specifications
Processor System CPU & Chipset Max. Speed Front Side Bus BIOS Technology Capacity Onboard Expansion slots Interface Controller SATA Storage Controller Compact Flash Socket USB Serial LCD Module Pin headers Watt Input Temperature Humidity Dimensions (W x H x D) Weight Intel EP80579 Integrated Processor (Tolapai) supports 600/1066/1200 MHz processor 1.2 GHz 400/533 MHz AwardTM 4 Mbit Flash Single channel DDR2 800/667/533/400 MHz SODIMM Up to 2 GB with 1 slot One proprietary internal PCIe x4 connector 4 x 10/100/1000Base-T Three GbE from Intel EP80579 Integrated Processor + Marvell 88E1111 PHY One GbE from Intel 82574, with bypass function 1 x 2.5" or 3.5" HDD bay Max. data transfer rate at 150 MB/sec JMicron (SATA to IDE bridge) 1 x CF socket on IDE 0 (Primary) 2 x USB 2.0 1 x RS-232 with RJ-45 connector 16 characters, 2 lines, 5 buttons K/B, Mouse, LPT, COM 180 W 90 ~ 240 V AC, auto range Operating Non-Operating 0 ~ 40 C (32 ~ 104 F) -20 ~ 75 C (-4 ~ 167 F) 5 ~ 85 % @ 40 C (104 F) 5 ~ 95 % 426 x 44 x 236 mm (16.8" x 1.7" x 9.3") 4.2 kg (9.3 lb)
Memory Expansion Ethernet
Peripheral
Power Environment Physical
All product specifications are subject to change without notice
Last updated : 26-Dec-2008
FWA-3240 Dimensions
Unit: mm (inch)
426 (16.8)
Ordering Information
Part number FWA-3240E600E FWA-3240A600E FWA-3240E12E FWA-3240A12E FWA-3240E10E FWA-3240A10E Processor 600 M/Embedded 600 M/Acceleration 1.2 G/Embedded 1.2 G/Acceleration 1.0 G/Embedded 1.0 G/Acceleration LAN 4 4 4 4 4 4
Four LAN ports Two USB 2.0 ports
Accessories
P/N 1702002600 1702002605 1702031801 1700000237 Description 3P 180 cm, USA 3P 180 cm, Europe 3P 180 cm, UK 3P 180 cm, JP
Power LED RS-232 Console port HDD LED
Power supply
Two Cooling fans
236 (9.3) 44.4 (1.7)
2.5"/3.5 HDD bay
Packing List
P/N 1700002270 Description Console cable RJ45 to D-Sub 9PIN 1.8 M
CF socket
DDR2 socket
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of FWA-3240A12E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X