Part Number Hot Search : 
C624J 721106 90814 AS7C2 EXB30 IR3839 S03NF DSK210
Product Description
Full Text Search
 

To Download FO1003S08-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-DTL-38999 Connectors
Glenair ASAP Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
D38999 Series III to ST, FC, SC, LC & SMA
PRODUCT FEATURES
Jam-Nut and Wall Mount D38999 Series III Style Fiber Optic Receptacle Connectors in Aluminum, Composite or Stainless Steel ST, FC, SC, LC and SMA to D38999 Series III Configurations Single and Multimode Fiber Media Military Standard Dust Caps MIL-PRF-29504 Approved Termini Multichannel Capability: From 2 to 37 Channels Custom Lengths Available
Glenair Terminated and Optically Tested Receptacle/ Pigtail Assemblies Are Ready When You Are
The packaging and layout of a fiber optic interconnect assembly can vary widely depending on the application environment. Fiber optics deployed in military avionics, for example, may take the form of a Mil-Spec receptacle and simplex pigtail connector assembly when fiber is used to interconnect the optical transmitter/receiver inside an equipment enclosure to the outside world. When fiber leads are used within equipment enclosures or other protected environments, the interconnect assembly generally looks something like the assembly featured here: A wall mount or jam nut mount receptacle connector ("A") with simplex fiber leads ("B"). The receptacle connector is used to penetrate the enclosure and mate to the external environmental plug connector. The simplex leads within the protected enclosure commonly route to the transceiver optical device, and are terminated to common commercial connectors such as ST, FC, SC, LC (or other) connectors at the "B" end. Glenair ASAP Receptacle/Pigtail Fiber Optic Assemblies are ideal for applications of this type, and are available with accelerated lead-times. The turnkey assembly includes fiber optic wiring, MIL-DTL-38999 Style Connector, MIL-PRF-29504 Termini, Mil-Spec Dust-Caps and customer specified marking and labeling.
Inside-the-Box
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-40
Glenair ASAP Fiber Optic Cable Sets Inside-the-Box Receptacle/Pigtail Assembly
D38999 Series III to ST, FC, SC, LC & SMA
CONNECTOR
A
CONNECTOR
B
LENGTH
L
Reference Part Number Development: FO1003 P - 08 - 1 W 02 62 48 L
Basic part Number Terminus Type A Connector Type Protective Covers
L = Less Covers Omit for with Covers
P = Pin Terminus S = Socket Terminus 06 = D38999/26 Style Plug 08 = D38999/24 Style Jam-Nut Receptacle H7 = D38999/20 Style Wall Mount Receptacle (Std.) S7 = D38999/20 Style Wall Mount Receptacle (Slotted) T7 = D38999/20 Style Wall Mount Receptacle (Tapped)
Length in Inches
6 Inch Minimum
Fiber Size
09 = 9.3/125 Singlemode 50 = 50/125 Multimode 62 = 62.5/125 Multimode 10 = 100/140 Multimode 20 = 200/230 Multimode
B Connector Type
0 = ST M83522 Style 1 = ST Connector 2 = FC Connector 3 = SC Connector 4 = SC Duplex 5 = SMA Connector (906 Type) 6 = SMA Connector (905 Type) 7 = LC Connector 8 = LC Duplex 9 = Customer Specified
Number of Fibers*
02 = 2 Fibers (Shell Size 11) 04 = 4 Fibers (Shell Size 13) 05 = 5 Fibers (Shell Size 15) 08 = 8 Fibers (Shell Size 17) 11 = 11 Fibers (Shell Size 19) 16 = 16 Fibers (Shell Size 21) 21 = 21 Fibers ( Shell Size 23) 29 = 29 Fibers (Shell Size 25) 37 = 37 Fiber (Shell Size 25) Please Reference Special Marking, Labels Or Other Identification Specifications on Your Purchase Order. Unless Indicated, "B" Connector Identification Will Follow "A" Connector Pin Designations.
Connector Class
F = Aluminum, Electroless Nickel Plating J = Composite, Olive Drab Cadmium Plating K = Stainless Steel, Passivated M = Composite, Electroless Nickel Plating W = Aluminum, Olive Drab Cadmium Plating
*See Page B-10 for Insert Arrangements Part Numbering is for Reference Purposes Only. A Unique Glenair Part Number Will Be Assigned to Your Cable Order.
(c) 2006 Glenair, Inc. www.glenair.com CAGE Code 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-41
MIL-DTL-38999 Connectors


▲Up To Search▲   

 
Price & Availability of FO1003S08-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X