Part Number Hot Search : 
DMN3404L TLOE1 P3901 UN11008 2N222 FS4410Z NXXXL 250NS
Product Description
Full Text Search
 

To Download FM50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
INTRODUCTION
The fusible resistor contains two functions in one package. It's a resistor under normal conditions and a fuse when subjected to higher than normal current.
RoHS
u
FEATURES
*High stability, accuracy, and reliability *Non combustible coating *Uniform fusing time
FUSING CHARACTERISTICS
Fusing Time Minimum Nominal Maximum 16 X Wattage 3 Sec. 30 Sec. 1 Min. 20 2 Sec. 15 Sec. 30 Sec. 24 1 Sec. 5 Sec. 10 Sec. 28 0.8 Sec. 3 Sec. 7 Sec. 32 0.8 Sec. 2 Sec. 4 Sec. Power
Rated Load (%)
80 60 40 20 0
DERATING CURVE
100
70C
FM
FKN & FSQ
*Fusing times not listed, may be available. Contact RFE International, Inc. for details.
235C
0 50 100 150 200 250
275C
300 350 400
Ambient Temperature (C)
SPECIFICATIONS
FKN & FM FSQ
FM is fusible metal film FKN & FSQ is fusible wirewound
Wattage Type Dimension(mm) d0.05 0.6 0.65 0.65 0.8 0.8 0.65 0.8 0.8 0.8 0.8 0.65 0.8 0.8 0.8 0.8 Resistance Max. Range Working () Voltage 0.22 - 100K 250 0.22 - 100K 250 0.22 - 100K 300 0.3 - 100K 350 0.3 - 100K 500 0.1 - 22 500 0.1 - 80 500 0.1 - 100 500 0.2 - 200 500 0.3 - 250 500 0.1 - 22 1000 0.1 - 120 1000 0.2 - 120 1000 0.3 - 250 1000 0.3 - 500 1000 Dielectric Withstanding Voltage 300 300 500 500 500 500 500 500 500 500 1000 1000 1000 1000 1000 Std Tolerance % 5, 10 5, 10 5, 10 5, 10 5, 10 2, 5, 10 2, 5, 10 2, 5, 10 2, 5, 10 2, 5, 10 2, 5, 10 2, 5, 10 2, 5, 10 2, 5, 10 2, 5, 10
L1.0 D0.5 H3 W0.5 C3 1/2W FM50M 6.8 2.6 30 1/2W FM50 9 3.5 30 1W FM100 9 4 30 2W FM200 11 4.5 30 3W FM300 15 5.5 30 30 1W FKN1W 9 4.5 2W FKN2W 11 5 30 3W FKN3W 13 5.5 30 4W FKN4W 17 6.5 38 5W FKN5W 19 6.5 38 2W FSQ2W 18 7 7 36 3W FSQ3W 22 8 8 36 5W FSQ5W 22 9 10 36 7W FSQ7W 35 9 10 36 10W FSQ10W 48 9 10 36 *Standard tolerance is 5% and 10% for values below 0.5
ELECTRICAL PERFORMANCE
Test Items Operating Temperature Resistance Temp. Coeff. Short Time Overload Insulation Resistance Temperature Cycle Load Life Moisture-Proof Load Life Condition FM FKN & FSQ +30C ~ +150C FM: 4X rated wattage for 5 sec. FKN & FSQ: 2.5X rated wattage for 5 sec. 500V megger -30C 85C for 5 cycles 70C on-off cycle 1000 hrs 40C 95@ RH on-off cycle for 1000 hrs Spec. -40C ~ +235C -55C ~ +275C 200 ppm/C(R<1 ohm440 ppm) 2% 2% 1000M ohm 1% 5% 5%
PART NUMBER EXAMPLE FM 50 R - 10R - J
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C2DB01 REV 2002.02.07


▲Up To Search▲   

 
Price & Availability of FM50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X