Part Number Hot Search : 
HX1003 BB909A ADM2487E 80006 2SB1220G 40270 SMB113A 105K0
Product Description
Full Text Search
 

To Download FARM1C11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULES
FARM
AUTORANGING AC INPUT WITH FILTER
Features
* * * * * * * * Autoranging 115/230VAC input EMI filtering 500W or 750W models Inrush current limiting 96% Efficiency Mini sized package Power fail signal Module enable
Production Information
The FARM (Filter/Autoranging Rectifier Module) is an AC front which provides EMI filtering, autoranging line rectification, transient protection and inrush current limiting. The FARM is available in either 500/750W or 750/1000W models in a mini sized package measuring only 57.9x55.9x12.7mm. The FARM interfaces directly with worldwide AC mains and may be used with Vicor 300 V input DC-DC converters to realize an autoranging, high density, low profile switching power supply. The FARM includes a microcontroller that continuously monitors the AC line to control bridge / doubler operation. The user need only provide external capacitance to satisfy system hold-up requirements.
General Specifications
Parameter Input Voltage FARM1( )21 FARM2( )21 90-132/180-264VAC 500W 750W 750W 1000W
Output 115VAC 230VAC Current Compatible DC/DC Converter Efficiency Dimensions STANDARDS C-Tick Safety
VI-26X, VI-J6X, V300 96% 57.9x55.9x12.7mm
AS/NZS CISPR11 Group 1 Class A UL 60950, EN60950
Part Numbering
FARM Product Product Grade Type 1 = 500/750W C = 20oC to +100oC 2 = 750/1000W E = -10 to 100oC H = -40 to 100oC T = -40oC to +100oC Pin Style 1 = Short 2 = Long F = Short Rohs G = Long Rohs S = Short ModuMate N = Long ModuMate 1 C 1 1 Baseplate 1 = Slotted 2 = Threaded 3 = Thru-hole
250


▲Up To Search▲   

 
Price & Availability of FARM1C11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X