Part Number Hot Search : 
KA7915 BBY5207 SP7516KN BU2527 TS512 T8202860 UAA91 SMPJ175
Product Description
Full Text Search
 

To Download FAR-F5KB-942M50-B4EB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Customer Name System FMD Part Number Customer No.
Standard
EGSM-Rx (50/150) FAR-F5KB-942M50-B4EB
FUJITSU MEDIA DEVICES LIMITED
DATE Version 4.0 d Reference No. Apr. 01, 2005
Table 1 Electrical Specification Passband : 925 ~ 960 MHz
Item Insertion Loss Ripple Absolute attenuation Condition (MHz) 925 ~ 960 925 ~ 960 DC ~ 880 880 ~ 905 905 ~ 915 980 ~ 1025 1025 ~ 2880 2880 ~ 6000 VSWR(Input) VSWR(Output) Amplitude Balance (|S21/S31|) Phase Balance ((S21-S31)+180) Input Impedance Output Impedance Input Power Device size 925 ~ 960 925 ~ 960 925 ~ 960 925 ~ 960 Unbalanced Balanced 925 ~ 960 Min. 40 30 18 25 36 30 -1.0 -10 Specification Typ. 1.6 0.4 66 38 26 33 50 50 1.7 1.6 0/ +0.5 0/+4 50 150//82nH -30 ~ +85 1.4typ. x 1.0typ. x 0.50max. +13 Max. 2.5 1.6 2.0 2.0 +1.0 +10 Unit dB dB dB dB dB dB dB dB dB deg ohm ohm dBm
o
Remark
Operating temperature
C
mm
Customer Name System FMD Part Number Customer No.
Standard
EGSM-Rx (50/150) FAR-F5KB-942M50-B4EB
FUJITSU MEDIA DEVICES LIMITED
DATE Version 4.0 d Reference No. Apr. 01, 2005
Dimension
Device size: 1.4typ. x 1.0typ. x 0.50max.
1.40
<5> <4> 0.50
<4> <5> 0.50 0.50
0.325
<1>
1.00
0.55 0.575
0.25 0.325 0.25 0.25 0.25 0.25 0.25 <3> <2>
<1>
0.325
IN X DE
<2>
<3>
Unit: mm
Pin Configuration Pin No.
1 2 3 4 5
Symbol
IN GND OUT OUT GND
Function
Unbalanced pin Ground Balanced pin Balanced pin Ground
Evaluation Circuit
Port3
3
Port1
Unbalanced Input (50ohm)
1 2,5 4
GND
L=82nH Q=32
Balanced Output (150ohm)
Port2
1 ~ 5 : Pin No.
Customer Name System FMD Part Number Customer No.
Standard
EGSM-Rx (50/150) FAR-F5KB-942M50-B4EB
FUJITSU MEDIA DEVICES LIMITED
DATE Version 4.0 d Reference No. Apr. 01, 2005
Fig.1 Pass-band Characteristics
Input (Unbal.)
Fig.2 VSWR
Output (Bal.)
Customer Name System FMD Part Number Customer No.
Standard
EGSM-Rx (50/150) FAR-F5KB-942M50-B4EB
FUJITSU MEDIA DEVICES LIMITED
DATE Version 4.0 d Reference No. Apr. 01, 2005
Fig.3 In-band Characteristics
Fig.4 Wide-band Characteristics
Customer Name System FMD Part Number Customer No.
Standard
EGSM-Rx (50/150) FAR-F5KB-942M50-B4EB
FUJITSU MEDIA DEVICES LIMITED
DATE Version 4.0 d Reference No. Apr. 01, 2005
Fig.5 Input Impedance (Unbalance)
Fig.6 Output Impedance (Balance)
Customer Name System FMD Part Number Customer No.
Standard
EGSM-Rx (50/150) FAR-F5KB-942M50-B4EB
FUJITSU MEDIA DEVICES LIMITED
DATE Version 4.0 d Reference No. Apr. 01, 2005
Fig.7 Amplitude Balance
Fig.8 Phase Balance


▲Up To Search▲   

 
Price & Availability of FAR-F5KB-942M50-B4EB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X