Part Number Hot Search : 
KBP01M SMJ15CA 1N4937 153V55E B2515 AV0632E 01504 AA102
Product Description
Full Text Search
 

To Download EVAL-ADMP405Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Data
FEATURES
Tiny 3.35 mm x 2.50 mm x 0.88 mm surface-mount package High SNR of 62 dBA High sensitivity of -38 dBV Flat frequency response from 200 Hz to 15 kHz Low current consumption: <250 A Single-ended analog output High PSRR of 70 dB Compatible with Sn/Pb and Pb-free solder processes RoHS/WEEE compliant
Omnidirectional Microphone with Bottom Port and Analog Output ADMP405
GENERAL DESCRIPTION
The ADMP405 is a high quality, low cost, low power, analog output bottom-ported omnidirectional MEMS microphone. The ADMP405 consists of a MEMS microphone element, an impedance converter, and an output amplifier. The ADMP405 sensitivity specification makes it an excellent choice for both near field and far field applications. The ADMP405 has a high SNR and flat, wideband frequency response, resulting in natural sound with high intelligibility. The specially designed lowfrequency cutoff reduces wind noise. Low current consumption enables long battery life for portable applications. A built-in particle filter provides high reliability. The ADMP405 complies with the TIA-920 Telecommunications Telephone Terminal Equipment Transmission Requirements for Wideband Digital Wireline Telephones standard. The ADMP405 is available in an ultraminiature 3.35 mm x 2.50 mm x 0.88 mm surface-mount package. It is reflow solder compatible with no sensitivity degradation. The ADMP405 is halide free.
APPLICATIONS
Smartphones and feature phones Digital video cameras Bluetooth headsets Video phones Teleconferencing systems
FUNCTIONAL BLOCK DIAGRAM
ASIC MEMS
ADMP405
MEMBRANE BACKPLATE IMPEDANCE CONVERTER OUTPUT AMPLIFIER
VDD OUTPUT
Figure 1.
Rev. PrH
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2010 Analog Devices, Inc. All rights reserved.
08616-001
GND
ADMP405 TABLE OF CONTENTS
Features .............................................................................................. 1 Applications ....................................................................................... 1 General Description ......................................................................... 1 Functional Block Diagram .............................................................. 1 Revision History ............................................................................... 2 Specifications..................................................................................... 3 Absolute Maximum Ratings............................................................ 4 ESD Caution .................................................................................. 4 Pin Configuration and Function Descriptions ............................. 5 Typical Performance Characteristics ............................................. 6 Applications Information ................................................................ 7
Preliminary Technical Data
Connecting the ADMP405 to a Codec ......................................7 Connecting the ADMP405 to an Op Amp Gain Stage ............7 PCB Land Pattern Layout .................................................................8 Handling Instructions .......................................................................9 Pick and Place Equipment............................................................9 Reflow Solder .................................................................................9 Board Wash ....................................................................................9 Reliability Specifications ................................................................ 10 Outline Dimensions ....................................................................... 11 Ordering Guide .......................................................................... 11
REVISION HISTORY
Rev. PrH | Page 2 of 12
Preliminary Technical Data SPECIFICATIONS
ADMP405
TA = 25C, VDD = 1.8 V, unless otherwise noted. All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed. Table 1.
Parameter PERFORMANCE Directionality Sensitivity Signal-to-Noise Ratio Equivalent Input Noise Frequency Response 1 Symbol Test Conditions/Comments Min Typ Omni -38 62 32 200 15 Max Unit
1 kHz, 94 dB SPL SNR EIN Low frequency -3 dB point High frequency -3 dB point Deviation from flat response within pass band 105 dB SPL 217 Hz, 100 mV p-p square wave superimposed on VDD = 1.8 V Peak
-41
-35
-3 70 120 1.5
Total Harmonic Distortion Power Supply Rejection Ratio Maximum Acoustic Input POWER SUPPLY Supply Voltage Supply Current OUTPUT CHARACTERISTICS Output impedance Output DC Offset Output Current Limit Polarity
1 2
THD PSRR
+2 3
dBV dBA dBA SPL Hz kHz dB % dB dB SPL
VDD IS ZOUT
3.6 250 200 0.8 90 Noninverting2
V A V A
See Figure 4 and Figure 6. Positive going (increasing) pressure on the membrane results in a positive going (increasing) output voltage.
Rev. PrH | Page 3 of 12
ADMP405 ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter Supply Voltage Sound Pressure Level (SPL) Mechanical Shock Vibration Temperature Range Rating 3.6 V 160 dB 10,000 g Per MIL-STD-883 Method 2007, Test Condition B -40C to +70C
Preliminary Technical Data
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
TP RAMP-UP
tP
CRITICAL ZONE TL TO TP
TEMPERATURE
TL
TSMAX TSMIN
tL
tS
PREHEAT
RAMP-DOWN
t25C TO PEAK
TIME
Figure 2. Recommended Soldering Profile Limits
Table 3. Recommended Soldering Profile Limits
Profile Feature Average Ramp Rate (TL to TP) Preheat Minimum Temperature (TSMIN) Maximum Temperature (TSMAX) Time (TSMIN to TSMAX), tS Ramp-Up Rate (TSMAX to TL) Time Maintained Above Liquidous (tL) Liquidous Temperature (TL) Peak Temperature (TP) Time Within 5C of Actual Peak Temperature (tP) Ramp-Down Rate Time 25C (t25C) to Peak Temperature Sn63/Pb37 3C/sec max 100C 150C 60 sec to 120 sec 3C/sec 60 sec to 150 sec 183C 240C + 0C/-5C 10 sec to 30 sec 6C/sec max 6 minute max Pb-Free 3C/sec max 150C 200C 60 sec to 120 sec 3C/sec 60 sec to 150 sec 217C 260C + 0C/-5C 20 sec to 40 sec 6C/sec max 8 minute max
Rev. PrH | Page 4 of 12
08616-002
Preliminary Technical Data PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
2 1
ADMP405
OUTPUT
3
ADMP404
VDD
08616-003
TOP VIEW (TERMINAL SIDE DOWN) Not to Scale
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No. 1 2 3 Mnemonic OUTPUT GND VDD Description Analog Output Signal. Ground. Power Supply.
Rev. PrH | Page 5 of 12
ADMP405 TYPICAL PERFORMANCE CHARACTERISTICS
10 8 6 4
10
Preliminary Technical Data
SENSITIVITY (dB)
0
2 0 -2 -4 -6 -8
08488-004
(dB)
-10 -20 100
100
1k FREQUENCY (Hz)
10k
1k FREQUENCY (Hz)
10k
Figure 4. Frequency Response Mask
0 -10 -20 -30 -40 -50 -60 -70 -80 100
Figure 6. Typical Frequency Response (Measured)
PSRR (dB)
1k FREQUENCY (Hz)
10k
Figure 5. Typical Power Supply Rejection Ratio vs. Frequency
Rev. PrH | Page 6 of 12
08616-005
08488-006
-10
Preliminary Technical Data APPLICATIONS INFORMATION
The ADMP405 output can be connected to a dedicated codec microphone input (see Figure 7) or to a high input impedance gain stage (see Figure 8). A 0.1 F ceramic capacitor (C1) at VDD placed close to the ADMP405 supply pins is used for testing and is recommended to adequately decouple the microphone from noise on the power supply. A 1 F or larger dc-blocking tantalum capacitor (C2) is required at the output of the microphone.
ADMP405
CONNECTING THE ADMP405 TO AN OP AMP GAIN STAGE
C1 0.1F VDD GND OUTPUT C2 1F 3 R1 10k U1
+
7 6
CONNECTING THE ADMP405 TO A CODEC
C1 0.1F VDD GND C2 1F
ADMP404
GND
OP177 2
4
GAIN = (R2 + R3)/R3 R3 R2
08616-021
ADAU1761
GND
OUTPUT
+
+
Figure 8. ADMP405 Connected to the OP177 Op Amp
MIC INPUT
08616-020
ADMP404
GND GND
Figure 7. ADMP405 Connected to the Analog Devices ADAU1761 Codec
Rev. PrH | Page 7 of 12
ADMP405 PCB LAND PATTERN LAYOUT
The recommended PCB land pattern for the ADMP405 should be laid out to a 1:1 ratio to the solder pads on the microphone package, as shown in Figure 9. Care should be taken to avoid applying solder paste to the sound hole in the PCB. A suggested
Preliminary Technical Data
solder paste stencil pattern layout is shown in Figure 10. The diameter of the sound hole in the PCB should be larger than the diameter of the sound port of the microphone. A minimum diameter of 0.5 mm is recommended.
1.52
0.68 1.22 O1.55 1.90 O0.95 0.61 0.61
0.90
Figure 9. PCB Land Pattern Layout
1.55/1.05 DIA. 0.225 CUT WIDTH (2x) 0.8 x 0.6 2x
1.22
0.2 x 45 TYP
1.52mm
Figure 10. Suggested Solder Paste Stencil Pattern Layout
Rev. PrH | Page 8 of 12
08616-008
08616-007
Preliminary Technical Data HANDLING INSTRUCTIONS
PICK AND PLACE EQUIPMENT
The MEMS microphone can be handled using standard pickand-place and chip shooting equipment. Care should be taken to avoid damage to the MEMS microphone structure as follows: * Use a standard pickup tool to handle the microphone. Because the microphone hole is on the bottom of the package, the pickup tool can make contact with any part of the lid surface. Use care during pick-and-place to ensure that no high shock events above 20 kg are experienced because such events may cause damage to the microphone. Do not pick up the microphone with a vacuum tool that makes contact with the bottom side of the microphone. Do not pull air out of or blow air into the microphone port. Do not use excessive force to place the microphone on the PCB.
ADMP405
REFLOW SOLDER
For best results, the soldering profile should be in accordance with the recommendations of the manufacturer of the solder paste used to attach the MEMS microphone to the PCB. It is recommended that the solder reflow profile not exceed the limit conditions specified in Figure 2 and Table 3.
BOARD WASH
When washing the PCB, ensure that water does not make contact with the microphone port. Blow-off procedures and ultrasonic cleaning must not be used.
*
*
*
Rev. PrH | Page 9 of 12
ADMP405 RELIABILITY SPECIFICATIONS
Preliminary Technical Data
The microphone sensitivity after stress must deviate by no more than 3 dB from the initial value. Table 5.
Stress Test Low Temperature Operating Life High Temperature Operating Life THB Temperature Cycle High Temperature Storage Low Temperature Storage Component CDM ESD Component HBM ESD Component MM ESD Description -40C, 500 hours, powered +125C, 500 hours, powered +65C/85% relative humidity (RH), 500 hours, powered -40C/+125C, one cycle per hours, 100 cycles +150C, 500 hours -40C, 500 hours All pins, 0.5 kV All pins, 1.5 kV All pins, 0.2 kV
Rev. PrH | Page 10 of 12
Preliminary Technical Data OUTLINE DIMENSIONS
3.425 3.350 3.275 0.75 REF 1.52 1.08 0.30 BSC
1
ADMP405
3.06 REF
REFERENCE CORNER
0.30 BSC
0.90 x 0.68 (PINS 1, 3)
0.54 REF
2
0.25 NOM DIA. 0.20 MIN THRU HOLE 1.56 DIA. 0.95 DIA.
(SOUND PORT)
2.575 2.500 2.425 2.21 REF
1.22 BSC 1.25
3
TOP VIEW
0.98 0.88 0.78
SIDE VIEW
0.65 REF
0.64 REF 0.20 TYP x 45
BOTTOM VIEW
0.21 REF
Figure 11. 3-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV] 3.35 mm x 2.50 mm Body (CE-3-2) Dimensions shown in millimeters
ORDERING GUIDE
Model1 ADMP405ACEZ ADMP405ACEZ-RL ADMP405ACEZ-RL7 EVAL-ADMP405Z
1 2
Temperature Range -40C to +70C -40C to +70C -40C to +70C
Package Description 3-Terminal LGA_CAV 3-Terminal LGA_CAV, 13" Tape and Reel 3-Terminal LGA_CAV, 7" Tape and Reel Evaluation Board
Package Option CE-3-22 CE-3-22 CE-3-22
Ordering Quantity 1 10,000 1,000
Z = RoHS Compliant Part. This package option is halide free.
Rev. PrH | Page 11 of 12
03-12-2010-A
ADMP405 NOTES
Preliminary Technical Data
(c)2010 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. PR09027-0-4/10(PrH)
Rev. PrH | Page 12 of 12


▲Up To Search▲   

 
Price & Availability of EVAL-ADMP405Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X