Part Number Hot Search : 
EN8737A DU2880T 1Z20A 2SB123 702MU NTE524 BTS7811K AMS3106M
Product Description
Full Text Search
 

To Download EUP3475 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3A, 28V, 1MHz Synchronous Step-Down Converter
DESCRIPTION
The EUP3475 is a 1MHz fixed frequency synchronous current mode buck regulator. The device integrates both 135m[ high-side switch and 90m[ low-side switch that provide 3A of continuous load current over a wide operating input voltage of 4.5V to 28V.The internal synchronous power switch increases efficiency and eliminates the need for an external Schottky diode. Current mode control provides fast transient response and cycle-by-cycle current limit. The EUP3475 features short circuit and thermal protection circuits to increase system reliability. Externally programmable soft-start allows for proper power on sequencing with respect to other power supllies and avoids input inrush current during startup. In shutdown mode, the supply current drops below 1A. The EUP3475 is available in SOP-8 package with the exposed pad.
EUP3475
FEATURES
3A Continuous Output Current 110ns Minimum On Time Integrated 135m[ High Side Switch Integrated 90m[ Low Side Switch Wide 4.5V to 28V Operating Input Range Output Adjustable from 0.8V to 24V Up to 95% Efficiency Programmable Soft-Start <1A Shutdown Current 1MHz Fixed Switching Frequency Thermal Shutdown and Over Current Protection Input Under Voltage Lockout Available in SOP-8 (EP) package RoHS Compliant and 100% Lead(Pb)-Free Halogen-Free
APPLICATIONS
Distributed Power Systems Networking Systems FPGA, DSP, ASIC Power Supplies
Typical Application Circuit
Figure 1.
EUP3475
Ver 1.1 Oct. 2009
1


▲Up To Search▲   

 
Price & Availability of EUP3475

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X