Part Number Hot Search : 
MANF460C ADUC831 MIC2290 55ZH6 EMK12G B7664 00406 74AHC1G
Product Description
Full Text Search
 

To Download EQVP-LC53 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
EQVP-LC53 SERIES
Features * * * * * * Extremely low jitter Low cost Express delivery Stability from 20ppm, -40 to +85C Absolute pull range 50ppm Serial ID with comprehensive traceability
LVDS 5x3.2mm 3.3V VCXO
Freq: 0.75MHz to 1.35GHz
OUTLINE & DIMENSIONS
Description The XPRESSO range of fully configurable VCXOs utilizes a family of proprietary ASICs developed for noise reduction to provide oscillators with noise levels comparable to traditional bulk-produced quartz and SAW-based VCXOs. XPRESSO VCXOs are low-cost, low-noise, have a wide frequency range, excellent ambient performance and are available on very short leadtimes. All XPRESSO VCXOs are 100% final tested . Electrical Specification Frequency Range: Absolute Pull Range: Operating Temperature Range: Storage Temperature Range: Supply Voltage: Input Current: Output Load: Start-up Time: Output Enable/Disable Time: Control Voltage Tuning Slope: Control Voltage Linearity: Control Voltage Tuning Range: Modulation Bandwidth: Nominal Control Voltage: Differential Output Voltage: Output Offset Voltage: Symmetry: Output Enable (Pad 2) Voltage: Output Disable (Pad 2) Voltage: Rise/Fall Times: Moisture Sensitivity Level: Termination Finish: 0.750MHz ~ 1.35GHz 50ppm -20 ~ +70 to -40 ~ +85C -55 to +125C +3.3VDC 5% 100mA 100W typical 10ms 100ns 40 ~ 75ppm/V typical 10% 0V ~ 3.3V 10kHz minimum 1.65 volts 0.6V typical 1.3Volts typical 45/55% >70% Vdd <30% Vdd 400ps 1 Au
Typical applications * Any application requiring an oscillator. * SONET * Ethernet * Storage Area Networks * Broadband Access * Microprocessors/DSP/FPGA * Industrial Controllers * Test and measurement * Fibre Channel
Supply Format Tape and Reel, 12mm tape, 8.0mm pitch, 1k reel = 178mmO 2k reel = 255mmO
Model Selection Guide
EQVP - L C 5 3 B R - 644.531250
L = LVDS C = Ceramic 5 = 5 x 3.2mm 3 = 3.3V Jitter Measurements Rj/Dj Composition Frequency Phase Jitter Time Interval Error Random Deterministic Total Jitter (Tj) (14*Rj)+Dj Jitter (Dj) (MHz) (12kHz~20MHz) s of jitter distribution Jitter (Rj) (ps) (ps p-p) (ps RMS) (ps RMS) (ps RMS) 62.5 156.25 212.5 622.08 0.77 1.19 0.89 0.99 3.0 3.6 3.9 3.2 1.3 1.3 0.9 1.1 7.0 5.8 6.7 5.3 24.9 23.6 18.7 20.7 Frequency Blank = -20~+70C R = -40 ~ +85C B = 50ppm Absolute Pull Range
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of EQVP-LC53

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X