Part Number Hot Search : 
IP7805A ASI10517 TMXW354 41200 13130 ILX551 85NFR10 IN4045R
Product Description
Full Text Search
 

To Download EPB018A5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Excelics
DATA SHEET
* * * * * * VERY HIGH fmax: 120GHz TYPICAL 0.50~0.90dB NOISE FIGURE AND 12.0~13.0dB ASSOCIATED GAIN AT 12GHz 0.3 X 180 MICRON RECESSED " MUSHROOM" GATE Si3N4 PASSIVATION ADVANCED EPITAXIAL HETEROJUNCTION PROFILE PROVIDES SUPER LOW NOISE, HIGH GAIN AND HIGH RELIABILITY Idss SORTED IN 5 mA PER BIN RANGE
EPB018A5/A7/A9
Super Low Noise High Gain Heterojunction FET

'
6
6
*

Chip Thickness: 75 13 microns All Dimensions In Microns
ELECTRICAL CHARACTERISTICS (Ta = 25 OC)
SYMBOLS NF PARAMETERS/TEST CONDITIONS Noise Figure, f=12GHz Vds=2V, Ids=15mA Ga P1dB G1dB Idss Gm Vp BVgd BVgs Rth Associated Gain, f=12GHz Vds=2V, Ids=15mA Output Power at 1dB Compression Vds=3V, Ids=25mA Gain at 1dB Compression Vds=3V, Ids=25mA Saturated Drain Current Transconductance Pinch-off Voltage EPB018A5 EPB018A7 EPB018A9 EPB018A5 EPB018A7 EPB018A9 f=12GHz f=18GHz f=12GHz f=18GHz MIN TYP 0.50 0.65 0.95 13.0 12.5 12.0 15.0 15.0 15.0 13.0 45 90 -0.8 -3 -3 -6 -6 185
o
MAX 0.60 0.80 1.20
UNIT dB
12.0 11.5 11.0
dB dBm dB 80 mA mS -2.5 V V V C/W
Vds=2V, Vgs=0V
15 50
Vds=2V, Vgs=0V Vds=2V, Ids=1.0mA
Drain Breakdown Voltage Igd=10uA Source Breakdown Voltage Igs=10uA Thermal Resistance (Au-Sn Eutectic Attach)
MAXIMUM RATINGS AT 25OC SYMBOLS
Vds Vgs
PARAMETERS
ABSOLUTE1
CONTINUOUS2
Drain-Source Voltage 5V 4V Gate-Source Voltage -3V -2V Drain Current Idss Idss Ids Forward Gate Current 2mA 0.3mA Igsf Input Power 12dBm @1dB Compression Pin Channel Temperature 175oC 150oC Tch Storage Temperature -65/175oC -65/150oC Tstg Total Power Dissipation 740mW 625mW Pt Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054 Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
Excelics
DATA SHEET EPB018A5 S-PARAMETERS
2V, 15mA
FREQ (GHz) 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 21.0 22.0 23.0 24.0 25.0 26.0 27.0 28.0 29.0 30.0 31.0 32.0 33.0 34.0 35.0 36.0 37.0 38.0 39.0 40.0 Note: --- S11 --MAG ANG 0.987 -12.7 0.972 -25.2 0.954 -38.0 0.930 -50.6 0.900 -64.2 0.876 -76.5 0.854 -87.9 0.832 -98.6 0.815 -108.2 0.800 -116.8 0.788 -124.4 0.779 -131.3 0.767 -138.7 0.759 -146.1 0.747 -153.4 0.742 -161.8 0.736 -171.4 0.737 179.0 0.741 170.3 0.746 162.9 0.755 156.4 0.766 149.9 0.773 144.6 0.783 141.4 0.787 139.2 0.784 136.5 0.784 134.8 0.775 133.2 0.772 131.3 0.764 129.9 0.755 126.3 0.753 122.3 0.740 117.6 0.743 113.3 0.752 107.4 0.779 101.2 0.814 95.0 0.850 90.5 0.872 86.8 0.880 84.0 --- S21 --MAG ANG 6.651 169.6 6.514 160.5 6.378 151.5 6.163 142.4 5.929 133.0 5.630 124.6 5.303 116.7 4.993 109.3 4.681 102.6 4.409 96.5 4.168 90.7 3.959 85.3 3.779 79.9 3.631 74.5 3.487 69.1 3.377 63.1 3.222 56.8 3.077 50.5 2.899 44.7 2.727 38.9 2.483 34.1 2.324 29.5 2.175 24.9 2.060 21.1 1.965 17.3 1.908 13.7 1.828 10.2 1.771 7.3 1.734 3.5 1.695 0.1 1.655 -3.9 1.607 -7.9 1.530 -12.0 1.463 -15.7 1.404 -19.5 1.356 -23.1 1.293 -26.9 1.228 -30.9 1.155 -35.2 1.078 -39.5 --- S12 --MAG ANG 0.019 81.2 0.038 73.7 0.054 66.6 0.069 59.5 0.083 51.9 0.094 44.9 0.103 38.5 0.110 32.8 0.115 27.2 0.119 22.3 0.123 17.9 0.127 13.7 0.131 9.5 0.135 5.3 0.138 1.0 0.142 -3.3 0.144 -8.1 0.146 -12.7 0.146 -16.8 0.145 -20.5 0.140 -24.0 0.136 -26.7 0.134 -29.4 0.132 -31.2 0.133 -32.9 0.129 -34.2 0.133 -36.7 0.130 -38.2 0.133 -40.0 0.132 -42.5 0.130 -45.6 0.130 -48.8 0.128 -52.3 0.127 -56.3 0.125 -60.9 0.126 -64.7 0.124 -72.7 0.124 -77.6 0.118 -83.1 0.117 -87.9 --- S22 --MAG ANG 0.504 -9.6 0.497 -19.6 0.482 -30.0 0.462 -39.9 0.428 -50.9 0.403 -60.5 0.378 -70.2 0.353 -79.3 0.332 -87.9 0.313 -95.8 0.298 -103.5 0.286 -111.2 0.277 -118.8 0.269 -126.9 0.262 -135.2 0.259 -144.5 0.258 -155.7 0.254 -166.7 0.252 -178.0 0.253 172.6 0.278 164.1 0.284 157.1 0.285 150.8 0.294 145.9 0.300 140.6 0.309 137.1 0.317 133.4 0.321 130.8 0.337 128.2 0.343 124.5 0.362 121.5 0.376 118.2 0.398 116.5 0.416 113.3 0.437 111.1 0.455 108.0 0.474 105.5 0.490 100.6 0.496 97.5 0.498 94.1 FREQ (GHz) 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 21.0 22.0 23.0 24.0 25.0 26.0 27.0 28.0 29.0 30.0 31.0 32.0 33.0 34.0 35.0 36.0 37.0 38.0 39.0 40 0
EPB018A5/A7/A9
Super Low Noise High Gain Heterojunction FET
EPB018A7 S-PARAMETERS
2V, 15mA
--- S11 --MAG ANG 0.987 -13.3 0.972 -26.3 0.951 -41.2 0.931 -55.4 0.905 -70.2 0.880 -83.1 0.860 -94.9 0.840 -106.1 0.819 -115.6 0.802 -123.8 0.784 -131.7 0.768 -139.7 0.757 -147.5 0.744 -154.7 0.736 -162.2 0.735 -172.3 0.736 176.7 0.750 168.0 0.766 162.6 0.776 158.2 0.790 149.4 0.807 145.4 0.811 141.8 0.816 139.4 0.822 138.3 0.822 137.0 0.809 136.1 0.801 134.3 0.776 131.3 0.772 125.8 0.746 119.2 0.716 111.1 0.696 100.1 0.707 90.2 0.734 82.8 0.777 76.6 0.836 72.4 0.884 70.6 0.925 71.2 0 932 74 1 --- S21 --MAG ANG 6.211 169.5 6.132 159.7 5.989 149.8 5.766 139.8 5.504 129.7 5.156 120.6 4.793 112.3 4.460 104.8 4.151 98.2 3.878 92.2 3.667 86.5 3.492 81.1 3.344 75.8 3.243 70.3 3.142 64.6 3.043 57.8 2.896 51.0 2.762 44.3 2.605 38.3 2.436 32.2 2.161 27.0 2.010 22.4 1.880 18.4 1.763 14.7 1.681 11.7 1.618 8.8 1.586 5.8 1.571 2.4 1.548 -0.9 1.541 -5.3 1.530 -11.0 1.487 -17.0 1.419 -22.8 1.348 -28.4 1.273 -33.3 1.188 -37.8 1.108 -42.4 1.030 -46.5 0.945 -50.5 0 863 -54 6 --- S12 --MAG ANG 0.021 80.6 0.041 73.0 0.060 65.6 0.076 56.3 0.091 48.5 0.101 40.9 0.110 34.3 0.116 28.3 0.120 22.5 0.123 18.2 0.128 14.1 0.131 10.1 0.135 5.9 0.141 1.7 0.145 -2.8 0.149 -7.4 0.151 -12.9 0.153 -17.5 0.152 -21.7 0.151 -25.6 0.142 -28.9 0.136 -31.8 0.133 -33.8 0.130 -35.5 0.128 -36.3 0.127 -37.5 0.128 -39.5 0.130 -39.8 0.130 -41.5 0.134 -44.9 0.134 -49.3 0.133 -54.6 0.131 -61.3 0.130 -67.6 0.126 -74.0 0.119 -79.8 0.123 -86.0 0.116 -93.0 0.112 -99.2 0 107 -103 4 --- S22 --MAG ANG 0.675 -8.0 0.661 -16.1 0.638 -25.5 0.599 -34.0 0.550 -42.9 0.501 -51.0 0.456 -58.2 0.425 -64.8 0.400 -70.4 0.381 -75.4 0.372 -79.9 0.366 -83.5 0.359 -87.4 0.343 -92.4 0.319 -98.1 0.296 -105.3 0.271 -113.2 0.235 -125.2 0.197 -143.1 0.172 -164.5 0.197 -172.1 0.201 180.0 0.214 174.3 0.223 168.3 0.226 165.9 0.238 166.1 0.254 165.4 0.270 165.8 0.270 163.4 0.276 163.8 0.295 160.6 0.307 155.5 0.308 150.4 0.315 143.9 0.334 135.6 0.348 127.1 0.365 120.4 0.377 112.8 0.394 105.8 0 417 100 8
The data included 0.7 mils diameter Au bonding wires: 1 gate wire, 15 mils each; 1 drain wire, 20 mils each; 6 source wires, 8 mils each.
Excelics
DATA SHEET
EPB018A5/A7/A9
Super Low Noise High Gain Heterojunction FET
EPB018A7 Noise Parameters Vds=2V, Ids=15mA Gamma Opt Nfmin (MAG) (ANG) (dB) 0.85 15 0.37 0.72 35 0.43 0.69 43 0.48 0.65 52 0.55 0.64 71 0.61 0.63 79 0.68 0.62 87 0.89 0.6 112 1.1 0.58 131 1.3 0.57 142 1.45 0.56 152 1.69 0.56 169 1.83 0.55 -176 2.05
Freq (GHz) 2 4 6 8 10 12 14 16 18 20 22 24 26
Rn/50 0.24 0.2 0.19 0.18 0.16 0.15 0.14 0.1 0.071 0.055 0.05 0.037 0.045


▲Up To Search▲   

 
Price & Availability of EPB018A5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X