Part Number Hot Search : 
YT396J 020A0 GMZ33 1761B BU4911 C2020T C230M3 APTGT1
Product Description
Full Text Search
 

To Download EL3010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Features:
* Peak breakdown voltage - 250V: EL301X - 400V: EL302X - 600V: EL305X * High isolation voltage between input and output (Viso=5000 V rms ) * Compact dual-in-line package * Pb free and RoHS compliant. * UL approved (No. E214129) * VDE approval (pending) * SEMKO approval (pending) * NEMKO approval (pending) * DEMKO approval (pending) * FIMKO approval (pending) * CSA approval (pending)
EL301X Series EL302X Series EL305X Series
Description
The EL301X, EL302X and EL305X series of devices each consist of a GaAs infrared emitting diode optically coupled to a monolithic silicon random phase photo Triac. They are designed for interfacing between electronic controls and power triacs to control resistive and inductive loads for 115 to 240 VAC operations. . Schematic
Applications
Solenoid/valve controls Lamp ballasts Static AC power switch Interfacing microprocessors to 115 to 240Vac peripherals Incandescent lamp dimmers Temperature controls Motor controls
1 2 6 5
3
4
Pin Configuration 1. Anode 2. Cathode 3. No Connection 4. Terminal 5. Substrate (do not connect) 6. Terminal
Everlight Electronics Co., Ltd. Document NoPDS-ELRP-001 Rev. 0
1
http://www.everlight.com February 23, 2008
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Absolute Maximum Ratings (Ta=25C)
Parameter Forward current Reverse voltage Input Power dissipation Derating factor (above 85C) EL301X Off-state Output Terminal Voltage Output EL302X EL305X Peak Repetitive Surge Current Power dissipation Derating factor (above 85C) Isolation voltage *1 Total power dissipation Operating temperature Storage temperature Soldering temperature *2 ITSM PD VDRM Symbol IF VR PD
EL301X Series EL302X Series EL305X Series
Rating 60 6 100 3.8 250 400 600 1 300 7.4
Unit mA V mW mW /C
V
A mW mW /C V rms mW C C C
Viso PD Topr Tstg Tsol
5000 330 -55~+100 -55~+125 260
Notes *1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1, 2 & 3 are shorted together, and pins 4, 5 & 6 are shorted together. *2 For 10 seconds.
Everlight Electronics Co., Ltd. Document NoPDS-ELRP-001 Rev. 0
2
http://www.everlight.com February 23, 2008
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Electrical Characteristics (Ta=25C unless specified otherwise)
Input
Parameter Forward voltage Reverse Leakage current Symbol VF IR Min. Typ.* 1.18 Max. 1.5 10 Unit V A
EL301X Series EL302X Series EL305X Series
Condition IF = 10mA VR = 6V
Output
Parameter Peak Blocking Current Peak On-state Voltage Critical Rate of Rise off-state Voltage EL301X EL302X EL305X Symbol IDRM VTM Min. dv/dt 1000 Typ.* 100 Max. 100 2.5 V/s Unit nA V Condition VDRM = Rated VDRM IF = 0mA ITM=100mA peak, IF=Rated IFT VPEAK =Rated VDRM, IF=0 (Fig. 8) VPEAK =400V, IF=0 (Fig. 8)
Transfer Characteristics
Parameter EL3010 EL3021 EL3051 LED Trigger Current EL3011 EL3022 EL3052 EL3012 EL3023 EL3053 Holding Current * Typical values at Ta = 25C IH IFT Symbol Min. Typ.* Max. 15 Unit Condition
-
-
10
mA
Main terminal Voltage=3V
-
250
5 -
A
Everlight Electronics Co., Ltd. Document NoPDS-ELRP-001 Rev. 0
3
http://www.everlight.com February 23, 2008
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Typical Performance Curves
EL301X Series EL302X Series EL305X Series
Everlight Electronics Co., Ltd. Document NoPDS-ELRP-001 Rev. 0
4
http://www.everlight.com February 23, 2008
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X Series EL302X Series EL305X Series
Figure 8. Static dv/dt Test Circuit & Waveform
D.U.T. A K T1 10 k RTEST
VT
CTEST
50
High Voltage Pulse Source
T2
Applied VT Waveform VPEAK 0.632 x VPEAK 0 RC
Measurement Method
The high voltage pulse is set to the required VPEAK value and applied to the D.U.T. output side through the RC circuit above. LED current is not applied. The waveform VT is monitored using a x100 scope probe. By varying RTEST, the dv/dt (slope) is increased, until the D.U.T. is observed to trigger (waveform collapses). The dv/dt is then decreased until the D.U.T. stops triggering. At this point, RC is recorded and the dv/dt calculated. dv/dt = 0.632 x VPEAK RC
5 http://www.everlight.com February 23, 2008
Everlight Electronics Co., Ltd. Document NoPDS-ELRP-001 Rev. 0
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X Series EL302X Series EL305X Series
For example, VPEAK = 400V for EL302X series. The dv/dt value is calculated as follows: dv/dt = 0.63 x 400 RC 252 = RC
Order Information
Part Number
or or
EL301XY(Z)-V EL302XY(Z)-V EL305XY(Z)-V
Note X = Part No. for EL301x (0, 1 or 2) X = Part No. for EL302x, EL305x (1, 2 or 3) Y = Lead form option (S, S1, M or none) Z = Tape and reel option (TA, TB or none). V = VDE safety approved option
Option None M S (TA) S (TB) S1 (TA) S1 (TB) Standard DIP-6
Description
Packing quantity 65 units per tube 65 units per tube 1000 units per reel 1000 units per reel 1000 units per reel 1000 units per reel
Wide lead bend (0.4 inch spacing) Surface mount lead form + TA tape & reel option Surface mount lead form + TB tape & reel option Surface mount lead form (low profile) + TA tape & reel option Surface mount lead form (low profile) + TB tape & reel option
Everlight Electronics Co., Ltd. Document NoPDS-ELRP-001 Rev. 0
6
http://www.everlight.com February 23, 2008
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X Series EL302X Series EL305X Series
Package Drawings
(Dimensions in mm)
Standard DIP Type
Option M Type
Everlight Electronics Co., Ltd. Document NoPDS-ELRP-001 Rev. 0
7
http://www.everlight.com February 23, 2008
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Option S Type
EL301X Series EL302X Series EL305X Series
Option S1 Type
Everlight Electronics Co., Ltd. Document NoPDS-ELRP-001 Rev. 0
8
http://www.everlight.com February 23, 2008
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Recommended pad layout for surface mount leadform
EL301X Series EL302X Series EL305X Series
Device Marking
EL 3053 YWWV
Notes EL 3053 Y WW V denotes Everlight denotes Device Number denotes 1 digit Year code denotes 2 digit Week code denotes VDE option
Everlight Electronics Co., Ltd. Document NoPDS-ELRP-001 Rev. 0
9
http://www.everlight.com February 23, 2008
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Tape & Reel Packing Specifications
Option TA
EL301X Series EL302X Series EL305X Series
Option TB
Direction of feed from reel
Direction of feed from reel
Tape dimensions
Dimension No. Dimension (mm)
A 10.40.1
B 7.520.1
Do 1.5+0.1/-0
D1 1.5+0.1/-0
E 1.750.1
F 7.50.1
Dimension No. Dimension (mm)
Po 4.00.15
P1 1.60.1
P2 2.00.1
t 0.350.03
W 16.00.2
K 4.50.1
Everlight Electronics Co., Ltd. Document NoPDS-ELRP-001 Rev. 0
10
http://www.everlight.com February 23, 2008
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Solder Reflow Temperature Profile
EL301X Series EL302X Series EL305X Series
260 C (peak) >255 C (30s Min) 217C 200C 1-3 C/Sec Max 60 - 140 Sec
150C 70 - 170 Sec
1-3 C/Sec Max
TIME (S)
Everlight Electronics Co., Ltd. Document NoPDS-ELRP-001 Rev. 0
11
http://www.everlight.com February 23, 2008
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X Series EL302X Series EL305X Series
DISCLAIMER
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for use outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT. Reproduction in any from is prohibited without the specific consent of EVERLIGHT.
Everlight Electronics Co., Ltd. Document NoPDS-ELRP-001 Rev. 0
12
http://www.everlight.com February 23, 2008


▲Up To Search▲   

 
Price & Availability of EL3010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X