Part Number Hot Search : 
TQ144 SB101 BSR17 D7810 C31002 HT45F E002365 2SC3851
Product Description
Full Text Search
 

To Download ECHU01103GX5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Plastic Film Capacitors Stacked Metallized PPS Film Chip Capacitor
Type:
ECHU(X)
Stacked metallized PPS film as dielectric with simple mold-less construction
IFeatures
* Small in size (minimum size 1.6 mm 0.8 mm) * 85 C, 85 %RH, W.V. 1.0 for 500 hours * For reflow soldering * RoHS directive compliant
IRecommended Applications
* Time-constant * Filtering * Oscillation and resonance
IExplanation of Part Numbers
1 2 3 4 5 6 7 8 9 10 11 12
E
C
H
U
Rated voltage Capacitance
X
Cap. Tol. Suffix Suffix
Product code
Dielectric & construction
01 10 VDC 1C 16 VDC 1H 50 VDC
G 2 % J 5 %
ISpecifications
Category temp. range (Including temperature-rise on unit surface) Rated voltage Capacitance range Capacitance tolerance Withstand voltage Dissipation factor (tan ) Insulation resistance (IR) Soldering conditions 55 10 VDC to 125 50 VDC
Tape width Reel diameter Tape width 8 mm and diameter 8 mm 5 size o180 mm o330 mm reel is prepared. 12 mm 9 size o330 mm
16 VDC
(50 VDC: 0.12 F or more: Derating or rated voltage by 1.25 % / 0.00010 F to 0.22 F (E12) 2 %(G), tan 5 %(J) , 1 kHz) Between terminals : Rated volt. (VDC)150 % 60 s 0.6 % (20
at more than 105
)
10 VDC IR 3000 M (20 , 10 VDC, 60 s) 16 VDC IR 3000 M (20 , 10 VDC, 60 s) 50 VDC IR 3000 M (20 , 50 VDC, 60 s) Reflow soldering : 260 C max. and 95 sec max. at more than 220 C (Temp. at cap. surface)
Please consult us for flow soldering In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please refer to the page of "Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage".
IConstruction
IDimensions in mm (not to scale)
saize code K1 J1 J2 H1 H2 H3 G1 G2 G3 E1 E2 D1 D3 D4 L 1.6 2.0 2.0 3.2 3.2 3.2 3.2 3.2 3.2 4.8 4.8 6.0 6.0 6.0 W 0.8 1.25 1.25 1.6 1.6 1.6 2.5 2.5 2.5 3.3 3.3 4.1 4.1 4.1 H 0.7 0.9 1.1 0.9 1.1 1.5 1.1 1.5 2.1 1.5 2.1 1.9 2.5 2.8 e 0.35 0.45 0.45 0.65 0.65 0.65 0.65 0.65 0.65 0.80 0.80 0.80 0.80 0.80 g 0.4 0.6 0.6 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 2.0 2.0
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
ITaping Specification for Automatic Mounting Refer to the page of taping specifications IRating, Dimensions & Quantity/Reel
Rated volt. 16 VDC Cap. (F) 0.00010 0.00012 0.00015 0.00018 0.00022 0.00027 0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 Part No. ECHU1C101 ECHU1C121 ECHU1C151 ECHU1C181 ECHU1C221 ECHU1C271 ECHU1C331 ECHU1C391 ECHU1C471 ECHU1C561 ECHU1C681 ECHU1C821 ECHU1C102 ECHU1C122 ECHU1C152 ECHU1C182 ECHU1C222 ECHU1C272 ECHU1C332 ECHU1C392 ECHU1C472 ECHU1C562 ECHU1C682 ECHU1C822 ECHU1C103 ECHU1C123 ECHU1C153 ECHU1C183 ECHU1C223 ECHU1C273 ECHU1C333 ECHU1C393 ECHU1C473 ECHU1C563 ECHU1C683 ECHU1C823 ECHU1C104 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5
Dimensions (mm)
GCapacitance tolerance : 2 % (G), 5 % (J)
Rated volt. 50 VDC
Size Code
L 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 2.0 2.0 2.0 2.0 2.0 2.0 2.0 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2
W 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.6 1.6 1.6 1.6 1.6 1.6 1.6 1.6 2.5 2.5 2.5 2.5
H 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.7 0.9 0.9 0.9 0.9 0.9 1.1 1.1 0.9 0.9 0.9 0.9 1.1 1.1 1.5 1.5 1.5 1.5 2.1 2.1
Q'ty
Part No. X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X5 X9 X9 X9 X9 X9 X9 X9 X9 X9
Dimensions (mm)
K1 K1 K1 K1 K1 K1 K1 K1 K1 K1 K1 K1 K1 K1 K1 K1 K1 K1 J1 J1 J1 J1 J1 J2 J2 H1 H1 H1 H1 H2 H2 H3 H3 G2 G2 G3 G3
ECHU1H101 ECHU1H121 ECHU1H151 ECHU1H181 ECHU1H221 ECHU1H271 ECHU1H331 ECHU1H391 4000 ECHU1H471 ECHU1H561 ECHU1H681 ECHU1H821 ECHU1H102 ECHU1H122 ECHU1H152 ECHU1H182 ECHU1H222 ECHU1H272 ECHU1H332 ECHU1H392 ECHU1H472 ECHU1H562 ECHU1H682 ECHU1H822 3000 ECHU1H103 ECHU1H123 ECHU1H153 ECHU1H183 ECHU1H223 ECHU1H273 ECHU1H333 ECHU1H393 ECHU1H473 2000 ECHU1H563 ECHU1H683 ECHU1H823 ECHU1H104 ECHU1H124 ECHU1H154 ECHU1H184 ECHU1H224
L 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 4.8 4.8 4.8 4.8 4.8 6.0 6.0 6.0 6.0
W 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.6 1.6 1.6 1.6 1.6 1.6 1.6 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.3 3.3 3.3 3.3 3.3 4.1 4.1 4.1 4.1
H 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 0.9 1.1 1.1 1.1 1.1 1.5 1.5 1.5 2.1 2.1 1.5 1.5 1.5 2.1 2.1 1.9 1.9 2.5 2.8
Size Code
Q'ty
J1 J1 J1 J1 J1 J1 J1 J1 J1 J1 J1 J1 J1 J1 J1 J1 J1 J1 H1 H1 H1 H1 H1 H2 H2 G1 G1 G2 G2 G2 G3 G3 E1 E1 E1 E2 E2 D1 D1 D3 D4
3000
2000
3000
2000
Cap. tol. code
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
GCapacitance tolerance : 2 % (G), 5 % (J) Rated volt. 10 VDC Cap. (F) 0.00010 0.00012 0.00015 0.00018 0.00022 0.00027 0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.0010 0.0012 0.0015 0,0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 Part No.
Dimensions (mm)
Size Code
IRating, Dimensions & Quantity/Reel
L
W
H
Q'ty
Please use 16 VDC rating of ECHU(X)
ECHU01332MX5 ECHU01392MX5 ECHU01472MX5 ECHU01562MX5 ECHU01682MX5 ECHU01822MX5 ECHU01103MX5 ECHU01123MX5 ECHU01153MX5 ECHU01183MX5 ECHU01223MX5 ECHU01273MX5
L
1.6 1.6 1.6 1.6 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
0.8 0.8 0.8 0.8 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25
0.7 0.7 0.7 0.7 0.9 0.9 0.9 0.9 0.9 0.9 1.1 1.1
K1 K1 K1 K1 J1 J1 J1 J1 J1 J1 J2 J2
4000
3000
Please use 16 VDC rating of ECHU(X)
Cap. tol. code
IRecommended for Land Dimensions (mm)
Land dimensions Size Code
A
Reflow soldering
B C
K1 J1,J2 H1,H2,H3 G1,G2,G3 E1,E2 D1,D3,D4
0.6 0.8 1.8 1.8 3.0 4.0
2.0 2.4 3.6 3.6 5.6 7.0
0.7 1.1 1.4 2.3 3.0 3.8
It is not warrantable that you can mount the capacitor without trouble under all the mounting condition when "Recommender for Land dimensions" is adopted.
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.


▲Up To Search▲   

 
Price & Availability of ECHU01103GX5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X