Part Number Hot Search : 
630BH023 2N605 CM421690 MMSZ523 E101M 93100 DB1CB1AA AN574
Product Description
Full Text Search
 

To Download DTC143XKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTC143XKA
SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
FEATURES
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors.(see equivalent circuit) * The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely Eliminating parasitic effects.
f .037 (0.95)
SOT-23-3L
* Only the on/off conditions need to be set for operation marking device design easy.
.016 (0.40)
(3)
* * * * *
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.009 gram
(1)
.111 (3.02)
.119 (2.82) .079 (2.00)
.071 (1.80)
(2)
.067 (1.70) .059 (1.50)
f .028 (0.70) 0.116(2.95) 0.104(2.65) .008 (0.10) R.002 (.05) .004 (0.20)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. (2) (1) (1) IN (2) GND (3) OUT
O
.049(1.25) .041(1.05) .004(0.10) .000(0.00)
(3) MAXIMUM RATINGES ( @ TA = 25 C unless otherwise noted ) RATINGS Supply Voltage Input Voltage Output Current
o
Dimensions in inches and (millimeters)
SYMBOL VCC VIN IO IC(MAX) Pd TJ TSTG
o
VALUE 50 -7~+20 100 100 200 150 -55 to +150
.012 (0.30)
MECHANICAL DATA
UNITS V V mA
Power dissipation Junction temperature Storage Temperature
mW
o o
C C
ELECTRICAL CHARACTERISTICS ( @ TA = 25 C unless otherwise noted ) CHARACTERISTICS Input voltage Output voltage Input current (VCC= 5V,IO=100uA) (VO= 0.3V,IO=20mA) (IO/II=10mA/0.5mA) (VI= 5V) SYMBOL VI(off) VI(on) VO(on) II IO(off) GI R2/R1 fT MIN. 2.5 30 1.7 3.29 TYP. 0.1 2.1 250 4.7 MAX. 0.3 0.3 1.8 0.5 2.6 6.11 MHz KW 2006-3 UNITS V V V mA mA
Output current (VCC= 50V,VI=0) DC current gain (VO= 5V,IO= 10mA) Resitance ratio Transistion frequency (VO= 10V,IO= 5mA,f=100MHz) Input resistance NOTE: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
R1
RATING AND CHARACTERISTICS CURVES ( DTC143XKA )
100 50 VI(on), INPUT VOLTAGE (V) 20 10 5 2 1 500m 200m 100m 100u 200u 500u 1m 2m 5m 10m 20m 50m 100m
Ta = -40 OC 25 OC 100 OC Vo = 0.3V
10m 5m IO, OUTPUT CURRENT (A) 2m 1m 500u 200u 100u 50u 20u 10u 5u 2u 1u 0 0.5 1.0 1.5 2.0
Ta = 100 OC 25 OC -40OC
VCC =5V
2.5
3.0
Figure1 Input voltage vs. output current (ON characteristics)
1K
Ta =100 C 25 OC -40OC
O
IO, OUTPUT CURRENT (A)
Figure2 Output current vs. input voltage (OFF characteristics)
10m VO(on), OUTPUT VOLTAGE (V) 5m 2m 1m 50m 20m 10m 5m 2m
Ta = 100 OC 25 OC -40OC IO/II =20
VI(off), INPUT VOLTAGE (A)
500 GI, DC CURRENT GAIN 200 100 50 20 10 5 2 1 100u 200u 500u
Vo = 5V
1m
2m
5m
10m
20m 50m 100m
1m
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure3 DC current gain vs. output current
IO, OUTPUT CURRENT (A)
Figure4 Output voltage vs. output current
IO, OUTPUT CURRENT (A)
IN
R1 R2
OUT
GND
IN GND
OUT
Figure5 Equivalent circuit
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of DTC143XKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X