Part Number Hot Search : 
74LVC1 NP80N055 15PFI CA61T 74LVC00A 4044B BD169 M32SV
Product Description
Full Text Search
 

To Download DTC143EKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTC143EKA
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
FEATURES
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors. * The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. * Only the on/off conditions need to be set for operation marking device design easy.
.016 (0.40) .012 (0.30) .004 (0.20)
SOT-23-3L
f .037 (0.95)
(1)
MECHANICAL DATA
* * * * *
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.009 gram
.111 (3.02)
.119 (2.82) .079 (2.00)
.071 (1.80)
(3) (2)
.067 (1.70) .059 (1.50)
f .028 (0.70) 0.116(2.95) 0.104(2.65) R.002 (.05) .008 (0.10)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. (2) (1) (1) IN (2) GND (3) OUT
O
.049(1.25) .041(1.05) .004(0.10) .000(0.00)
(3) MAXIMUM RATINGES ( @ TA = 25 C unless otherwise noted ) RATINGS Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature
o o
Dimensions in inches and (millimeters)
SYMBOL VCC VIN IO IC(MAX) Pd Tj Tstg
LIMITS 50 -10~+30 100 100 200 150 -55 ~150
UNITS V V
mA mW
o
C C
o
ELECTRICAL CHARACTERISTICS ( @ TA = 25 C unless otherwise noted ) CHARACTERISTICS Input voltage (VCC= 5V, IO= 100mA) Input voltage (VO= 0.3V, IO= 20mA) Output voltage (IO / II= 10mA / 0.5mA) Input current (VI= 5V) Output current (VCC= 50V,VI= 0) DC current gain (VO= 5V,IO= 10mA) Input resistance Resistance ratio Transition frequency (VO= 10V,IO= 5mA, f= 100MHz) NOTE: "Fully ROHS compliant", "100% Sn plating (Pb-free)". SYMBOL VI(off) VI(on) Vo(on) II Io(off) GI R1 R2 / R1 MIN 3 20 3.29 0.8 TYP 4.7 1 250 MAX 0.5 0.3 1.8 0.5 6.11 1.2 V mA mA KW MHz 2006-3 UNITS V
fT
RATING AND CHARACTERISTICS CURVES (DTC143EKA)
100 50
VO= 0.3V
10m 5m 2m
VCC= 5V
VI(on), INPUT VOLTAGE (V)
10 5 2 1 500m 200m 100m
Ta= -40 C O 25 C O 100 C
O
IO, OUTPUT CURRENT (A)
20
1m 500m 200m 100m 50m 20m 10m 5m 2m 1m
Ta= 100 C O 25 C O -40 C
O
100m 200m 500m
1m
2m
5m
10m 20m
50m 100m
0
0.5
1.0
1.5
2.0
2.5
3.0
1K 500
Figure1 Input voltage vs. output current (ON Characteristics)
VO= 5V
IO, OUTPUT CURRENT (A)
1 500m
Figure2 Output current vs. input voltage (OFF Characteristics)
IO / II= 20 Ta= 100 C O 25 C O -40 C
O
VI(off), INPUT VOLTAGE (V)
Gi, DC CURRENT GAIN
200 100 50 20 10 5 2 1
Ta= 100 C O 25 C O -40 C
O
VO(on), OUTPUT VOLTAGE (V) 10m 20m 50m 100m
200m 100m 50m 20m 10m 5m 2m
100m 200m 500m
1m
2m
5m
1m
100m 200m 500m
1m
2m
5m
10m
20m
50m 100m
Figure3 DC current gain vs. output current
IO, OUTPUT CURRENT (A)
Figure4 Output voltage vs. output current
IO, CUTPUT CURREN(A)
IN
R1 R2
OUT
GND
IN GND
OUT
Figure5 Equivalent circuit
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of DTC143EKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X