Part Number Hot Search : 
D401M94R CA001 52RA1A2 GJ9585 DS21Q48 ZUMT918 B4908 30130
Product Description
Full Text Search
 

To Download DF22BR-3S-792C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22 Series
Complete Locking Function
Completely enclosed locking system
Protection from shorts circuits between adjacent Contacts
Features
1. 30 A maximum current
Single position connector can carry current of 30 A with #10 AWG conductor. Please refer to Table #1 for current ratings for multiposition connectors using other conductor sizes.
Prevention of Incorrect Connections R Type (Guide key: right side, Color: black)
2. Complete Locking Function
Reliable interior lock protects mated connectors from accidental disconnection.
3. Prevention of Incorrect Connections
To prevent incorrect connection when using multiple connectors having the same Number of contacts, 3 product types having different mating configurations are available.
4. Molded-in contact retention tabs
Handling of terminated contacts during the crimping is easier and avoids entangling of wires, since there are no protruding metal tabs.
Standard Type (Guide key: inside, Color: natural)
5. Prevention of incorrect board placement
Built-in posts assure correct connector placement and orientation on the board.
6. Supports encapsulation
Connectors can be encapsulated up to 10 mm without affecting the performance.
7. Prevention of Short Circuits Between Adjacent Contacts
Each Contact is completely surrounded by the insulator housing electrically isolating it from adjacent contacts.
L Type (Guide key: left side, Color: red)
8. Increased Retention Force of Crimped Contacts and confirmation of complete contact insertion
Separate contact retainers are provided for applications where extreme pull-out forces may be applied against the wire or when a visual confirmation of the full contact insertion is required.
9. Full Line of Crimp Socket Contacts
Realizing the market needs for multitude of different applications, Hirose has developed several variants of crimp socket contacts and housings. Continuous development is adding different variations. Contact your nearest Hirose Electric representative for latest developments. *The photographs on the left show header (the board dip side), the photographs on the right show the socket (cable side). *The guide key position is indicated in position facing the mating surface of the header.
10. In-line Connections
Connectors can be ordered for in-line cable connections. In addition, assemblies can be placed next to each other allowing 4 position total (2 2) in a small space.
Applications
Office equipment, power supplies for industrial, medical and instrumentation applications, variety of consumer electronic, and electrical applications.
11. Listed by UL, C-UL, and TUV.
B107
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. DF22 Series7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Product Specifications
Current rating Ratings AWG10 Number of contacts 30A 1 25A 2 25A 3 22A 4 22A 5 Specification UL/C-UL TUV AWG12 25A 20A 20A 18A 18A AWG16 AWG14 15A 20A 15A 18A 15A 18A 13A 15A 13A 15A AC/DC 1000V AC/DC 600V AC/DC 600V Operating temperature range -35c to 85c (Note 1) Operating humidity range 20% to 80% Storage temperature range -10c to 60c (Note 2) Storage humidity range 40% to 70% (Note 2) UL/C-UL/TUV UL C-UL TUV File No. and Recognition No. : E52653 : E52653 : R9950703
Voltage rating Item 1. Contact resistance 2. Insulator resistance 3. Withstanding voltage
Specification Contact resistance(Initial value): 5 m ohms max. 1000 M ohms min. No flashover or Insulator breakdown 0.3N min., 5N max. Contact resistance of 10 m ohms max. No electrical discontinuity of 1 s. min. No electrical discontinuity of 1 s. min. Contact resistance 10 m ohms max. Contact resistance of 10 m ohms max. No deformation of the insulator parts affecting performance 20mV max., 1mA 1000 V DC 2500 V AC for 1 minute
Condition
4. Insertion-Extraction force (per contact) 5. Durability (mating/unmating) 6. Vibration 7. Shock 8. Humidity 9. Temperature cycle 10. Resistance to Soldering heat
Measured with a steel pin of 1.6 x 0.8 0.002 thickness 30 cycles Frequency 10 to 55 Hz, single amplitude of 0.75 mm, 3 axis, duration of 2 hours Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis. Temperature 40c 2c, 90% to 95% RH, 96 hours (-55c: 30 minutes 5 to 35c: 5 minutes85c: 30 minutes5 to 35c: 5 minutes) for 5 cycles Flow solder temperature 250c, for 10 seconds Manual soldering: Soldering iron temperature 300c, 3 seconds
Note 1: Current rating of header is 30A (1 pos.) and 25A (2 to 5 pos.) Note 2: Includes temperature rise caused by the current flow. Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation. Note 4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a specific part number shown.
Materials
Product Sockets Crimp contacts Headers Part Insulator Contacts Insulator Contacts Material Polyamide High conductivity copper alloy Polyamide (Glass reinforced) High conductivity copper alloy Finish Color: Natural white Tin-lead plated Color: Natural beige Tin-copper plated (Note) (Note) Remarks UL94V-0 ---------UL94V-0 ----------
Note : Standard Color, colors of the differing coupling forms are black for DF22R and red for DF22L.
Ordering Information
Socket, Header
Contacts
DF22 B L - 2 S - 7.92 C
1 2 3 4 5 6 7 4 Number of contacts : 1 to 5 5 Connector type
S DS P EP DEP RS/P 6 Contact pitch 7 Type of housing C DSA DS No letter
DF22 A - 1416 SCF
1 8 9 8 Applicable Cable
Blank : UL1430 A : UL1015 9 Applicable Conductor 1416 : AWG 14 to AWG 16 1012 : AWG 10 to AWG 12 10 Packaging SCF : Socket contacts / Reel SC : Socket contacts / Bag PCF : In-line plug contacts / Reel PC : In-line plug contacts / Bag
10
1 Series name: DF22 2 Form Type
Sockets Blank : Standard height, standard lock (Type I) B : Long type, standard lock (Type III) C : Long type, ergonomic lock (Type IV) In-line Plugs Blank : With panel stop A : Without panel stop 3 Guide key type Blank : Inside (Color: natural) R : Right side (Color: black) L : Left side (Color: red)
: Socket : Double-row socket : Header : In-line plug : Double-row in-line plug : Retainer : 7.92 mm : Crimp housing : Straight header : Right-angle header : Retainer
B108
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or Series7.92 mm Contact Pitch, High-Current Hirose website RoHS search at www.hirose-connectors.com, (UL, C-UL and TUV Listed) DF22 will be discontinued soon. Please check the products status on the Connectors for Internal Power Supplies or contact your Hirose sales representative.
Crimp Sockets (Standard Type)
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
1 Pos.
7.7
8
2 to 5 Pos.
P=7.92
A B
Type 1 Standard lock
14.5
Contact No. 1 20
10.4 20
Type 1 Standard lock
(11.55)
Cavity No.
A 1
No. of contacts indicator
(11.55)
Contact No. 1 indicator
A 3
14.5
7.7
Cavity No.
No. of contacts indicator
Type I Height: Standard type, Standard lock
Note: The part number and CL No. have changed to accommodate the product form change of the 2 to 5 pos. types.
Standard Type (Guide Key: Inside, Color: White)
Part Number DF22-1S-7.92C(28) DF22-2S-7.92C(28) DF22-3S-7.92C(28) DF22-4S-7.92C(28) DF22-5S-7.92C(28) CL No. 680-1012-2-28 680-1004-4-28 680-1005-7-28 680-1006-0-28 680-1007-2-28 Number of contacts 1 2 3 4 5 A B RoHS 8.00 ----15.50 7.92 23.42 15.84 YES 31.34 23.76 39.26 31.68
R Type (Guide Key: Right Side, Color: Black)
Part Number DF22R-1S-7.92C(28) DF22R-2S-7.92C(28) DF22R-3S-7.92C(28) DF22R-4S-7.92C(28) DF22R-5S-7.92C(28) CL No. 680-1026-7-28 680-1027-0-28 680-1028-2-28 680-1029-5-28 680-1030-4-28 Number of contacts 1 2 3 4 5 A B RoHS 8.00 ----15.50 7.92 23.42 15.84 YES 31.34 23.76 39.26 31.68
L Type (Guide Key: Left Side, Color: Red)
Part Number DF22L-1S-7.92C(28) DF22L-2S-7.92C(28) DF22L-3S-7.92C(28) DF22L-4S-7.92C(28) DF22L-5S-7.92C(28) CL No. 680-1031-7-28 680-1032-0-28 680-1033-2-28 680-1034-5-28 680-1035-8-28 Number of contacts 1 2 3 4 5 A B RoHS 8.00 ----15.50 7.92 23.42 15.84 YES 31.34 23.76 39.26 31.68
Note: Bag packaging (100 pieces/bag). Order by number of bags.
B109
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. DF22 Series7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Crimp Sockets (Height, Long Type)
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
1 Pos.
8 7.7
2 to 5 Pos.
P= 7.92
A B
Type 4 Type 3 Height: Long type, Height: Long type, Enhanced Standard lock ergonomic lock
Type 4 Type 3 Height: Long type, Height: Long type, Enhanced Standard lock Contact No. 1 ergonomic lock
14.5 14.5 23
(12.75)
(11.55)
Cavity No.
A 1
No. of contacts indicator
(12.75) (11.55) Contact No. 1 indicator
A 3
23
10.4
7.7
Cavity No.
No. of contacts indicator
Type III Height: Long type, Standard lock
Type IV Height: Long type, Enhanced ergonomic lock
Standard Type (Guide Key: Inside, Color: White)
Part Number DF22B-2S-7.92C DF22B-3S-7.92C DF22B-4S-7.92C DF22B-5S-7.92C CL No. 680-1097-5 680-1098-8 680-1099-0 680-1100-8 Number of contacts 2 3 4 5 A B RoHS 15.50 7.92 23.42 15.84 YES 31.34 23.76 39.26 31.68
Standard Type (Guide Key: Inside, Color: White)
Part Number DF22C-1S-7.92C DF22C-2S-7.92C DF22C-3S-7.92C DF22C-4S-7.92C CL No. 680-1101-0 680-1102-3 680-1103-6 680-1104-9 Number of contacts A B RoHS 1 8.00 ----2 15.50 7.92 YES 3 23.42 15.84 4 31.34 23.76
Note: Bag packaging (100 pieces/bag). Order by number of bags.
R Type (Guide Key: Right Side, Color: Black)
Part Number DF22CR-3S-7.92C CL No. 680-1130-9 Number of contacts A B RoHS 3 23.42 15.84 YES
L Type (Guide Key: Left Side, Color: Red)
Part Number DF22CL-1S-7.92C DF22CL-3S-7.92C CL No. 680-1133-7 680-1135-2 Number of contacts A B RoHS 1 8.00 ----YES 3 23.42 15.84
Note: Bag packaging (100 pieces/bag). Order by number of bags.
B110
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or Series7.92 mm Contact Pitch, High-Current Hirose website RoHS search at www.hirose-connectors.com, (UL, C-UL and TUV Listed) DF22 will be discontinued soon. Please check the products status on the Connectors for Internal Power Supplies or contact your Hirose sales representative.
Straight header
1 Pos.
10.8 4.05 1.5 9.3
A
2 to 5 Pos.
Cavity No.
No. of contacts indicator 12.45 9.7
3
A B
A
Cavity No.
12.45
Contact No. 1 indicator
18.1
18.1
9
3.7
3.2
2.3 8.7 10.8 3.9 3.2
0.8 3.7 O1.5 3.45 0.8 4.35
1
No. of contacts indicator
Standard Type (Guide Key: Inside, Color: Natural Beige)
Part Number DF22-1P-7.92DSA(**) DF22-2P-7.92DSA(**) DF22-3P-7.92DSA(**) DF22-4P-7.92DSA(**) DF22-5P-7.92DSA(**) CL No. 680-1013-5-** 680-1014-8-** 680-1015-0-** 680-1016-3-** 680-1017-6-** Number of contacts 1 2 3 4 5 A B Bag Packaging Tray Packaging RoHS ----10.08 ---- ---- 17.22 7.92 ---- YES 25.14 15.84 ---- 33.06 23.76 ---- 40.98 31.68
BPCB mounting pattern (Board thickens: 1.60.1)
1 Pos.
11.10.1 8.5 2.5 +0.1 0
2-R0.5
+0.1 --0.2
1.4
[Specification number] (05) : Tin-copperplated bag packaging (25) : Tin-copperplated tray packaging
R Type (Guide Key: Right Side, Color: Black)
Part Number DF22R-1P-7.92DSA(**) DF22R-2P-7.92DSA(**) DF22R-3P-7.92DSA(**) DF22R-4P-7.92DSA(**) DF22R-5P-7.92DSA(**) CL No. Number of contacts 1 680-1036-0-** 2 680-1037-3-** 3 680-1038-6-** 4 680-1039-9-** 5 680-1040-8-** A B Bag Packaging Tray Packaging RoHS ----10.08 ---- ---- 17.22 7.92 ---- 25.14 15.84 YES ---- 33.06 23.76 ---- 40.98 31.68
2 to 5 Pos.
3.450.05
. O1
+ 0 0 .1
L Type (Guide Key: Left Side, Color: Red)
Part Number DF22L-1P-7.92DSA(**) DF22L-2P-7.92DSA(**) DF22L-3P-7.92DSA(**) DF22L-4P-7.92DSA(**) DF22L-5P-7.92DSA(**) Number of contacts CL No. 1 680-1041-0-** 2 680-1042-3-** 3 680-1043-6-** 4 680-1044-9-** 5 680-1045-1-** A B Bag Packaging Tray Packaging RoHS ----10.08 ---- ---- 17.22 7.92 ---- YES 25.14 15.84 ---- 33.06 23.76 ---- 40.98 31.68
* -O 1. 7
3.40.1
3.20.05
1+0.1 0
6
.1 +00
P=7.920.05 B0.05
Note 1: Bag packaging (100 pieces/bag). Order by number of bags. Note 2: Tray packaging (150 pieces/tray). Order by number of 150.
4.350.05
B111
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. DF22 Series7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Right angle header
A B C P=7.92
12.2
9.45
17.6
O1.5 0.8
A 5
No. of contacts indicator
5
Cavity No.
3.7
[specification number] (05) : Tin-copper plated
1.2
Standard Type (Guide Key: Inside, Color: Natural Beige)
Part Number DF22-2P-7.92DS(05) DF22-3P-7.92DS(05) DF22-4P-7.92DS(05) DF22-5P-7.92DS(05) CL No. Number of contacts 2 680-1008-5-05 3 680-1009-8-05 4 680-1010-7-05 5 680-1011-0-05 A 19.80 27.72 35.64 43.56 C RoHS B 15.00 7.92 22.92 15.84 YES 30.84 23.76 38.76 31.68
BPCB mounting pattern (Board thickens: 1.60.1)
B0.05
R Type (Guide Key: Right Side, Color: Black)
Part Number DF22R-2P-7.92DS(05) DF22R-3P-7.92DS(05) DF22R-4P-7.92DS(05) DF22R-5P-7.92DS(05) CL No. Number of contacts 2 680-1018-9-05 3 680-1019-1-05 4 680-1020-0-05 5 680-1021-3-05 A 19.80 27.72 35.64 43.56 C RoHS B 15.00 7.92 22.92 15.84 YES 30.84 23.76 38.76 31.68
2-
O1
C0.05
.6
+0 0 .1
P=7.920.05
L Type (Guide Key: Left Side, Color: Red)
Part Number DF22L-2P-7.92DS(05) DF22L-3P-7.92DS(05) DF22L-4P-7.92DS(05) DF22L-5P-7.92DS(05) CL No. Number of contacts 2 680-1022-6-05 3 680-1023-9-05 4 680-1024-1-05 5 680-1025-4-05 A 19.80 27.72 35.64 43.56 C RoHS B 15.00 7.92 22.92 15.84 YES 30.84 23.76 38.76 31.68
15.20.05
*
-
. O1
1 0. +0
5
Note: Bag packaging (100 pieces/bag). Order by number of bags.
B112
15.2
24
9
3.5
Contact No.1
1.6
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or Series7.92 mm Contact Pitch, High-Current Hirose website RoHS search at www.hirose-connectors.com, (UL, C-UL and TUV Listed) DF22 will be discontinued soon. Please check the products status on the Connectors for Internal Power Supplies or contact your Hirose sales representative.
In-line plug (Panel lock type)
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
1 Pos.
12.72 8.12
9.3
2, 3 Pos.
12.72 9.97
3
A B
3
Contact No.1
Cavity No.
No. of contacts indicator
No. of contacts indicator
10.5
Cavity No.
34.95
20.7
34.95
A1
3
A
20.7
Contact No. 1 indicator
3 2 1
16.3
C
Standard Type (Guide Key: Inside, Color: White)
Part Number DF22-1EP-7.92C DF22-2EP-7.92C DF22-3EP-7.92C CL No. 680-1048-0 680-1049-2 680-1050-1 A C RoHS Number of contacts B 1 9.30 ----- 16.30 2 17.22 7.92 24.22 YES 3 25.14 15.84 32.14
BPanel Cutout
1 Pos.
(15.8-X) +0.1 0 9.6+0.1 0
3.50.1
Part Number DF22R-2EP-7.92C DF22R-3EP-7.92C
CL No. 680-1059-6 680-1060-5
A C RoHS Number of contacts B 2 17.22 7.92 24.22 YES 3 25.14 15.84 32.14
L Type (Guide Key: Left Side, Color: Red)
Part Number DF22L-1EP-7.92C DF22L-2EP-7.92C CL No. 680-1063-3 680-1064-6 A Number of contacts 1 9.30 2 17.22 C RoHS B ----- 16.30 YES 7.92 24.22
13.02 +0.1 0
4.16 +0.1 0
R Type (Guide Key: Right Side, Color: Black)
Panel thickness 2.0 1.6 1.2 0.8
X 0.48 0.96 1.44 1.92
2, 3 Pos.
4.835
+0.1 0
(C-0.5-X) +0.1 0 (A+0.4) +0.1 0 110.2 3.50.1
Note: Bag packaging (100 pieces/bag). Order by number of bags.
+0.1 0 +0.1 0
13.02
10.27
B113
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. DF22 Series7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
In-line Plug
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
1 Pos.
9.3
2, 3 Pos.
A B
Contact No.1
12.72 No. of contacts indicator 9.97
12.72
Cavity No.
No. of contacts indicator
10.5
Cavity No.
3
A
34.95
A
1
34.95
Contact No. 1 indicator
3 2 1
Standard Type (Guide Key: Inside, Color: Natural Beige)
Part Number DF22A-1EP-7.92C DF22A-2EP-7.92C DF22A-3EP-7.92C CL No. 680-1053-0 680-1054-2 680-1055-5 Number of contacts B RoHS A 1 9.30 ----2 18.00 7.92 YES 3 26.00 15.84
R Type (Guide Key: Right Side, Color: Black)
Part Number DF22AR-2EP-7.92C DF22AR-3EP-7.92C CL No. 680-1069-0 680-1070-9 A Number of contacts B RoHS 2 18.00 7.92 YES 3 26.00 15.84
L Type (Guide Key: Left Side, Color: Red)
Part Number DF22AL-2EP-7.92C CL No. 680-1074-0 A Number of contacts 2 18.00 B RoHS 7.92 YES
Note: Bag packaging (100 pieces/bag). Order by number of bags.
B114
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or Series7.92 mm Contact Pitch, High-Current Hirose website RoHS search at www.hirose-connectors.com, (UL, C-UL and TUV Listed) DF22 will be discontinued soon. Please check the products status on the Connectors for Internal Power Supplies or contact your Hirose sales representative.
In-line Double-row socket
15.5 7.92
Standard lock
Shown with terminated and installed contacts.
Standard Type (Guide Key: Inside, Color: White)
Part Number DF22B-4DS-7.92C CL No. 680-1142-8 Number of contacts 4 Lock type Standard lock RoHS YES
(21.29)
Contact No.1 indicator
1
A
23 14.5
20.14 17.44
Contact No.1
3
R Type (Guide Key: Right Side, Color: Black)
Part Number DF22BR-4DS-7.92C CL No. 680-1156-2 Number of contacts 4 Lock type Standard lock RoHS YES
Cavity No.
2 4
No. of contacts indicator
L Type (Guide Key: Left Side, Color: Red)
Part Number DF22BL-4DS-7.92C CL No. 680-1161-2 Number of contacts 4 Lock type Standard lock RoHS YES
Note: Bag packaging (100 pieces/bag). Order by number of bags.
In-line Double-row Plug
3
17.22 7.92
3
17.22 7.92 21.79 19.04
21.79 19.04
Contact No.1
10.5 No. of contacts indicator 24.22 10.5
Contact No.1
No. of contacts indicator
Cavity No.
Cavity No.
34.95 20.7
Shown with terminated and installed contacts.
Standard Type (Guide Key: Inside, Color: White)
3 1
34.95 20.7
4
A
4
A
Part Number DF22-4DEP-7.92C DF22A-4DEP-7.92C
CL No. 680-1051-4 680-1056-8
Number of contacts Connector type RoHS 4 With snap-in tabs YES 4 Without snap-in tabs
Contact No.1 indicator
3
1
Contact No.1 indicator
4
2
4
2
R Type (Guide Key: Right Side, Color: Black)
Part Number DF22R-4DEP-7.92C DF22AR-4DEP-7.92C CL No. 680-1170-3 680-1184-8 Number of contacts Connector type RoHS 4 With snap-in tabs YES 4 Without snap-in tabs
BPanel Cutout (Panel mount type)
(23.72-X) +0.1 0 19.76 +0.1 0 110.2 6.30.1
L Type (Guide Key: Left Side, Color: Red)
19.34 +0.1 0
Part Number DF22L-4DEP-7.92C DF22AL-4DEP-7.92C
CL No. 680-1175-7 680-1189-1
Number of contacts Connector type RoHS 4 With snap-in tabs YES 4 Without snap-in tabs
22.09 +0.1 0
Note: Bag packaging (100 pieces/bag). Order by number of bags.
9.62+0.1 0 17.62 +0.1 0
Panel thickness 2.0 1.6 1.2 0.8
X 0.48 0.96 1.44 1.92
B115
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. DF22 Series7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Retainer
For Standard height, standard lock (Type I)
For Long type, standard lock (Type III) Long type, enhanced ergonomic lock (Type IV)
Cavity No.
Cavity No.
A
A
A B 2 2 7.92 7.92
A B
8.6
3.2
Cavity No.
A5 4 3 2 1 No. of contacts indicator
Cavity No.
A5 4 3 2 1 No. of contacts indicator
Part Number DF22-2RS/P-7.92 DF22-3RS/P-7.92 DF22-4RS/P-7.92 DF22-5RS/P-7.92 Applicable Socket
CL No. Number of contacts A B RoHS 15.50 7.92 2 680-1209-7 23.42 15.84 3 680-1210-6 YES 31.34 23.76 4 680-1211-9 39.26 31.68 5 680-1212-1 DF22-*S-7.92C For Standard height, standard lock (Type I) * indicates number of contacts.
Part Number DF22B/C-2RS/P-7.92 DF22B/C-3RS/P-7.92 DF22B/C-4RS/P-7.92 DF22B/C-5RS/P-7.92
3.2
11.6
Note: Bag packaging (100 pieces/bag). Order by number of bags.
Applicable Socket
CL No. Number of contacts A B RoHS 15.50 7.92 680-1200-2 2 23.42 15.84 680-1201-5 3 YES 31.34 23.76 680-1202-8 4 39.26 31.68 680-1203-0 5 DF22B-*S-7.92C For Long type, standard lock (Type III) DF22C-*S-7.92C Long type, enhanced ergonomic lock (Type IV) DF22-*EP-7.92C DF22A-*EP-7.92C * indicates number of contacts.
Note: Bag packaging (100 pieces/bag). Order by number of bags.
B116
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or Series7.92 mm Contact Pitch, High-Current Hirose website RoHS search at www.hirose-connectors.com, (UL, C-UL and TUV Listed) DF22 will be discontinued soon. Please check the products status on the Connectors for Internal Power Supplies or contact your Hirose sales representative.
Crimp Contact for socket
For AWG# 14 to 16 For AWG# 10 to 12
3.8
4.7 2.8
3.8
4.7 2.8
20.8
17
17
1.61.5 2.7 1.4
3 0.8
O1 .5
4
0.8
O2
P=15.5
t=0.3
P=16.5
1.6 1.3 2.9 1.4
21.8
t=0.4
Part Number
CL No.
UL style
Applicable cable Jacket diameter Wire size
Stranded wire conductor
Packaging Reel Bag Reel Bag Reel Bag
Quantity 2,500 100 2,000 100 2,000 100
RoHS
DF22-1416SCF 680-1000-3 1430 2.4 to 3.0 AWG#16 DF22-1416SC 680-1001-6 26/0.254 AWG#14 DF22A-1416SCF 680-1002-9 41/0.26 3.0 to 3.8 DF22A-1416SC 680-1003-1 1015 AWG#12 DF22A-1012SCF 680-1089-7 65/0.26 3.6 to 4.9 AWG#10 DF22A-1012SC 680-1090-6 104/0.26 Note 1: Applicable wire with tin plated solid soft conductor. Note 2: When using other than the recommended wire, contact your nearest Hirose representative. Note 3: Strip length: 3.5 to 4.5mm
YES
Crimp Contact for In-line Plug
3.8 1.6
4.7 2.8 0.8
29
25.2
1.4
1416
3 0.8
O1 .5
P=15.5
1.6 t=0.3
Part Number
CL No.
UL style
Applicable cable Jacket diameter Wire size
1.5 2.7
Stranded wire conductor
Packaging Reel Bag Reel Bag
Quantity 2,500 100 2,000 100
RoHS
DF22-1416PCF 680-1078-0 1430 2.4 to 3.0 AWG#16 DF22-1416PC 680-1080-2 26/0.254 DF22A-1416PCF 680-1079-3 AWG#14 41/0.26 1015 3.0 to 3.8 DF22A-1416PC 680-1081-5 Note 1: Applicable wire with tin plated solid soft conductor. Note 2: When using other than the recommended wire, contact your nearest Hirose representative. Note 3: Strip length: 3.5 to 4.5mm
YES
B117
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. DF22 Series7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
BMating Dimensions
Socket to Straight Header Connection
1 Pos.
(12.45) DF22--/1RS/P--7.92 DF22B#--1S--7.92C DF22C#--1S--7.92C (13.5) DF22B/C--1RS/P--7.92
DF22#--1S--7.92C(28)
(23.7)
DF22#--1P--7.92DSA(05)
(25.7)
DF22#--1P--7.92DSA(05)
2 to 5 Pos.
(12.45) DF22--*RS/P--7.92 DF22B#--*S--7.92C DF22C#--*S--7.92C DF22#--*S--7.92C(28) (13.5)
DF22B/C--*RS/P--7.92
(26.7) DF22#--*P--7.92DSA(05) (31.6) (29.6) DF22#--*S--7.92C(28) DF22--*RS/P--7.92 (34.6) (32.6) DF22B#--*S--7.92C DF22C#--*S--7.92C DF22B/C--*RS/P--7.92 (13.3) (12.25) (26.7)
DF22#--*P--7.92DSA(05)
Socket to Right angle Header Connection
DF22#--*P--7.92DS(05)
DF22#--*P--7.92DS(05)
B118
(23.7)
(25.7)
(28.7)
(28.7)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or Series7.92 mm Contact Pitch, High-Current Hirose website RoHS search at www.hirose-connectors.com, (UL, C-UL and TUV Listed) DF22 will be discontinued soon. Please check the products status on the Connectors for Internal Power Supplies or contact your Hirose sales representative.
Socket to In-line Plug (Panel mount type) Connection
(44.55) (40.55) DF22#--*S--7.92C(28) DF22#--*EP--7.92C
DF22B/C---*RS/P--7.92 (47.55) (43.55) DF22#--*EP--7.92C
DF22--*RS/P--7.92C DF22B#--*S--7.92C DF22C#--*S--7.92C
DF22B/C--*RS/P--7.92
DF22B/C--*RS/P--7.92
Socket to In-line Plug Connection
(44.55) (40.55) DF22A#--*EP--7.92C (13.0) DF22B/C--*RS/P--7.92 DF22--RS/P--7.92 (47.55) (43.55) DF22A#--*EP--7.92C (14.2) DF22B/C--*RS/P--7.92 DF22B/C--*RS/P--7.92 DF22B#--*S--7.92C DF22C#--*S--7.92C DF22#--*S--7.92C(28)
(14.2)
(13.0)
B119
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. DF22 Series7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
In-line Double-row socket to In-line Double-row Plug (Panel mount type) Connection
(43.55)
DF22B#--4DS--7.92C
DF22#--4DEP--7.92C (43.55) DF22C#--4DS--7.92C
DF22#--4DEP--7.92C
In-line Double-row socket to In-line Double-row Plug Connection
(43.55) DF22B#--4DS--7.92C
DF22A#--4DEP--7.92C (43.55) DF22C#--4DS--7.92C
DF22A#--4DEP--7.92C
B120
(23.3)
(22.1)
(23.3)
(22.1)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or Series7.92 mm Contact Pitch, High-Current Hirose website RoHS search at www.hirose-connectors.com, (UL, C-UL and TUV Listed) DF22 will be discontinued soon. Please check the products status on the Connectors for Internal Power Supplies or contact your Hirose sales representative.
BTools
Type Press unit Applicators are used in automatic crimping machines manufactured by Hirose Electric Automatic Applicators are used in automatic crimping machines manufactured by other companies Item Part Number CM-105 AP105-DF22-1416 AP105-DF22A-1416 AP109A-DF22-1416 AP109A-DF22A-1416 AP109A-DF22A-1012 HT104/DF22-1416 Manual Crimp tools HT104/DF22A-1416 CL No. 901-0005-4 901-4576-7 901-4578-2 901-4579-5 901-4580-4 901-4582-0 550-0285-0 550-0286-2 550-0288-8 Applicable Contacts DF22/DF22A-1416SCF/PCF DF22-1416SCF/PCF DF22A-1416SCF/PCF DF22-1416SCF/PCF DF22A-1416SCF/PCF DF22A-1012SCF DF22-1416SC/PC DF22A-1416SC/PC DF22A-1012SC
HT103/DF22A-1012 Note 1: When crimping contact DF22A-1012SCF use a press with 3.5 ton min. Note 2: AP109A type applicators cannot be used with the CM-105 press.
BContact Extraction
Contact extraction tool: Flat-bladed screwdriver, 1.4 mm blade width Intended crimp Contacts: DF22-1416SC(F), DF22A-1416SC(F), DF22A-1012SC(F), DF22-1416PC(F), and DF22A-1416PC(F) Work Method Housing Cross-Sectional Diagram
(1)
Flat-bladed screwdriver
1. Refer to the drawing No. 1. Insert correct size screwdriver in the insulator against the molded-in lance. Deflect the lance as shown.
Molded-in lance
(2) 2. Assure that the lance is deflected to release the contact and pull- out wire with the terminated contact.
BPrecautions
Make sure that the lock is fully depressed before un-mating the connectors. Use correct size of the wires. Do NOT forcefully twist or deform wires, as this may affect the crimped contact connection.
B121
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. DF22 Series7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
BCurrent Ratings
The current rating listed in the catalog indicates the allowable current per contact. However, in applications requiring current transmission through all the contacts, about one-third of the listed rating should be applied. When the current rating for the connector is 3 A, and the allowable current of the conductor being used is 1 A, then rating of 1 A will be used for the entire assembly. The connectors should not be mating / unmating when the electrical current is being applied. Hot swap should not be performed.
BUsage Environment
Please contact us about use in equipment that is subjected to repetitive high temperature and low temperature environmental conditions.
B122


▲Up To Search▲   

 
Price & Availability of DF22BR-3S-792C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X