Part Number Hot Search : 
28F008S3 LS373 80010 C02WDS3 MCH6626 F2002 CDBN0145 MA4P159
Product Description
Full Text Search
 

To Download DBCPHC2907AS1-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PIN HEADERS
Industry compatible Competitively priced Various plated contacts available 2.00mm pitch
DUAL ROW STRAIGHT 2.00mm
SECTION 8
SPECIFICATION
Material & Finish
Contact Material: Insulator Material: Current Rating: Brass PBT&Glass-FibreReinforcedUL94V-0 1ADC 30MMaxat6VDC0.3A 1000MMinat500VDC
Contact Resistance: Insulator Resistance: Dielectric Withstanding Voltage:
500VACforOneMinute -40Cto+105C
Operating Temperature:
OUTLINE DRAWING A
B 5.08 2.0 5.08 4
A A B B
A = 2.00mm x N of Positions B = (2.00mm x N of Positions)-1
2.54
2.0 2.54
E mm EE mm mm FF mm mm F 2.8 FF E 3.9 EE G 8.7
G GG mm G G mm mm
2.54 2.0 2.54 2.54 0.64 2.54 2.0 0.64 0.5
F mm
ORDERING INFORMATION DBC
Dubilier Connectors
Forotherdimensionvariationspleaseconsultoffice
PH
PinHeader Connector
C29
Series
04
NofWays
02=2x2way Throto 40=40x2way
A
ContactMaterial A=Brass
G
ContactPlating G=GoldFlash S=Selective T=TinPlated
1
Colour 1=Black
-XXX
UniqueSpecial Code *SeeBelow
*Dubilier will allocate a special code to distinguish pin lengths if required
181
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758


▲Up To Search▲   

 
Price & Availability of DBCPHC2907AS1-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X