Part Number Hot Search : 
PSDI50 A472M 402ML HN27C DS75LXU AK4397EQ CAT93C56 EDDTRP
Product Description
Full Text Search
 

To Download CX241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CX241 Series
* Mini-SIP SSR * Ratings to 1.5A @ 280 VAC * SCR output * DC control * Zero-crossing (resistive loads) or random-fire (inductive loads) output
PRODUCT SELECTION
Control Voltage
4-10 VDC
Zero Crossing
CX241
Random Fire
CX241R
OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms] Transient Overvoltage [Vpk] Maximum Off-State Leakage Current @ Rated Voltage [mArms] Minimum Off-State dv/dt @ Maximum Rated Voltage [V/sec] (3) Maximum Load Current [Arms](3) Minimum Load Current [Arms] Maximum Surge Current (16.6ms) [Apk] Maximum On-State Voltage Drop @ Rated Current [Vpk] Minimum Power Factor (with Maximum Load) 12-280 600 0.1 500 1.5 0.025 40 1.5 0.5 12-280 600 0.1 500 1.5 0.025 40 1.5 0.5
INPUT SPECIFICATIONS (1)
Description
Control Voltage Range Must Turn On Voltage Must Turn Off Voltage Typycal Input Current @ 5 VDC Nominal Input Impedance Maximum Turn-On Time [msec] Maximum Turn-Off Time [msec]
DC Control
4-10 VDC 4.0 VDC 1.0 VDC 15 mAdc 300 Ohm 1/2 Cycle 1/2 Cycle
GENERAL SPECIFICATIONS
Description
Dielectric Strength, Input/Output/Base (50/60Hz)(2) Minimum Insulation Resistance (@ 500 VDC) (2) Maximum Capacitance, Input/Output Ambient Operating Temperature Range Ambient Storage Temperature Range Weight (typical) Encapsulation
Parameters
4000 Vrms
10 9 Ohm
8.0 pF -30 to 80C -30 to 125C 0.4 oz. (11 g) Thermally Conductive Epoxy
GENERAL NOTES
1) All parameters at 25C unless otherwise specified. 2) Dielectric and insulation resistence are measured between input and output 3) Off-State dv/dt test method per EIA/NARM standard RS-443
For Contact information visit our web site.
www.crydom.com
(c)2008 Crydom, Inc. Specifications subject to change without notice.
MECHANICAL SPECIFICATIONS
DC CONTROL. PIN 1: AC LOAD PIN 2: AC LOAD PIN 3: +DC CONTROL PIN 4: -DC CONTROL
THERMAL DERATE INFORMATION
AGENCY APPROVALS
UL E116950 CSA LR81689 VDE 5921 UG
Rev. 061608
For Contact information visit our web site.
www.crydom.com
(c)2008 Crydom, Inc. Specifications subject to change without notice.
For Contact information visit our web site.
www.crydom.com
(c)2008 Crydom, Inc. Specifications subject to change without notice.
ANNEX - ENVIROMENTAL INFORMATION
For Contact information visit our web site.
www.crydom.com
(c)2008 Crydom, Inc. Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of CX241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X