Part Number Hot Search : 
EPM570GT P6KE27 LT1019 SLA50 C18F67 CDBB280L 2SC1398 AAT3124
Product Description
Full Text Search
 

To Download CWD-4812A12M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC Converter UNIT
CW SERIES (10W~12W Wide Input Range)
FEATURES
*10W to 12W dil package *9-18V, 18-36V, 36-72V Wide Input Range *100% Burned in *High efficiency *UL 94V-0 Package material *Costum solutions available *RoHS compliant *3 Years warranty
OUTPUT SPECIFICATIONS
Voltage Set point Accuracy Temperature Coefficient Ripple & Noise (20MHz BW)1 Line Regulation2 Load Regulation3 Minimum Load Short Circuit Protection Short Circuit Restart Transient Response5 Over Load Protection +/-2% max +/-0.05%/ C 100mVp-p max +/-0.5% max +/-0.5% max 20% of Full Load Continuous Automatic 350uS max 100% ~180%
INPUT SPECIFICATIONS
Input Voltage Range Input Filter Protection 2:1 Input Range Pi Network Fuse Recommended
GENERAL SPECIFICATIONS
Efficiency Isolation Voltage4 Isolation Resistance Isolation Capacitance Switching Frequency MTBF6 Weight Case Material Case Size Potting Material Conducted Emissions Radiated Emissions Remote On / Off -On -Off -Off idle current 78% min 1500 VDC min 109 ohms min 2200pF max 400 KHz Typ >600,000 Hours 18.5g Typ Five-sided shield case 31.8mm*20.3mm*12.2mm Epoxy (UL94-V0) EN55022 Class A EN55022 Class A 3.0...12V/DC or open circuit (referenced to-Vin) 0...1.2V/DC or short circuit (pin 1 and pin 2/3) 2.5 mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature Storage Temperature Case Temperature Humidity Cooling -40 C to +85 C -55 C to +105 C 95% C max 95% max Free-Air Convection
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD , AND 25 C UNLESS OTHERWISE NOTED. [1] Measured with 1uF ceramic capacitor connect to the output pins. [2] High Line to Low Line. [3] Load Regulation is for output load current change from 20% to 100%. [4] 1500Vdc for 10 seconds [5] 25% Step Load Change. [6] MIL-HDBK-217F @25 C , Ground Benign.
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (1)
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.0, 20th May 2008
All specifications are subject to change without notice.
DC-DC Converter UNIT
CW SERIES (10W~12W Wide Input Range)
SELECTION GUIDE(1) 2:1 10W~12W OUTPUT
MODEL[7] NUMBER INPUT VOLTAGE (VDC)
9-18 9-18 9-18 9-18 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 36-75 36-75 36-75 36-75
OUTPUT VOLTAGE (VDC)
2.5 3.3 5 12 15 +/-5 +/-12 +/-15 2.5 3.3 5 12 15 +/-5 +/-12 +/-15 2.5 3.3 5 12 15 +/-5 +/-12 +/-15
OUTPUT CURRENT (mA)
3000 3000 2400 1000 800 +/-1200 +/-500 +/-400 3000 3000 2400 1000 800 +/-1200 +/-500 +/-400 3000 3000 2400 1000 800 +/-1200 +/-500 +/-400
INPUT[8] CURRENT(mA) FULL LOAD
802 1025 1190 1204 1204 1235 1190 1204 401 513 602 602 590 618 595 595 201 256 298 301 294 309 298 298
NO LOAD
70 70 70 70 70 70 70 70 35 35 35 35 35 35 35 35 25 25 25 25 25 25 25 25
EFF (%)[9]
PACKAGE
Capacitor Load max
CWS-1202.5A10M CWS-1203.3A10M CWS-1205A12M CWS-1212A12M CWS-1215A12M CWD-1205A12M CWD-1212A12M CWD-1215A12M CWS-2402.5A10M CWS-2403.3A10M CWS-2405A12M CWS-2412A12M CWS-2415A12M CWD-2405A12M CWD-2412A12M CWD-2415A12M CWS-4802.5A10M CWS-4803.3A10M CWS-4805A12M CWS-4812A12M CWS-4815A12M CWD-4805A12M CWD-4812A12M CWD-4815A12M
78 80 84 83 83 81 84 83 78 80 83 83 85 81 84 84 78 80 84 83 85 81 84 84
A A A A A A A A A A A A A A A A A A A A A A A A
1000uF 1000uF 1000uF 220uF 220uF +/-670uF +/-100uF +/-47uF 1000uF 1000uF 1000uF 220uF 220uF +/-670uF +/-100uF +/-47uF 1000uF 1000uF 1000uF 220uF 220uF +/-670uF +/-100uF +/-47uF
Note: Other input to output voltages may be available. Please contact factory.
7 CW*-*****A12M AND CW*-*****A10M (Isolation For 1500 VDC) 8 NOMINAL INPUT VOLTAGE. 9 NOMINAL INPUT VOLTAGE, FULL LOAD.
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (2)
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.0, 20th May 2008
All specifications are subject to change without notice.
DC-DC Converter UNIT
CW SERIES (10W~12W Wide Input Range)
MECHANICAL DIMENSIONS
20.3[0.80]
PACKAGE "A"
2.54[0.10]
PIN
23 22 2 3
SINGLE Remote On/Off -Vin NC NC +Vout -Vout +Vin
DUAL Remote On/Off -Vin Common -Vout +Vout Common +Vin
1
BOTTOM VIEW
16 14 9 11
SIDE VIEW
31.8[1.25]
2&3 9 11
15.24[0.60] 5.08[0.20]
12.2[0.48] 3.81[0.15]
14 16 22 & 23
All dimensions are in mm[inchs]
NOTE: Pin Size is Tolerance 0.6 0.05mm All Dimensions In mm(Inches) Tolerance .X or .XX= 0.5mm
PACKAGE "A"
2.54mm
RECOMMENDED FOOTPRINT DETAILS
2.54mm
23 22 16 14
123
9
11
TOP VIEW
SIMPLIFIED SCHEMATIC
SINGLE OUTPUT
DUAL OUTPUT
Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (3)
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.0, 20th May 2008
All specifications are subject to change without notice.
DC-DC Converter UNIT
CW SERIES (10W~12W Wide Input Range)
TYPICAL PERFORMANCE CUREVES
Specifications typical at ta=25C, nominal input voltage, rated output current unless otherwise specified.
OUTPUT LOAD VS EFFICIENCY
TEMPERATURE DERATING
EFFICIENCY(%)
80.0 60.0 40.0 20.0 0.0 0 20 40 60 80 100 % OF RATED LOAD(%)
SAFE OPERATING AREA
INPUT FUSE SELECTION GUIDE
9-18V INPUT VOLTAGE(VDC)
3000mA Slow-Blow Type
18-36V INPUT VOLTAGE(VDC)
1200mA Slow-Blow Type
36-75V INPUT VOLTAGE(VDC)
600mA Slow-Blow Type
INPUT
+Vin +Vout
OUTPUT
Fuse
DC-DC CONVERTER
-Vin -Vout
Note: Certain applications may require the installation of external fuse in front of the input.
CW 10W~12W SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS: No external capacitance is required for operation of the CW 10W~12W series. To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5 ohm from DC to 100KHz is required. External output capacitance is not required for operation, however it is recommended that 10uF tantalum and 0.1uF ceramic capacitance be selected for reduced system noise. We can offer EMC-Filter According to EN55011/22 Class A. Power Systems - The Power Solution
Web: Email: www.Power-Systems.de Info@Power-Systems.de
Page (4)
Address: Hauptstr. 48 ; 74360 Ilsfeld-Auenstein / Germany Tel. : + 49 / 70 62 / 67 59 - 6 Fax: + 49 / 70 62 / 67 59 - 800
Version 1.0, 20th May 2008
All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of CWD-4812A12M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X