Part Number Hot Search : 
1330M1 1N6488 KAQY414 TXDVXX12 KAS1015 P7N60C3 AS6002 VX3730
Product Description
Full Text Search
 

To Download CSQ-2842A9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHINA SEMICONDUCTOR CORPORATION
Spec. No. PS-ND-08090201 A Rev.
PRODUCT SPECIFICATION
Model No CSQ-2842A9/2841A9
Descriptions:
0.28 Inch Quad Digit Display CSQ-2842: Common Anode CSQ-2841: Common Cathode Emitting Color Super Bright Amber
CUSTOMER APPROVED SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377
OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-88623888 Fax:86-0575-88623112
http://www.csctw.com.tw
CHINA SEMICONDUCTOR CORPORATION Model No CSQ-2842/2841A9
Spec. No. PS-ND-08090201 A Rev.
Features 1. 0.28 inch (7.0mm) digit height. 2. Case mold type. 3. RoHS compliant. 4. Low power consumption. 5. Easy mounting on P.C. board or socket.
Device Selection Guide Chip Material AlGaInP AlGaInP Emitted Color Super Bright Amber Super Bright Amber
Part No.
CSQ-2842A9 CSQ-2841A9
Description Common Anode Common Cathode
Package Dimensions -
http://www.csctw.com.tw
Page
1/4
CHINA SEMICONDUCTOR CORPORATION Model No CSQ-2842/2841A9
Spec. No. PS-ND-08090201 Rev. A
Internal Circuit Diagrams -
Absolute Maximum Rating (Ta=25 ) Parameter
Power Dissipation Per Dice Continuous Forward Current Per Dice Peak Current Per Dice(duty cycle 1/10, 1kHz) Derating Linear From 25 Reverse Voltage Per Dice Operating Temp. Storage Temp. Per Dice
Symbol PAD IAF IPF VR Topr Tstg
Rating 70 25 90 0.33 5 -35 ~ +85 -35 ~ +85
Unit mW mA mA mA/ V
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
http://www.csctw.com.tw
Page
2/4
CHINA SEMICONDUCTOR CORPORATION Model No CSQ-2842/2841A9
Spec. No. PS-ND-08090201 A Rev.
Electro-optical Characteristics (Ta=25 ) Parameter
Forward Voltage Per Segment Luminous Intensity Per Segment Peak Emission Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Reverse Current Luminous Intensity Matching Ratio
Symbol VF Iv
Min. -
Typ. 2.0 15 612 606 20 -
Max. 2.8 100 2:1
Unit V mcd nm nm nm A
.
Condition
IF=20mA IF=10mA IF=20mA IF=20mA IF=20mA VR=5V IF=10mA
q
Od
JS
IV-m
-
http://www.csctw.com.tw
Page
3/4
CHINA SEMICONDUCTOR CORPORATION Model No CSQ-2842/2841A9
Spec. No. PS-ND-08090201 Rev. A
Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted)
http://www.csctw.com.tw
Page
4/5
CHINA SEMICONDUCTOR CORPORATION Model No CSQ-2842/2841A9
Spec. No. PS-ND-08090201 Rev. A
Package Dimensions
Note: The specifications are subject to change without notice. Please contact us for updated information. http://www.csctw.com.tw 5/5 Page


▲Up To Search▲   

 
Price & Availability of CSQ-2842A9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X