|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CHENMKO ENTERPRISE CO.,LTD SURFACE MOUNT PNP Digital Silicon Transistor VOLTAGE 50 Volts APPLICATION * Switching circuit, Inverter, Interface circuit, Driver circuit. CHDTA124XKPT CURRENT 100 mAmpere FEATURE * Small surface mounting type. (SC-59/SOT-346) * High current gain. * Suitable for high packing density. * * * * Low colloector-emitter saturation. High saturation current capability. Internal isolated PNP transistors in one package. Built in bias resistor(R1=22k, Typ. ) SC-59/SOT-346 (2) (3) 0.95 2.7~3.1 0.95 (1) 1.7~2.1 CONSTRUCTION * One PNP transistors and bias of thin-film resistors in one package. 0.3~0.51 1.2~1.9 MARKING XK2 Gnd In 1 0.89~1.3 0.085~0.2 0.3~0.6 2.1~2.95 0~0.1 CIRCUIT 2 R2 TR R1 3 Out Dimensions in millimeters SC-59/SOT-346 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCC VIN IO DC Output current IC(Max.) PTOT TSTG TJ RJ-S Note 1. Transistor mounted on an FR4 printed-circuit board. 2003-12 PARAMETER Supply voltage Input voltage CONDITIONS - MIN. MAX. -50 +10 -100 V V UNIT -40 - - Tamb 25 OC, Note 1 - -55 - junction - soldering point - mA -100 200 +150 150 140 mW O Total power dissipation Storage temperature Junction temperature Thermal resistance C C C/W O O RATING CHARACTERISTIC ( CHDTA124XKPT ) CHARACTERISTICS Tamb = 25 C unless otherwise specied. SYMBOL VIoff) VI(on) VO(on) II IC(off) hFE R1 R2/R1 fT PARAMETER Input off voltage Input on voltage Output voltage Input current Output current DC current gain Input resistor Resistor ratio Transition frequency IC=-5mA, VCE=-10.0V f=100MHz = CONDITIONS IO=-100uA; VCC=-5.0V IO=-2mA; VO=-0.3V IO=-10mA; II=-0.5mA VI=-5V VI=0V; VCC=-50V IO=-5mA; VO=-5.0V - - - - 68 15.4 1.7 - MIN. -0.4 - - -0.1 - - - 22 2.1 250 TYP. - -2.5 -0.3 -0.36 -0.5 - 28.6 2.6 - K MHz MAX. V V V mA uA UNIT Note 1.Pulse test: tp300uS; 0.02. RATING CHARACTERISTIC CURVES ( CHDTA124XKPT ) Typical Electrical Characteristics Fig.1 Input voltage vs. output current (ON characteristics) -100 VO=-0.3V Fig.2 Output current vs. input voltage (OFF characteristics) -10m VCC=-5V -5m -2m -1m -500 -200 -100 -50 -20 -10 -5 -2 -1 Ta=100C 25C INPUT VOLTAGE : VI(on) (V) -20 -10 -5 -2 -1 -500m -200m -100m -100 -200 -500 -1m -2m -5m -10m -20m -50m -100m Ta=-40C 25C 100C OUTPUT CURRENT : Io (A) -50 -40C 0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 OUTPUT CURRENT : IO (A) INPUT VOLTAGE : VI(off) (V) Fig.3 DC current gain vs. output current 1k Fig.4 Output voltage vs. output current OUTPUT VOLTAGE : VO(on) (V) -1 -500m -200m -100m -50m -20m -10m -5m -2m Ta=100C 25C -40C VO=-5V IO/II=20 DC CURRENT GAIN : GI 500 200 100 50 20 10 5 2 1 -100 -200 -500 -1m -2m -5m -10m -20m -50m -100m Ta=100C 25C -40C -1m -100 -200 -500 -1m -2m -5m -10m -20m -50m -100m OUTPUT CURRENT : IO (A) OUTPUT CURRENT : IO (A) |
Price & Availability of CHDTA124XKPT |