Part Number Hot Search : 
1N2246A 2SC3720 4125P ALVC16 4312U 100ML BAJ2DD0W 74F676PC
Product Description
Full Text Search
 

To Download BDS3-3S1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FERROXCUBE
DATA SHEET
SMD beads EMI-suppression products
Supersedes data of September 2004 2008 Sep 01
Ferroxcube
EMI-suppression products
SMD BEADS FOR EMI SUPPRESSION General data ITEM Solderability Taping method SPECIFICATION "IEC 60068-2-58", Part 2, Test Ta, method 1 "IEC 60286-3" , "EIA 481-1" and "EIA 481-2"
0.2 0.015
Dimensions in mm.
SMD beads
Mechanical data
5.3 0.35 1.2 min 1.1 min
Strip material copper (Cu), tin (Sn) plated
3.05 0.15
1.27 0.07
1.8 max
MBE731
Grades, parameters and type numbers GRADE |Ztyp () |(1) at f (MHz) TYPE NUMBER
Fig.1 BDS 3/1.8/5.3.
BDS 3/1.8/5.3; mass 0.1 g (2) 3S1 28 33 25 4S2 25 38 45 10 25 100 25 100 300
0.2 0.015
Dimensions in mm.
BDS 3/1.8/5.3-3S1
4.6 0.3 1.2 min 1.1 min
3.05 0.15
1.27 0.07
BDS 3/1.8/5.3-4S2
3 max
MGC296
BDS 3/3/4.6; mass 0.15 g (2) 3S1 25 45 35 4S2 30 50 55 BDS 3/3/8.9; mass 0.3 g 3S1 55 80 55 4S2 65 100 110 3 10 25 25 100 300
(3)
BDS3/3/4.6-3S1
Fig.2 BDS 3/3/4.6.
BDS3/3/4.6-4S2
8.9 0.35 5 min 1.2 min 3 max
3.05 0.15
1.27 0.07
3 10 25 25 100 300
BDS 3/3/8.9-3S1
0.2 0.015
Dimensions in mm.
MGC297
BDS 3/3/8.9-4S2
Fig.3 BDS 3/3/8.9.
BDS 4.6/3/8.9; mass 0.5 g (3) 4S2 65 100 110 Note 1. Typical values, Zmin is -20%. 2. DC resistance <0.6 m. 3. DC resistance <1.0 m 25 100 300 BDS 4.6/3/8.9-4S2
8.9 0.35 5 min 1.2 min 3 max 0.2 0.015
Dimensions in mm.
4.6 0.3
1.27 0.07
MGC298
Fig.4 BDS 4.6/3/8.9.
2008 Sep 01
1436
Ferroxcube
EMI-suppression products
RECOMMENDED DIMENSIONS OF SOLDER LANDS Table 1 Reflow soldering DIMENSIONS (mm) SIZE A BDS 3/1.8/5.3 BDS 3/3/4.6 BDS 3/3/8.9 BDS 4.6/3/8.9 2.8 2.8 7.0 7.0 B 7.2 6.4 10.8 10.8 C 2.2 1.8 1.9 1.9 D 3.3 3.3 3.3 3.3
SMD beads
;;
B A C C D
MEA734
For dimensions see Table 1. Dimensions of solder lands are based on a solder paste layer thickness of approximately 200 m (0.7 mg solder paste per mm2).
Fig.5 Reflow and vapour phase soldering.
Table 2
Wave soldering DIMENSIONS (mm)
SIZE A BDS 3/1.8/5.3 BDS 3/3/4.6 BDS 3/3/8.9 BDS 4.6/3/8.9 2.0 2.0 6.0 6.0 B 7.2 6.4 12.2 12.2 C 2.6 2.2 3.1 3.1 D 3.0 3.0 3.0 3.0 E 0.8 0.8 2.5 2.5
;;;
B A E C C
MEA735
D
For dimensions see Table 2.
Fig.6 Wave soldering.
2008 Sep 01
1437
Ferroxcube
EMI-suppression products
Soldering profiles
SMD beads
Temp in oC Preheat 480 sec max 255 - 260 oC 217 oC
o
Soldering 20 - 40 sec
3 C/s max
o
6 C/s max
o
max 200 C min 150 oC 60 - 180 sec 60 - 150 sec
25 oC
MFP129
Time in sec
Fig.7 Reflow soldering.
300
10 s
MLA861
T
(C) 250 235 C to 260 C second wave
200
first wave
5 K/s 2 K/s
150
200 K/s
100 C to 130 C 100
forced cooling
50
2 K/s
0 0 50 100 150 200 t (s) 250
Typical values (solid line). Process limits (dotted lines).
Fig.8 Double wave soldering.
2008 Sep 01
1438
Ferroxcube
EMI-suppression products
BLISTER TAPE AND REEL DIMENSIONS
SMD beads
K handbook, full pagewidth0 T D0
P0 P2 E
cover tape B0
F W
MEA613 - 1
A0 P1 direction of unreeling
D1
For dimensions see Table 3.
Fig.9 Blister tape. Table 3 Physical dimensions of blister tape; see Fig.9 DIMENSIONS (mm) SIZE BDS3/1.8/5.3 A0 B0 K0 T W E F D0 D1 P0 P1 P2 3.25 0.1 5.85 0.1 2.0 0.1 0.3 0.05 12.0 0.3 1.75 0.1 5.5 0.05 1.5 +0.1 1.5 4.0 0.1 8.0 0.1 2.0 0.1 BDS3/3/4.6 3.45 0.1 5.1 0.1 3.1 0.1 0.25 10% 12.0 0.3 1.75 0.1 5.5 0.05 1.5 +0.1 1.5 4.0 0.1 8.0 0.1 2.0 0.05 BDS3/3/8.9 3.45 0.1 9.4 0.1 3.1 0.1 0.35 0.05 16.0 0.3 1.75 0.1 7.5 0.1 1.5 +0.1 1.5 4.0 0.1 8.0 0.1 2.0 0.1 BDS4.6/3/8.9 5.1 0.1 9.4 0.1 3.1 0.1 0.3 0.05 16.0 0.3 1.75 0.1 7.5 0.1 1.5 +0.1 1.5 4.0 0.1 8.0 0.1 2.0 0.1
2008 Sep 01
1439
Ferroxcube
EMI-suppression products
SMD beads
handbook, full pagewidth
W2
20.5
12.75
0.15 N 0
A
MSA284
W1
Dimensions in mm. For dimensions see Table 4.
Fig.10 Reel.
Table 4
Reel dimensions; see Fig.10 DIMENSIONS (mm)
SIZE A 12 16 330 330 N 100 5 100 5 W1 12.4 16.4 W2 16.4 20.4
2008 Sep 01
1440
Ferroxcube
EMI-suppression products
DATA SHEET STATUS DEFINITIONS DATA SHEET STATUS Preliminary specification Product specification PRODUCT STATUS Development DEFINITIONS
SMD beads
This data sheet contains preliminary data. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
DISCLAIMER Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Ferroxcube customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Ferroxcube for any damages resulting from such application. PRODUCT STATUS DEFINITIONS STATUS Prototype Design-in Preferred Support INDICATION DEFINITION These are products that have been made as development samples for the purposes of technical evaluation only. The data for these types is provisional and is subject to change. These products are recommended for new designs. These products are recommended for use in current designs and are available via our sales channels. These products are not recommended for new designs and may not be available through all of our sales channels. Customers are advised to check for availability.
2008 Sep 01
1441


▲Up To Search▲   

 
Price & Availability of BDS3-3S1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X