Part Number Hot Search : 
C10423 SK412 C1E3C SKY650 41052 SK412 NJW1144 LA4600
Product Description
Full Text Search
 

To Download BC857 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC856BDW Series PNP Dual General Purpose Transistors
P b Lead(Pb)-Free
3 2 1
65
4
1
4 5 6
2
3
PNP+PNP
SOT-363(SC-88)
Maximum Ratings
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current-Continuous Symbol VCEO VCBO VEBO IC BC856 65 80 5.0 100 BC857 45 50 5.0 100 BC858 30 30 5.0 100 Unit V V V mA
Thermal Characteristics
Characteristics Total Device Dissipation Per Device FR-5 Board(1)TA = 25C Derate Above 25C Thermal Resistance, Junction to Ambient Junction Temperature Range Storage Temperature Range Note : FR-5=1.0 x 0.75 x 0.062 inch Symbol PD RJA Tj Tstg Max 380 250 3.0 328 +150 -55 to +150 Unit mW mW/ C C/W C C
Device Marking
BC856BDW=3B , BC857BDW=3F , BC857CDW=3G , BC858BDW=3K , BC858CDW=3L
WEITRON
http://www.weitron.com.tw
1/6
14-Nov-07
BC856BDW Series
Electrical Characteristics Off Characteristics
Collector-Emitter Breakdown Voltage IC=10mA BC856 BC857 BC858 BC856 BC857 BC858 BC856 BC857 BC858 BC856 BC857 BC858 V(BR)CEO -65 -45 -30 -80 -50 -30 -80 -50 -30 -5.0 -5.0 -5.0 -15 -4.0 V (TA=25C Unless Otherwise noted) Symbol Min Typ Max Unit Characteristics
Collector-Emitter Breakdown Voltage VEB=0V, IC=-10A Emitter-Base Breakdown Voltage IC=-10A
V(BR)CES
V
V(BR)CBO
V
Emitter-Base Breakdown Voltage IE=-1.0A Collector Cuto Current VCB=-30V VCB=-30V, TA=150C
V(BR)EBO
V
ICBO
nA A
On Characteristics
DC Current Gain VCE = -5.0V, IC = -10A VCE = -5.0V, IC = -2.0mA BC856B, BC857B, BC858C BC857C, BC858C BC856B, BC857B, BC858C BC857C, BC858C hFE 220 420 150 270 290 520 -0.7 -0.9 450 800 -0.3 -0.65 -750 -820 -
Collector-Emitter Saturation Voltage IC = -10mA, IB = -0.5mA IC = -100mA, IB = -5.0mA Base-Emitter Saturation Voltage IC = -10mA, IB = -0.5mA IC = -100mA, IB = -5.0mA Base-Emitter Voltage VCE = -5.0V, IC = -2.0mA VCE = -5.0V, IC = -10mA
VCE(sat)
-600 -
V
VBE(sat) VBE(on)
V
mV
Small-Signal Characteristics
Current-Gain-Bandwidth Product VCE = -5.0V, IC = -10mA, f = 100MHz Output Capacitance VCB = -10V, f = 1.0kHz
Noise Figure fT Cob NF
100 -
-
4.5 10
MHz pF dB
VCE = -5.0V, IC = -0.2mA, RS = 2.0k , f = 1.0kHz, BW = 200Hz
http://www.weitron.com.tw
WEITRON
2/6
14-Nov-07
BC856BDW Series
Electrical Characteristics

Figure 1. DC Current Gain
Figure 2. "On" Voltage

Figure 3. Collector Saturation Region
Figure 4. Base-Emitter Temperature Coefficient
Figure 5. Capacitance
Figure 6. Current-Gain - Bandwidth Product
http://www.weitron.com.tw
WEITRON
3/6
14-Nov-07
BC856BDW Series

Figure 7. Normalized DC Current Gain
Figure 8. "Saturation" and "On" Voltages
Figure 9. Collector Saturation Region
Figure 10. Base-Emitter Temperature Coefficient
Figure 11. Capacitances
Figure 12. Current-Gain - Bandwidth Product
http://www.weitron.com.tw
WEITRON
4/6
14-Nov-07
BC856BDW Series

Figure 13. Thermal Response
The safe operating area curves indicate IC-VCE limits of the transistor that must be observed for reliable operation. Collector load lines for specific circuits must fall below the limits indicated by the applicable curve. The data of Figure 14 is based upon TJ(pk) = 150C; TC or TA is variable depending upon conditions. Pulse curves are valid for duty cycles to 10% provided TJ(pk) 150C. TJ(pk) may be calculated from the data in Figure 13. At high case or ambient temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by the secondary breakdown.
Figure 14. Active Region Safe Operating Area
http://www.weitron.com.tw
WEITRON
5/6
14-Nov-07
BC856BDW Series
SOT-363 Package Outline Dimensions
A
Unit:mm
SOT-363
4
6
5
BC
1 2 3
D
E
H K J L M
Dim A B C D E H J K L M
Min Max 0.10 0.30 1.15 1.35 2.00 2.20 0.65 REF 0.30 0.40 1.80 2.20 0.10 0.80 1.10 0.25 0.40 0.10 0.25
0.5 mm (min)
0.4 mm (min)
1.9 mm
http://www.weitron.com.tw
WEITRON
0.65 mm 0.65 mm
6/6
14-Nov-07


▲Up To Search▲   

 
Price & Availability of BC857

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X