Part Number Hot Search : 
FW241 MJE13003 051AE MZT3011 SNC15061 30N60C MM3Z4V3 FW236
Product Description
Full Text Search
 

To Download BAT160A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
k, halfpage
M3D087
BAT160 series Schottky barrier double diodes
Product data sheet Supersedes data of 1999 Mar 26 1999 Sep 20
NXP Semiconductors
Product data sheet
Schottky barrier double diodes
FEATURES * Low switching losses * Capability of absorbing very high surge current * Fast recovery time * Guard ring protected * Plastic SMD package. APPLICATIONS * Low power switched-mode power supplies * Rectification * Polarity protection. DESCRIPTION Planar Schottky barrier double diodes encapsulated in a SOT223 plastic SMD package.
1 2 3
MSB002 - 1
BAT160 series
PINNING BAT160 PIN A 1 2 3 4 k1 n.c. k2 a1, a2 C a1 n.c. a2 k1, k2 S a1 n.c. k2 k1, a2 Fig.2
2 n.c.
MGL171
4 1 3
BAT160A diode configuration (symbol).
page
4
4 1 3
2 n.c.
MGL172
Fig.3
Top view
BAT160C diode configuration (symbol).
MARKING TYPE NUMBER BAT160A BAT160C BAT160S MARKING CODE AT160A AT160C AT160S
4
Fig.1
Simplified outline (SOT223) and pin configuration.
1 2 n.c.
3
MGL173
Fig.4
BAT160S diode configuration (symbol).
1999 Sep 20
2
NXP Semiconductors
Product data sheet
Schottky barrier double diodes
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL Per diode VR IF IFSM IRSM Tstg Tj continuous reverse voltage continuous forward current non-repetitive peak forward current non-repetitive peak reverse current storage temperature junction temperature tp = 8.3 ms; half sinewave; JEDEC method tp = 100 s - - - - PARAMETER CONDITIONS
BAT160 series
MIN.
MAX.
UNIT
60 1 10 0.5 +150 150
V A A A C C
-65 -
ELECTRICAL CHARACTERISTICS Tamb = 25 C unless otherwise specified. SYMBOL Per diode VF forward voltage see Fig.5 IF = 100 mA IF = 1 A IF = 2 A IR reverse current VR = 60 V; note 1; see Fig.6 VR = 60 V; Tj = 100 C; note 1; see Fig.6 Cd Note 1. Pulse test: tp = 300 s; = 0.02. THERMAL CHARACTERISTICS SYMBOL Rth j-a Note 1. Refer to SOT223 standard mounting conditions. PARAMETER thermal resistance from junction to ambient note 1 CONDITIONS VALUE 100 UNIT K/W diode capacitance f = 1 MHz; VR = 4 V; see Fig 7 400 650 850 350 8 60 mV mV mV A mA pF PARAMETER CONDITIONS MAX. UNIT
1999 Sep 20
3
NXP Semiconductors
Product data sheet
Schottky barrier double diodes
GRAPHICAL DATA
BAT160 series
104 handbook, halfpage IF (mA) 103
MCD784
105 handbook, halfpage IR (A) 104
(1)
MCD768
103
(2) (3)
102
(2)
102
10
(3) (4) (4)
10
(1)
1 10-1 0 0.2 0.4 0.6 VF (V) 0.8 0 20 40 VR (V) 60
1
(1) Tamb = 125 C. (2) Tamb = 100 C.
(3) Tamb = 75 C. (4) Tamb = 25 C.
(1) Tamb = 125 C. (2) Tamb = 100 C.
(3) Tamb = 75 C. (4) Tamb = 25 C.
Fig.5
Forward current as a function of forward voltage; typical values.
Fig.6
Reverse current as a function of reverse voltage; typical values.
103 handbook, halfpage
MCD766
Cd (pF)
102
10
0
20
40
VR (V)
60
f = 1 MHz; Tamb = 25 C.
Fig.7
Diode capacitance as a function of reverse voltage; typical values.
1999 Sep 20
4
NXP Semiconductors
Product data sheet
Schottky barrier double diodes
PACKAGE OUTLINE
BAT160 series
Plastic surface mounted package; collector pad for good heat transfer; 4 leads
SOT223
D
B
E
A
X
c y HE b1 vMA
4
Q A A1
1
e1 e
2
bp
3
wM B detail X
Lp
0
2 scale
4 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.8 1.5 A1 0.10 0.01 bp 0.80 0.60 b1 3.1 2.9 c 0.32 0.22 D 6.7 6.3 E 3.7 3.3 e 4.6 e1 2.3 HE 7.3 6.7 Lp 1.1 0.7 Q 0.95 0.85 v 0.2 w 0.1 y 0.1
OUTLINE VERSION SOT223
REFERENCES IEC JEDEC EIAJ SC-73
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 99-09-13
1999 Sep 20
5
NXP Semiconductors
Product data sheet
Schottky barrier double diodes
DATA SHEET STATUS DOCUMENT STATUS(1) Objective data sheet Preliminary data sheet Product data sheet Notes PRODUCT STATUS(2) Development Qualification Production DEFINITION
BAT160 series
This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
1. Please consult the most recently issued document before initiating or completing a design. 2. The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com. DISCLAIMERS General Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions 1999 Sep 20 6 above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities. Quick reference data The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
NXP Semiconductors
Customer notification This data sheet was changed to reflect the new company name NXP Semiconductors. No changes were made to the content, except for the legal definitions and disclaimers.
Contact information For additional information please visit: http://www.nxp.com For sales offices addresses send e-mail to: salesaddresses@nxp.com
(c) NXP B.V. 2009 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands 115002/03/pp7 Date of release: 1999 Sep 20 Document order number: 9397 750 06097


▲Up To Search▲   

 
Price & Availability of BAT160A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X