Part Number Hot Search : 
AMC7110 2SB674 2SC57 TC6H138 10V10X1 150CA 38020 3HRJ0
Product Description
Full Text Search
 

To Download B84312C0114B001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Filters for Communication Lines
ISDN Systems
Series/Type:
B84312
Date: January 2004
(c) EPCOS AG 2004. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
Filters for communication lines ISDN systems
B84312
For ISDN-Interfaces S0, S2, UP0 and U2 plus Siemens Hicom installations Stopband attenuation up to 40 GHz
Features Use of coaxial feed-through capacitors on input and output Single or current-balanced chokes depending on requirement Insertion loss to CISPR 17 Installation Single filters are attached straight to the shielding wall. Larger numbers can be housed in filter cabinets or boxes. Various models and the matching flexible connector fittings are available. Overview of ISDN systems and suitable filters System Standard Number Transmission Focal of pairs rate frequency ftest 2 2.048 Mbit/s Filter ZL Filter band (Ordering code) width (5 x ftest) 1.024 MHz 5.12 MHz 120 B84312C0112E001
S2 and/or PCM 30 S0 ISDN, 2B+D UP0 ISDN, 2B+D U2B1Q ISDN, 2B+D UK0 ISDN, 2B+D U200 1B+D
CCITT, G.703 CCITT, I.430 ETS300012 ZVEI
2
144 kbit/s
96 kHz
480 kHz
85... B84312C0110E001 160 100 B84312C0114B001
1
ANSI
1
304 kbit/s (152 kbit/s in each direction) 160 kbit/s
192 kHz
960 kHz
40 kHz
200 kHz
135 B84312C0060B001
T1.601-1988 FTZ 1 1 TR 220 Interface for Siemens Hicom 1
160 kbit/s
60 kHz
300 kHz
150 B84312C0060B001
160 kbit/s (80 kbit/s in each direction)
128 kHz
640 kHz
130 B84312C0114B001
2
Filters for communication lines ISDN systems
B84312
General technical data Rated voltage Rated voltage Rated frequency Rated current Line impedance Test voltage Maximum DC resistance Permissible ambient temperature Climatic category (EN 60068-1) Approx. weight Characteristics and ordering codes VR,AC V 100 42 42 42 VR,DC V 100 80 80 80 fR MHz 0 ... 0.3 0 ... 4 0 ... 4 0 ... 10 ZL 150 100 100 50 Rmax 2 4.2 4.2 1 1 1 2 2 B84312C0060B001 B84312C0114B001 B84312C0110E001 B84312C0112E001 Number of pairs Ordering code VR,AC 42 and 100 VR,DC 80 and 100 fR IR ZL Vtest Rmax TA See characteristics 100 See characteristics 250 VDC, 2 s 250 VDC, 2 s See characteristics 25/+40 25/085/56 560 g C 25 C/+85 C/56 days damp heat test Line/line Line/case Per line V V Pass bandwidth at Z L mA Referred to +40 C ambient temperature
3
Filters for communication lines ISDN systems Insertion loss e in passband (typical) B84312C0060B001
B84312
Symmetrical measurement circuit with ZL = 150
B84312C0110E001, ...C0114B001
Symmetrical measurement circuit with ZL = 100
4
Filters for communication lines ISDN systems
B84312
B84312C0112E001
Symmetrical measurement circuit with ZL = 50
5
Filters for communication lines ISDN systems Insertion loss e in stopband (typical)
B84312
Asymmetrical measurement circuit to MIL-STD-220A B84312C0060B001 B84312C0110E001, ...C0114B001
6
Filters for communication lines ISDN systems
B84312
B84312C0112E001
Signal characteristic to CCITT G.703 for filter B84312C0112E001
7
Filters for communication lines ISDN systems
B84312
Dimensional drawing
Line connection at both ends: 2 x tab connectors for receptacle 2.8 x 0.5 (in accessory bag) Strain relief with ground connection for cable diameter 4.5 ... 6 mm Hole for installation in shielding wall
8


▲Up To Search▲   

 
Price & Availability of B84312C0114B001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X