Part Number Hot Search : 
QS5820T 74AHC00 R27V852E AM27C64 1228M H472K3 S12BDMV4 73K322L
Product Description
Full Text Search
 

To Download B43254B9107M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum electrolytic capacitors Alu-X product lines
Snap-in capacitors
Series/Type:
Data Sheet Date:
B43254 April 2008
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication and the information contained therein without EPCOS' prior express consent is prohibited.
Long life grade capacitors Applications
Snap-in capacitors Standard series - 105 C Snap-in capacitors Standard series - 105 C
B43254 B43254
Switch-mode power supplies in industrial and entertainment electronics Features High ripple current capability RoHS-compatible Long load life of 3000 h at 105 C Construction Aluminum case, fully insulated Snap-in solder pins to hold component in place on PC-board Minus pole marking on the insulating sleeve Case with safety vent
Specifications and characteristics in brief Rated voltage VR Operating temperature range Rated capacitance CR (20 C, 120 Hz) Capacitance tolerance Load life (105 C, VR, IAC,R) 160 ... 450 V DC VR 250 V DC: -40 C ... +105 C VR 350 V DC: -25 C ... +105 C 47 ... 2700 F 20% 3000 h M Requirements: C/C 20% of initial value tan 2 times initial specified limit Ileak initial specified limit
Leakage current Ileak (20 C, after 5 minutes) Dissipation factor (max.) (20 C, 120 Hz)
CR VR I leak 3 A ------- -----F V VR (V DC) tan 160 ... 400 0.15 160 ... 400 4 450 0.20 450 8
Low temperature stability VR (V DC) (impedance ratio) Z ( - 25 C ) -------------------------(120 Hz) Z ( +20 C ) Shelf life
After storage for 1000 h at 105 C, the capacitors shall meet the requirement of load life test after reforming process. After test: VR to be applied for 30 minutes, 24 to 48 hours before measurement.
50 Hz 0.90 +40 C 2.7 120 Hz 1.00 +55 C 2.5 1 kHz 1.20 +70 C 2.1 10 kHz 1.50 +85 C 1.7 20 kHz 1.55 +105 C 1.0
Frequency multiplier for rated ripple current Temperature multiplier for rated ripple current
Please read Cautions and warnings and Important notes at the end of this document.
2
04/08
Snap-in capacitors Standard series - 105 C
Dimensional drawing
Minus pole marking
d+1 max.
B43254
Base
l+2 max.
6.01*
0.8
0.
0.80.1 1.50.1 Mounting holes
1
Safety vent on the base o20.1
10 0
.2
KAL1095-Q-E
* = Shorter terminal (4.0 0.5) is also available upon request.
Please read Cautions and warnings and Important notes at the end of this document.
41 25
Insulating sleeve
3
04/08
Snap-in capacitors Standard series - 105 C
Overview of available types B43254 VR (V DC) CR (F) 47 56 68 82 22 x 20 22 x 20 22 x 20 25.4 x 20 22 x 25 25.4 x 20 22 x 25 25.4 x 25 30 x 20 22 x 30 25.4 x 25 30 x 20 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 x 35 x 25 x 25 x 20 x 40 x 30 x 25 x 20 x 45 x 35 x 30 x 25 x 50 x 40 x 30 x 25 160 200 250 350 400
B43254
450
Case dimensions d x l (mm)
22
x 25
22 x 20 25.4 x 20 22 x 25 25.4 x 20 22 x 25 25.4 x 25 30 x 20 22 x 20 22 x 30 25.4 x 25 30 x 20 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 x 35 x 30 x 25 x 20 x 40 x 30 x 25 x 20 x 45 x 35 x 30 x 25 x 50 x 40 x 30 x 25
22 x 30 25.4 x 25 22 x 30 25.4 x 25 22 x 35 25.4 x 30 30 x 25 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 x 40 x 30 x 25 x 25 x 45 x 40 x 30 x 25 x 50 x 40 x 30 x 25
100
120
150
22
x 20
22 x 25 25.4 x 20 22 x 25 25.4 x 20 22 x 25 25.4 x 25 30 x 20 22 x 30 25.4 x 25 30 x 20 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 x 35 x 30 x 25 x 20 x 40 x 35 x 25 x 25 x 45 x 35 x 30 x 25 4
180
22 x 20 25.4 x 20 22 x 20 22 x 25 25.4 x 20 22 x 25 25.4 x 25 30 x 20 22 x 30 25.4 x 25 30 x 20 22 25.4 30 35 22 25.4 30 35 x 30 x 25 x 25 x 20 x 35 x 30 x 25 x 20
220
25.4 x 50 30 x 35 35 x 25 30 35 x 40 x 30 x 45 x 35 x 50 x 40 x 45
270
22 x 25 25.4 x 20 22 x 25 25.4 x 20 22 x 25 25.4 x 25 30 x 20 22 x 30 25.4 x 25 30 x 20
25.4 x 45 30 x 35 35 x 30 25.4 x 50 30 x 40 35 x 30 30 35 x 45 x 35 x 50 x 40
330
25.4 x 45 30 x 35 35 x 30 25.4 x 50 30 x 40 35 x 35 30 35 x 45 x 35
30 35
390
30 35
470
30 35
35
Please read Cautions and warnings and Important notes at the end of this document.
04/08
Snap-in capacitors Standard series - 105 C
Overview of available types B43254 VR (V DC) CR (F) 560 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 x 35 x 30 x 25 x 20 x 40 x 30 x 25 x 20 x 45 x 35 x 30 x 25 x 50 x 40 x 30 x 25 22 25.4 30 35 22 25.4 30 35 x 40 x 30 x 25 x 25 x 45 x 35 x 30 x 25 22 25.4 30 35 x 50 x 40 x 30 x 25 30 35 x 50 x 40 x 50 35 x 45 160 200 250 350 400
B43254
450
Case dimensions d x l (mm) 35 x 50
680
25.4 x 50 30 x 35 35 x 30 30 35 x 40 x 35 x 50 x 40 x 60 x 45 x 50
35
35
x 50
820
25.4 x 45 30 x 30 35 x 25 25.4 x 50 30 x 35 35 x 30 30 35 30 35 35 35 x 40 x 35 x 50 x 40 x 45 x 50
1000
30 35
1200
25.4 x 45 30 x 35 35 x 30 25.4 x 50 30 x 40 35 x 30 30 35 30 35 35 x 45 x 35 x 50 x 45 x 50
30 35 35
1500
1800 2200 2700
Please read Cautions and warnings and Important notes at the end of this document.
5
04/08
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes VR V DC 160 CR 120 Hz 20 C F 220 270 270 330 330 390 390 390 470 470 470 560 560 560 560 680 680 680 680 820 820 820 820 1000 1000 1000 1000 1200 1200 1200 1500 1500 1500 1800 1800 2200 2200 2700 Case dimensions dxl mm 22 22 25.4 22 25.4 22 25.4 30 22 25.4 30 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 25.4 30 35 25.4 30 35 30 35 30 35 35 x 20 x 25 x 20 x 25 x 20 x 25 x 25 x 20 x 30 x 25 x 20 x 35 x 30 x 25 x 20 x 40 x 30 x 25 x 20 x 45 x 35 x 30 x 25 x 50 x 40 x 30 x 25 x 45 x 35 x 30 x 50 x 40 x 30 x 45 x 35 x 50 x 45 x 50 IAC,R 120 Hz 105 C A 0.76 0.91 0.93 1.01 1.03 1.09 1.20 1.23 1.28 1.32 1.35 1.48 1.53 1.57 1.60 1.72 1.69 1.73 1.76 1.98 1.96 2.02 2.06 2.28 2.28 2.23 2.28 2.41 2.38 2.44 2.81 2.79 2.73 3.19 3.14 3.44 3.55 4.08
B43254
Ordering code
B43254A1227M000 B43254A1277M000 B43254B1277M000 B43254A1337M000 B43254B1337M000 B43254A1397M000 B43254B1397M000 B43254C1397M000 B43254A1477M000 B43254B1477M000 B43254C1477M000 B43254A1567M000 B43254B1567M000 B43254C1567M000 B43254D1567M000 B43254A1687M000 B43254B1687M000 B43254C1687M000 B43254D1687M000 B43254A1827M000 B43254B1827M000 B43254C1827M000 B43254D1827M000 B43254A1108M000 B43254B1108M000 B43254C1108M000 B43254D1108M000 B43254A1128M000 B43254B1128M000 B43254C1128M000 B43254A1158M000 B43254B1158M000 B43254C1158M000 B43254A1188M000 B43254B1188M000 B43254A1228M000 B43254B1228M000 B43254A1278M000
Please read Cautions and warnings and Important notes at the end of this document.
6
04/08
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes VR V DC 200 CR 120 Hz 20 C F 150 180 180 220 220 270 270 270 330 330 330 390 390 390 390 470 470 470 470 560 560 560 560 680 680 680 680 820 820 820 1000 1000 1000 1200 1200 1500 1500 1800 2200 Case dimensions dxl mm 22 22 25.4 22 25.4 22 25.4 30 22 25.4 30 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 25.4 30 35 25.4 30 35 30 35 30 35 35 35 x 20 x 20 x 20 x 25 x 20 x 25 x 25 x 20 x 30 x 25 x 20 x 30 x 25 x 25 x 20 x 35 x 30 x 25 x 20 x 40 x 30 x 25 x 25 x 45 x 35 x 30 x 25 x 45 x 30 x 25 x 50 x 35 x 30 x 40 x 35 x 50 x 40 x 45 x 50 IAC,R 120 Hz 105 C A 0.63 0.69 0.76 0.82 0.84 0.91 1.00 1.02 1.07 1.11 1.13 1.17 1.20 1.31 1.34 1.36 1.40 1.44 1.47 1.56 1.53 1.57 1.70 1.80 1.79 1.84 1.88 2.16 2.02 2.06 2.48 2.35 2.41 2.50 2.57 3.04 3.00 3.43 3.68
B43254
Ordering code
B43254A2157M000 B43254A2187M000 B43254B2187M000 B43254A2227M000 B43254B2227M000 B43254A2277M000 B43254B2277M000 B43254C2277M000 B43254A2337M000 B43254B2337M000 B43254C2337M000 B43254A2397M000 B43254B2397M000 B43254C2397M000 B43254D2397M000 B43254A2477M000 B43254B2477M000 B43254C2477M000 B43254D2477M000 B43254A2567M000 B43254B2567M000 B43254C2567M000 B43254D2567M000 B43254A2687M000 B43254B2687M000 B43254C2687M000 B43254D2687M000 B43254A2827M000 B43254B2827M000 B43254C2827M000 B43254A2108M000 B43254B2108M000 B43254C2108M000 B43254A2128M000 B43254B2128M000 B43254A2158M000 B43254B2158M000 B43254A2188M000 B43254A2228M000
Please read Cautions and warnings and Important notes at the end of this document.
7
04/08
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes VR V DC 250 CR 120 Hz 20 C F 120 150 150 180 180 220 220 220 270 270 270 330 330 330 330 390 390 390 390 470 470 470 470 560 560 560 560 680 680 680 820 820 1000 1000 1200 1200 1500 Case dimensions dxl mm 22 22 25.4 22 25.4 22 25.4 30 22 25.4 30 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 25.4 30 35 30 35 30 35 30 35 35 x 20 x 25 x 20 x 25 x 20 x 25 x 25 x 20 x 30 x 25 x 20 x 35 x 30 x 25 x 20 x 40 x 35 x 25 x 25 x 45 x 35 x 30 x 25 x 50 x 40 x 30 x 25 x 50 x 35 x 30 x 40 x 35 x 50 x 40 x 60 x 45 x 50 IAC,R 120 Hz 105 C A 0.56 0.68 0.69 0.74 0.76 0.82 0.90 0.92 0.97 1.00 1.02 1.14 1.18 1.21 1.23 1.30 1.35 1.31 1.42 1.50 1.48 1.53 1.56 1.71 1.70 1.67 1.70 2.05 1.94 1.98 2.23 2.29 2.68 2.65 2.92 2.80 3.25
B43254
Ordering code
B43254E2127M000 B43254E2157M000 B43254F2157M000 B43254E2187M000 B43254F2187M000 B43254E2227M000 B43254F2227M000 B43254C2227M000 B43254E2277M000 B43254F2277M000 B43254G2277M000 B43254E2337M000 B43254F2337M000 B43254G2337M000 B43254D2337M000 B43254E2397M000 B43254F2397M000 B43254G2397M000 B43254H2397M000 B43254E2477M000 B43254F2477M000 B43254G2477M000 B43254H2477M000 B43254E2567M000 B43254F2567M000 B43254G2567M000 B43254H2567M000 B43254E2687M000 B43254F2687M000 B43254G2687M000 B43254E2827M000 B43254F2827M000 B43254E2108M000 B43254F2108M000 B43254E2128M000 B43254F2128M000 B43254E2158M000
Please read Cautions and warnings and Important notes at the end of this document.
8
04/08
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes VR V DC 350 CR 120 Hz 20 C F 56 68 68 82 82 100 100 100 120 120 120 150 150 150 150 180 180 180 180 220 220 220 220 270 270 270 270 330 330 330 390 390 390 470 470 560 560 680 Case dimensions dxl mm 22 22 25.4 22 25.4 22 25.4 30 22 25.4 30 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 25.4 30 35 25.4 30 35 30 35 30 35 35 x 20 x 20 x 20 x 25 x 20 x 25 x 25 x 20 x 30 x 25 x 20 x 35 x 30 x 25 x 20 x 40 x 30 x 25 x 20 x 45 x 35 x 30 x 25 x 50 x 40 x 30 x 25 x 45 x 35 x 30 x 50 x 40 x 35 x 45 x 35 x 50 x 40 x 50 IAC,R 120 Hz 105 C A 0.37 0.41 0.45 0.48 0.49 0.53 0.58 0.60 0.62 0.64 0.65 0.74 0.76 0.78 0.80 0.85 0.83 0.86 0.87 0.98 0.98 1.00 1.03 1.14 1.14 1.11 1.14 1.31 1.30 1.33 1.49 1.48 1.52 1.69 1.67 1.92 1.90 2.27
B43254
Ordering code
B43254A4566M000 B43254A4686M000 B43254B4686M000 B43254A4826M000 B43254B4826M000 B43254A4107M000 B43254B4107M000 B43254C4107M000 B43254A4127M000 B43254B4127M000 B43254C4127M000 B43254A4157M000 B43254B4157M000 B43254C4157M000 B43254D4157M000 B43254A4187M000 B43254B4187M000 B43254C4187M000 B43254D4187M000 B43254A4227M000 B43254B4227M000 B43254C4227M000 B43254D4227M000 B43254A4277M000 B43254B4277M000 B43254C4277M000 B43254D4277M000 B43254A4337M000 B43254B4337M000 B43254C4337M000 B43254A4397M000 B43254B4397M000 B43254C4397M000 B43254A4477M000 B43254B4477M000 B43254A4567M000 B43254B4567M000 B43254A4687M000
Please read Cautions and warnings and Important notes at the end of this document.
9
04/08
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes VR V DC 400 CR 120 Hz 20 C F 47 56 56 68 68 82 82 82 100 100 100 120 120 120 120 150 150 150 150 180 180 180 180 220 220 220 220 270 270 270 330 330 330 390 390 470 470 560 680 Case dimensions dxl mm 22 22 25.4 22 25.4 22 25.4 30 22 25.4 30 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 25.4 30 35 25.4 30 35 30 35 30 35 35 35 x 20 x 20 x 20 x 25 x 20 x 25 x 25 x 20 x 30 x 25 x 20 x 35 x 25 x 25 x 20 x 40 x 30 x 25 x 20 x 45 x 35 x 30 x 25 x 50 x 40 x 30 x 25 x 45 x 35 x 30 x 50 x 40 x 30 x 45 x 35 x 50 x 40 x 45 x 50 IAC,R 120 Hz 105 C A 0.34 0.37 0.41 0.44 0.45 0.48 0.53 0.54 0.57 0.58 0.60 0.66 0.64 0.70 0.71 0.78 0.76 0.78 0.80 0.89 0.88 0.91 0.93 1.03 1.03 1.00 1.03 1.19 1.17 1.20 1.37 1.36 1.33 1.54 1.52 1.76 1.74 1.98 2.27
B43254
Ordering code
B43254A9476M000 B43254A9566M000 B43254B9566M000 B43254A9686M000 B43254B9686M000 B43254A9826M000 B43254B9826M000 B43254C9826M000 B43254A9107M000 B43254B9107M000 B43254C9107M000 B43254A9127M000 B43254B9127M000 B43254C9127M000 B43254D9127M000 B43254A9157M000 B43254B9157M000 B43254C9157M000 B43254D9157M000 B43254A9187M000 B43254B9187M000 B43254C9187M000 B43254D9187M000 B43254A9227M000 B43254B9227M000 B43254C9227M000 B43254D9227M000 B43254A9277M000 B43254B9277M000 B43254C9277M000 B43254A9337M000 B43254B9337M000 B43254C9337M000 B43254A9397M000 B43254B9397M000 B43254A9477M000 B43254B9477M000 B43254A9567M000 B43254A9687M000
Please read Cautions and warnings and Important notes at the end of this document.
10
04/08
Snap-in capacitors Standard series - 105 C
Technical data and ordering codes VR V DC 450 CR 120 Hz 20 C F 56 68 68 82 82 100 100 100 120 120 120 120 150 150 150 150 180 180 180 180 220 220 220 270 270 330 330 390 390 470 560 Case dimensions dxl mm 22 22 25.4 22 25.4 22 25.4 30 22 25.4 30 35 22 25.4 30 35 22 25.4 30 35 25.4 30 35 30 35 30 35 30 35 35 35 x 25 x 30 x 25 x 30 x 25 x 35 x 30 x 25 x 40 x 30 x 25 x 25 x 45 x 40 x 30 x 25 x 50 x 40 x 30 x 25 x 50 x 35 x 25 x 40 x 30 x 45 x 35 x 50 x 40 x 45 x 50 IAC,R 120 Hz 105 C A 0.29 0.34 0.35 0.38 0.39 0.44 0.46 0.47 0.51 0.50 0.51 0.56 0.60 0.62 0.61 0.62 0.68 0.68 0.67 0.68 0.79 0.78 0.75 0.90 0.88 1.04 1.03 1.18 1.17 1.34 1.52
B43254
Ordering code
B43254A5566M000 B43254A5686M000 B43254B5686M000 B43254A5826M000 B43254B5826M000 B43254A5107M000 B43254B5107M000 B43254C5107M000 B43254A5127M000 B43254B5127M000 B43254C5127M000 B43254D5127M000 B43254A5157M000 B43254B5157M000 B43254C5157M000 B43254D5157M000 B43254A5187M000 B43254B5187M000 B43254C5187M000 B43254D5187M000 B43254A5227M000 B43254B5227M000 B43254C5227M000 B43254A5277M000 B43254B5277M000 B43254A5337M000 B43254B5337M000 B43254A5397M000 B43254B5397M000 B43254A5477M000 B43254A5567M000
Please read Cautions and warnings and Important notes at the end of this document.
11
04/08
Cautions and warnings
General Also see "Important notes" on page 14. 1 Aluminum electrolytic capacitors have a bi-polar structure. This is marked on the body of the capacitor. A capacitor must not be mounted with reversed polarity. The application of an AC or reverse voltage may cause a short circuit or damage the capacitor. Bi-polar capacitors must not be used in AC applications, where the polarity may be reversed in the circuits or is unknown. The DC voltage applied to the capacitor terminal must not exceed its rated operating voltage, as this will result in a rapid increase of the leakage current and may damage the capacitor. It is recommended to operate the capacitor at 70-80% of its rated voltage to optimize its service life. The ripple current applied to the capacitor must be within the permitted range. An excessive ripple current leads to impaired electrical properties and may damage the capacitor. Note that the sum of the peak values of the ripple voltage and the DC operating voltage must not exceed the rated DC voltage. Capacitors must be used within their permitted range of operating temperature. Operation at room temperature optimizes their service life. Capacitors with case diameter 8 mm are equipped with a safety vent. In capacitors fitted with a lead or soldering lug, the safety vent is usually located at the base of the case. It needs sufficient space around it to operate optimally. The following dimensions are recommended: for case diameter d = 8 to 16 mm, more than 2 mm; for d =18 to 35 mm, more than 3 mm; and for d = 42 mm or more, more than 5 mm. Capacitors should not be mounted with the safety vent face down on the board. Do not locate any wire or copper trace near the safety vent. Do not reverse the voltage, as this may result in excess pressure and the leakage of electrolyte. Gas is released through the safety vent when the pressure inside the capacitor is too high. A gaseous liquid around the safety vent does not indicate a leakage of electrolyte. The capacitor should be stored under conditions of normal temperature and in a non-acid, non-alkali environment of normal humidity. Exposure to high temperatures, for example under direct sunlight, will reduce its operating life. If the capacitor is stored in an environment containing acids or alkalis, the solderability of the leads may be affected. The leakage current of an aluminum electrolytic capacitor may increase after a long period of storage. After such storage, the capacitor must be aged by applying the rated operating voltage for 6-8 hours before use. Manual soldering: a Soldering must be performed within the specified conditions. Bit temperature: 350 C; application time of soldering iron: 3 seconds. b Ensure that the soldering iron does not touch any part of the capacitor body.
2
3
4 5
6
7 8
9
10
Please read Cautions and warnings and Important notes at the end of this document.
12
04/08
Cautions and warnings
11
Do not apply excessive force to the leads and terminals. Do not move the capacitor after soldering it onto the PC board and do not carry the PC board by gripping the capacitor. Observe the following rules to prevent undue stress to the capacitor: a Do not tilt or bend the capacitor after soldering. b Ensure that the terminal spacing matches the corresponding hole spacing on the PC board.
12
The aluminum case is not insulated from the cathode. Do not place a conductor under the aluminum capacitors on the PC board as this may cause a short circuit. The case and top of capacitors used in switched mode power supplies have a high-voltage-resistant heat shrink sleeve to ensure safe usage. The leads of capacitors with a case diameter exceeding 14 mm cannot be used for fixing.
13
Please read Cautions and warnings and Important notes at the end of this document.
13
04/08
Important notes
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
14
04/08


▲Up To Search▲   

 
Price & Availability of B43254B9107M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X