Part Number Hot Search : 
T01KO 600BW LMV358 MS51D BAS85 MX770 MC3476P1 MC3476P1
Product Description
Full Text Search
 

To Download ARK-6310-6M01E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ARK-6310
NEW
Fanless Mini-ITX Compact Embedded Computer System Features
Built-in CPU up to Intel CoreTM 2 Duo 1.06 GHz Multiple Control and Communication I/O of Gigabit Ethernet, USB and COM ports ATX and wide range of DC input voltage supported: 14 ~ 24 VDC Fanless, Ultra compact and Robust Construction Anti-vibration cushion design to one 2.5" HDD-bay to ensure maximum reliability Bottom access cover design give easy maintenances to Compact Flash Socket, or Mini-PCI socket Ruggedized handle for mobility Built-in mounting bracket support Wall-mount and Table-mount, optional support of VESA mounting bracket
RoHS
COMPLIANT
2002/95/EC
Specifications
Processor System CPU L2 Cache Front Side Bus Chipset BIOS Technology Max. Capacity Chipset Display Memory Resolution Optional Support LVDS Graphic ARK-6310-3M01E Intel LV Pentium M(R) 1.4 GHz 2 MB 400 MHz Intel(R) 855GME + ICH4 Award 4Mbit FWH DDR 200/266/333 SDRAM (ECC/Non-ECC support) 1 x 184-pin DIMM socket up to 1 GB Intel(R) 855GME GMCH Integrated Extreme Graphics 2 controller Intel(R) DVMT 2.1 supports up to 64 MB video memory 1600 x 1200 @ 32 bpp (85 Hz) ARK-6310-3M02E Intel(R) ULV Celeron(R) 600 MHz 512 KB 400 MHz Intel(R) 852GM + ICH4 Award 4 Mbit FWH DDR 200/266 SDRAM (ECC/Non-ECC support) 1 x 184-pin DIMM socket up to 1 GB Intel(R) 852GM GMCH integrated Extreme Graphics 2 controller Intel(R) DVMT 2.1 supports up to 64 MB video memory 1600 x 1200 @ 32 bpp (85 Hz) Single-channel 18-bit Dual-channel 36-bit LVDS Chrontel(R) CH7009A DVI transmitter up to 135M pixels/second Chrontel(R) CH7009A TV encoder supports both NTSC/PAL Supports both S-Video and composite video Optional Support CRT + LVDS, or DVI/TV-out + LVDS or CRT + DVI 10/100/1000Base-T Realtek RTL8110S Gigabit LAN 1 x RJ45 System reset Programmable 1 ~ 255 sec. 1 x Drive Bay 1 x Type I/II Socket (Access from the bottom cover) 1 x 32-bit/33MHz slot (Access from the bottom cover) ARK-6310-6M01E Intel(R) CoreTM 2 Duo 1.06 GHz 2 MB 533 MHz Intel(R) GME965 + ICH8M AMI 16Mbit SPI BIOS DDR2 533/667 SDRAM 2 x 200-pin SODIMM sockets up to 4 GB Intel(R) GME965 GMCH Integrated Mobile Intel(R) GMA X3100 controller Intel(R) DVMT 4.0 supports up to 384 MB video memory Support a QXGA maximum Resolution of 2048 x 1536 at 60 Hz, 32-bpp Single-channel 18/24-bit, Dual-channel 36/48-bit LVDS DVI specification 1.0 compliant Chrontel(R) CH7307C SDVO transmitter N/A CRT + DVI, Optional Support CRT + LVDS or DVI + LVDS Dual 10/100/1000Base-T Dual Realtek RTL8110S Gigabit LAN 2 x RJ45 System reset Programmable 1 ~ 255 sec. / min. 1 x Drive Bay 1 x Type I/II Socket (Access from the bottom cover) N/A
Memory
Single-channel 18-bit, Dual-channel 36-bit LVDS Chrontel(R) CH7009A DVI transmitter up Optional Support DVI to 135M pixels/second Chrontel CH7009A TV encoder supports both NTSC/PAL Optional Support TV-Out Supports both S-Video and composite video Dual Display Optional Support CRT + LVDS, or DVY/TV-out + LVDS or CRT +DVI 10/100/1000 Base-T Realtek RTL8110S Gigabit LAN 1 x RJ45 System reset Programmable 1 ~ 255 sec. 1 x Drive Bay 1 x Type I/II Socket (Access from the bottom cover) 1 x 32-bit/33MHz slot (Access from the bottom cover)
Ethernet Watchdog Timer Storage Interface Expansion Interface
Interface Controller Connector Output Interval 2.5" HDD Compact Flash Mini-PCI
Pre-Configured Systems
ARK-6310 Dimensions
Unit: mm (inch)
Installation
Unit: mm (inch)
R2.50
232 (9.13)
28.8 (1.13)
243 (9.56) 257 (10.1) 271 (6.73)
5 (0.19)
232 (9.13)
65 (2.56) 6.50 (02.5)
2 x PS/2 (Mouse & Keyboard*), 2 x PS/2 (Mouse & Keyboard), 1 x Printer, 1 x Printer, 1 x COM, 1 x COM, Front I/O Ports 1 x VGA, 1 x VGA, 3 x Audio (Mic-In, Line-In, Line-Out), 3 x Audio (Mic-in, Line-in, Line-out), 1 x LAN, I/O Interface 1 x LAN, 2 x USB 2 x USB 2 x COM, 2 x COM, 1 x DVI/LVDS, 1 x DVI/LVDS, Extra Cutouts 1 x S/C-Video, 1 x S/C-Video, 1 x WLAN Antenna 1 x WLAN Antenna Microsoft(R) Windows 2000/XP Microsoft(R) Windows 2000/XP Software Compatibility Operation System Microsoft(R) Embedded Windows XP Microsoft(R) Embedded Windows XP Ubuntu Linux 7.04 Ubuntu Linux 7.04 Chassis Construction Heavy-duty steel System Switch Power On/Off switch 1 x Push Button Power On 1 x Blue LED System LED Indicators HDD Activity 1 x Blue LED Temperature 1 x Blue/Red LED Cooling System Fan-less 1 x Dedicated heatsink and heatpipe set Output Rating 75W Input Voltage 14 VDC ~ 24 VDC @ 6.4 A ~ 3.75 A (Max.); 19 VDC @ 4.74 A (Max.) Power Supply +5 V @ 6 A (with +5 Vsb @ 2A Max.); Output Voltage +3.3 V @ 5 A; +12 V @ 2 A; -12 V @ 0.3 A; -5 V @ 0.3 A Operating Temperature 0 ~ 40 C (32 ~ 104 F) Operating Humidity 10 ~ 85% @ 40C, non-condensing Environment Operating Vibration 1 Grms, IEC 60068-2-64, random 5~500hZ, 1 Oct./min, 1 hr/axis Altitude 0 to 3,048 m (0 ~ 10,000 ft) Dimensions (W x H x D) 232 x 65 x 232 mm (9.1" x 2.6" x 9.1") Physical Characteristics Net Weight 2.74 Kg (6.03 lb)
2 x PS/2 (Mouse & Keyboard), 1 x Printer, 1 x COM, 1 x VGA, 3 x Audio (Mic-in, Line-in, Line-out), 1 x LAN, 2 x USB 2 x COM 1 x WLAN Antenna Microsoft(R) Windows 2000/XP Microsoft(R) Embedded Windows XP
Download www.advantech.com/products
48.80 (1.92)
5 (0.19) 14 (0.55) 134 (5.27)
174 (6.85)
ARK-6310 System Ordering Information
Part Number ARK-6310-3M01E Description LV Pentium M 1.4 GHz Mini-ITX wallmount Embedded Box Computer, with VGA, 1 x Gigabit Ethernet, AC97 Audio 1 x RS-232/422/485, 1 x LPT, 2 x USB, 2 x PS/2 (KB & Mouse) ULV Celeron M 600 MHz Mini-ITX wallmount Embedded Box Computer, with VGA, 1 x Gigabit Ethernet, AC97 Audio, 1 x RS-232/422/485, 1 x LPT, 2 x USB, 2 x PS/2 (KB & Mouse) ULV CoreTM 2 Duo 1.06 GHz Mini-ITX wallmount Embedded Box Computer, with VGA, DVI, 2 x Gigabit Ethernet, 5.1 Channel Audio, 2 x RS-232, 4 x USB, 2 x PS/2 (KB & Mouse)
Optional Accessories
External AC-to-DC Adapter and Power Cable
Part Number 1757001377 1700001947 1700001948 1700001949 1700002141 Part Number 1960018754N00C Part Number 2070001573 Description AC-to-DC adapter, DC 19 V/90 W with Phoenix power plug Power Cable 2-pin 180 cm, USA type Power Cable 2-pin 180 cm, Europe type Power Cable 2-pin 180 cm, UK type Power Cable 2-pin 180 cm, Japan type Description VESA Mounting Plate for ARK-6620/6310 Description Windows XP Embedded SP2 Feature Pack 2007 for ARK6310-3M01E and ARK-6310-3M02E
ARK-6310-3M02E
ARK-6310-6M01E
VESA Mounting Plate
Packing List
Part Number 2002631030 2002631040 1960014487T00C 2062631000 2066002310 1990005896S000 1939000410 1930001881 Description 1 x ARK-6310 Unit 1 x Startup Manual English Version 1 x Startup Manual Simplified Chinese Version 2 x Bottom Mounting Brackets 1 x Utility CD 1 x Ubuntu7.04 Linux OS installer CD (Kernel 2.6.20.16) (2 GB) 4 x Bottom Rubber Pads 4 x M4 Screws for Bottom Mounting Brackets or Bottom Rubber Pads 4 x M3 Screws for assembling the Hard Disk Drive
Parallel port LAN port Line-In
Embedded OS (Only available for T-Parts OEM, and CTOS service)
Heatsink
Disk drive housing for one 2.5" HDD
DC 80 W power module
Temp. LED HDD LED Power switch PS/2 Mouse PS/2 Keyboard DC Input
ARK-6310-3M01E/02E Inside view
MIC-In Line-Out VGA port USB ports Extra I/O cutouts
Heatsink
ARK-6310-3M01E/02E Front IO view
Disk drive housing For one 2.5" HDD DVI port Line-In COM port LAN Ports HDD LED HDD LED Power switch PS/2 Mouse PS/2 Keyboard Line-Out DC 80W Power Module
ARK-6310-6M01E Inside view
Heat sink COM port USB ports MIC-In Rubber stand
VGA port
ARK-6310-6M01E Front IO view
Pre-Configured Systems
ARK-6310 Rear View


▲Up To Search▲   

 
Price & Availability of ARK-6310-6M01E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X