Part Number Hot Search : 
5F35L2 EC5575 SS49E 300DA 8628A 05ADJB1E 05S30 1SMC40A
Product Description
Full Text Search
 

To Download APTGT400A120D3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGT400A120D3G
Phase leg Trench + Field Stop IGBT Power Module
3
VCES = 1200V IC = 400A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Trench + Field Stop IGBT Technology - Low voltage drop - Low tail current - Switching frequency up to 20 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - RBSOA and SCSOA rated * Kelvin emitter for easy drive * High level of integration * M6 power connectors Benefits * Stable temperature behavior * Very rugged * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Easy paralleling due to positive TC of VCEsat * RoHS Compliant
Q1 4 5 Q2 6 7
1
2
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operating Area TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C Max ratings 1200 580 400 800 20 2100 800A @ 1100V Unit V
September, 2008 1-5 APTGT400A120D3G - Rev 0
A V W
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTGT400A120D3G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Zero Gate Voltage Collector Current Collector Emitter saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Test Conditions VGE = 0V, VCE = 1200V Tj = 25C VGE = 15V IC = 400A Tj = 125C VGE = VCE , IC = 12mA VGE = 20V, VCE = 0V Min Typ 1.7 2.0 5.8 Max 750 2.1 6.5 400 Unit A V V nA
5.0
Dynamic Characteristics
Symbol Characteristic Cies Input Capacitance Cres Reverse Transfer Capacitance QG Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff Isc Gate charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn on Energy Turn off Energy Short Circuit data Test Conditions VGE = 0V ; VCE = 25V f = 1MHz VGE=15V, IC=400A VCE=600V Inductive Switching (25C) VGE = 15V VBus = 600V IC = 400A RG = 1.8 Inductive Switching (125C) VGE = 15V VBus = 600V IC = 400A RG = 1.8 VGE = 15V Tj = 125C VBus = 600V IC = 400A Tj = 125C RG = 1.8 VGE 15V ; VBus = 900V tp 10s ; Tj = 125C Min Typ 29 1.3 3.7 250 90 550 130 300 100 650 180 36 62 1600 A ns Max Unit nF C
ns
mJ
Reverse diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRRM IF VF trr Qrr Err Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Energy IF = 400A VR = 600V IF = 400A VGE = 0V Test Conditions VR=1200V Tj = 25C Tj = 125C Tc = 80C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Min 1200 Typ Max 750 1000 400 1.6 1.6 170 280 36 72 20 36 2.1 Unit V A A V
September, 2008 2-5 APTGT400A120D3G - Rev 0
ns C mJ
di/dt =4000A/s
www.microsemi.com
APTGT400A120D3G
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight For terminals To Heatsink M6 M6 IGBT Diode 2500 -40 -40 -40 3 3 Min Typ Max 0.06 0.13 150 125 125 5 5 350 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
D3 Package outline (dimensions in mm)
1
A
DETAIL A
www.microsemi.com
3-5
APTGT400A120D3G - Rev 0
September, 2008
APTGT400A120D3G
Typical Performance Curve
Output Characteristics (VGE=15V) Output Characteristics 800 TJ = 125C
VGE=17V VGE=13V VGE=15V
800 600
IC (A)
TJ=25C TJ=125C
600 IC (A)
400 200 0 0 1 2
VCE (V) Transfert Characteristics
400
VGE=9V
200
0
3
4
0
1
2 VCE (V)
3
4
Energy losses vs Collector Current 120
VCE = 600V VGE = 15V RG = 1.8 TJ = 125C Eoff
800
600 IC (A)
TJ=25C
100 80 E (mJ)
Eon Err
400
TJ=125C
60 40 20
Eon
200
0 5 6 7 8 9 VGE (V) 10 11 12
0 0 200 400 IC (A) Reverse Bias Safe Operating Area 1000
VCE = 600V VGE =15V IC = 400A TJ = 125C Eoff Eon
600
800
Switching Energy Losses vs Gate Resistance 150 125 100 E (mJ) 75 50 25 0 0 3 6 9 Gate Resistance (ohms) 12
Err
800 IC (A) 600 400 200 0 0 300 600 900 1200 1500 VCE (V)
VGE=15V TJ=125C RG=1.8
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.07 Thermal Impedance (C/W) 0.06 0.05 0.04 0.03 0.02 0.01
0.7 0.5 0.3 0.1 Single Pulse 0.0001 0.001 0.01 0.1 1 10
0.05 0 0.00001
rectangular Pulse Duration (Seconds)
www.microsemi.com
4-5
APTGT400A120D3G - Rev 0
September, 2008
0.9
IGBT
APTGT400A120D3G
Operating Frequency vs Collector Current Fmax, Operating Frequency (kHz) 50 40 30 20 10 0 0 100 200 300 IC (A) 400 500 600
Hard switching ZCS ZVS VCE=600V D=50% RG=1.8 TJ=125C TC=75C
Forward Characteristic of diode 800
TJ=25C
600 IF (A)
400
200
TJ=125C
0 0 0.4 0.8 1.2 VF (V) 1.6 2 2.4
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.14 Thermal Impedance (C/W) 0.12 0.1 0.08 0.06 0.04 0.02 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse 0.01 0.1 1 10
Diode
0 0.00001
rectangular Pulse Duration (Seconds)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
5-5
APTGT400A120D3G - Rev 0
September, 2008


▲Up To Search▲   

 
Price & Availability of APTGT400A120D3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X