Part Number Hot Search : 
7810N115 EL723206 KMM53 86401 056316 MIW4124 DG529CJ 04741
Product Description
Full Text Search
 

To Download APTDC30H601G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTDC30H601G
SiC Diode Full Bridge Power Module
3 CR1 5 6 CR2 CR4
* * * Benefits * * * * * * * All multiple inputs and outputs must be shorted together 3/4 ; 5/6 ; 7/8 ; 1/2 ; 9/10 Outstanding performance at high frequency operation Low losses Low noise switching Solderable terminals for easy PCB mounting Direct mounting to heatsink (isolated package) Low junction to case thermal resistance RoHS Compliant SiC Schottky Diode Zero reverse recovery Zero forward recovery Temperature Independent switching behavior Positive temperature coefficient on VF Very low stray inductance High level of integration
VRRM = 600V IF = 30A @ Tc = 80C
4 CR3 1 2
Application * * * * Uninterruptible Power Supply (UPS) Induction heating Welding equipment High speed rectifiers
Features
7
8
9 10
Absolute maximum ratings
Symbol VR VRRM IF(AV) IFSM Parameter Maximum DC reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Average Forward Current Duty cycle = 50% Non-Repetitive Forward Surge Current 10 s Max ratings 600 TC = 80C TC = 25C 30 370 Unit V A
APTDC30H601G - Rev 0 February, 2009
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-3
APTDC30H601G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic VF IRM QC C Diode Forward Voltage Maximum Reverse Leakage Current Total Capacitive Charge Total Capacitance Test Conditions Tj = 25C IF = 30A Tj = 175C Tj = 25C VR = 600V Tj = 175C IF = 30A, VR = 300V di/dt = 1000A/s f = 1MHz, VR = 200V f = 1MHz, VR = 400V Min Typ 1.6 2 150 300 42 195 150 Max 1.8 2.4 600 3000 Unit V A nC pF
Thermal and package characteristics
Symbol RthJC VISOL TJ TSTG TC Torque Wt Characteristic Junction to Case Thermal Resistance
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min 2500 -40 -40 -40 2.5
Typ
Max 1 175 125 100 4.7 80
Unit C/W V C N.m g
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight
To heatsink
M4
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com
www.microsemi.com
2-3
APTDC30H601G - Rev 0 February, 2009
APTDC30H601G
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 1.2 Thermal Impedance (C/W) 1 0.8 0.6 0.4 0.2 0.9 0.7 0.5 0.3 0.1 0.05 0 0.00001 0.0001 0.001 Single Pulse
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds) Forward Characteristics Reverse Characteristics 600
TJ=25C TJ=175C
60
IF Forward Current (A) IR Reverse Current (A)
50 40 30
TJ=125C TJ=75C TJ=175C
500 400 300 200 100 0 200
TJ=125C TJ=75C
20 10 0 0 0.5 1 1.5 2 2.5 3 3.5
VF Forward Voltage (V) Capacitance vs.Reverse Voltage
TJ=25C
300
400 500 600 700 VR Reverse Voltage (V)
800
1200 C, Capacitance (pF) 1000 800 600 400 200 0 1 10 100 VR Reverse Voltage 1000
APTDC30H601G - Rev 0 February, 2009
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
3-3


▲Up To Search▲   

 
Price & Availability of APTDC30H601G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X