Part Number Hot Search : 
F1002 2560G APC77156 PD610 5KE40 VSC872 44200 GN202K
Product Description
Full Text Search
 

To Download 74320-1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0143
General Information Part Number: 76650-0143 Manufacturer: Title: Molex / Waldom
Deluxe Audio Video Data Application Kit Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B Description: Product Families. Pitches range: 0.05mm (.002)" - 2.0mm (.079)" MicroCrossTM DVI, HDMI^, DisplayPort*, USB, mini-BTM USB OTG, and Product Family(s): Micro-USB Certificates: (Molex Parts within this kit) - EU RoHS Compliant
Country of Origin: Kit assembled in U.S.A. Specifications Design Configuration: Connector Type: Mounting Orientation: Pitch: Speeds: Current Rating: Voltage: Wire-to-Board Receptacles and Plugs, Cables Upright, Right Angle and Vertical 0.5mm (.020"), 0.65mm (.0256"), 1.00mm (.039") (2.5 GHz), 480 Mbps, 4.95, 5, 9.9 Gbps 0.5, 1, 1.5, 1.8 and 3 Amps 30, 40, 100, 150, 750 Volts
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 6
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0143
Product Highlights The MicroCrossTM DVI (Digital Visual Interface) connector family is based on an innovative use of "crossing" ground blades to provide high-speed electrical performance and a high-bandwidth in a low-cost connector. Molex's HDMI^ (High Definition Multimedia Interface) connectors and cable assemblies provide an uncompressed digital link between consumer electronics equipment and audio/video monitors. HDMI is a small, user-friendly interconnect that can carry up to 5 Gbps of combined video and audio in a single cable. This system eliminates the cost, complexity and confusion of multiple cables used to connect current A/V systems. ^ High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC. The DisplayPort* is designed for internal and external system solution for high bandwidth audio and video data transfer in the notebook and PC market. It reduces cost (by having high definition digital audio-video and graphics stream via the interface through the same cable) and provides ease of use (through the plug-andplay feature), making it user-friendly for consumers. It also provides performance scalability for future developments of high quality displays, high color depths and high refresh rates display. * DisplayPort is a Trademark of VESA The USB (Universal Serial Bus) connector has been one of the most popular I/O connectors for the PC industry due to it' s low cost and hot plugging feature. It was developed to integrate a variety of existing PC I/O ports into a single interface with hot-plugging, automatic configuration capabilities and increased bandwidth to enhance serial I/O throughput. Molex's mini-BTM USB OTG (On-The-Go) connectors and cables help enable mobile devices to exchange data directly without the need for a host PC. All Molex USB OTG connectors are compatible with the On-The-Go supplement (Rev. 1.0) to the USB 2.0 specification, and operate at speeds up to 480Mbps. The new Micro-USB connector technology has given the opportunity for portable device and mobile phone makers to further reduce their real estate in their applications. The Molex Micro-USB supports the current USB OTG supplement. This allows communication between portable devices without going through a host.
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 6
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0143
Features and Benefits * Supports both analog and digital signals * Plug and play interface (without shutting down or reconfiguring) * Excellent EMI/RFI (Fully Shielded) * LFHTM contact design is rugged and reliable, provides two points of contact for optimal signal integrity * Protruding shield, first make - last break for ESD considerations * Single and dual link digital signaling allows high speed digital transmission (4.95 Gbps and 9.9 Gbps) * Analog coaxial lines allow high speed transmission (2.5 GHz) * Carries uncompressed audio / video in a single cable (5 Gbps) * HDMI^ to DVI cables are DVI backward compatible * Fully shielded ESD protection * Triad signal layout, low impedance mismatch * Detent locks, strong mating between plug and receptacle * Metal shielding on all sides against EMI * Small footprint, less PCB real estate * Latches, for long cable latching * Solder tab, secure PCB retention Applications * Desktop computers * Multimedia equipment * Flat panel displays * Digital TVs/Plasma Displays/LCDs * Audio/Video Receivers * Set-Top Boxes * DVD Players/Recorders/D-VHS Players * High Definition Monitors * PC (Personal Computer) * External display interconnect * Projector * TV display * DVD player
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 3 of 6
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0143
Features and Benefits continued * Side metal shielding, against EMI/RFI * Panel grounding pins for ESD protection * Stand-offs for anti-solder bridging * Kinked boardlocks, strong PCB retention * Small footprint saves PCB real estate * Inlet dimples, locking feature * Operates at speeds up to 480 Mbps * Fully compliant with USB 2.0 * Compact and Low-profile, ideal for mobile applications * 1/8 the size of standard USB-B * 5,000 mating cycles, rugged durability * Lead-in features provide blind mating * Stainless steel shell provides high mating durability & strength * Latching windows with angular tabs prevent accidental unmating of plug * Pick & place area (3mm diameter) enhances assembly process * Beveled profile B style locks out A-type Applications continued * Desktop and Notebook PCs * PC Peripherals: Scanner, Printer, Monitor, Modem, Keyboard, Joystick, & Mouse * Telephony systems: ISDN, PBXs, & Handsets * Cell phones * Digital still cameras * Digital video cameras * PDAs * MP3 Players * Other portable and hand-held devices * Mobile Phones * Portable devices * MP3 players * Portable digital video players * Digital Still Cameras * Digital Video Cameras
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 4 of 6
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0143
Bill of Materials for Part No. 76650-0143 Country Molex Part No. of Origin 74320-9010 74320-5000 74320-1000 74320-4000 74320-3000 88768-3500 47151-0002 47151-1002 47151-1005 47272-0001 67068-8000 67068-9000 48037-1000 89485-8000 48037-0001 88732-9000 88728-3200 88732-8600 54819-0519 47491-0001 47346-0001 53462-0629 67503-1020 500075-1517 China China China Description DVI-I Receptacle Header, Right Angle Panel Mount DVI-D Receptacle Header, Vertical Panel Mount, 30micro inches Gold DVI-I Receptacle Header, Right Angle Quantity in Kit 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
China/HK DVI-D Receptacle Header, Right Angle Panel Mount China China China China China China China China DVI-I Receptacle Header, Vertical Panel Mount HDMI^ to DVI-Digital Cable Assembly, 28 AWG, 1.00m (3.30') 1.00mm (.039") Pitch HDMI^ Receptacle, Rt Angle w/Screw Flange,w/o Back Cover 1.00mm (.039") Pitch HDMI^ Receptacle, Rt Angle w/Screw Flange, w/Back Cover 1.00mm (.039") Pitch HDMI^ Receptacle, Right Angle, Gold 0.5mm (.020") Pitch, Receptacle, Right Angle, SMT, Display Port* USB Type B Receptacle, Right Angle, BLACK
USB Type B Receptacle, Right Angle, WHITE USB Plug, Type A, Right Angle, Surface Mount, 30" Gold Taiwan Plating, China USB Type A Receptacle, Single Upright, Right Angle
Taiwan USB Plug, Type A, Right Angle, Through Hole USB Shielded I/O Cable Assembly: A-to-B Full-Rated, 0.82m China (2.69') China China Japan China China China China Japan USB-A Plug to Pigtail White Cable Full-Rated 810mm USB (OTG) Shielded I/O Cable, USB-A To mini-BTM, USB 2.0, 1.0m (3.28'), White USB (OTG) mini-BTM Receptacle, Right Angle, Through Hole 0.65mm (.0256") Pitch Micro-USB B Receptacle, Mid-Mount, SMT, Lead Free 0.65mm (.0256") Pitch Micro-USB B Receptacle, Bottom Mount, SMT, Lead Free IEEE 1394-1995 Receptacle, Right Angle, SMT USB On-The-Go (OTG) mini-BTM Receptacle, Right Angle, SMT USB On-The-Go (OTG) mini-BTM Receptacle, Vertical, Through Hole
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 5 of 6
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com
Datasheet for 76650-0143
68784-0001 China USB-A/MICRO B CABLE 1M 1
* DisplayPort is a Trademark of VESA ^ High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
No Recommended Molex Tool for Part No. 76650-0143
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 6 of 6


▲Up To Search▲   

 
Price & Availability of 74320-1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X