Part Number Hot Search : 
17481 MS3022 8V2BC TP8472 YELLOW ON1608 PS21A79 TXV2N
Product Description
Full Text Search
 

To Download 59036-X-T-01-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.hamlin.com
59036 Clamp Sensor Features and Benefits
Features
Sensor with integral clamping *S feature * Suitable for mounting on 15mm o pipework * Choice of contacts * Choice of connector * Customer defined cable length
Benefits
No * N standby power required * Hermetically sealed, magnetically operated contacts continue to operate long after optical and other technologies fail due to contamination * Quick and simple clip fit feature
Applications
* * * * Position and limit sensing P Linear actuators Industrial Process Control Liquid level control
DIMENSIONS (in) mm
CUSTOMER OPTIONS - Switching Specifications
TABLE 1 Contact Type Switch Type Power Voltage Current Resistance Capacitance Temperature Time Shock Vibration Switching Breakdown Switching Carry Contact, Initial Insulation Contact Operating Storage Operate Release 11ms 12 sine 50-2000 Hz Watt - max. Vdc - max. Vdc - min. A - max. A - max. - max. - min. pF - typ. C C ms - max. ms - max. G - max. G - max. Form A Normally Open 1 10 200 250 0.5 1.2 0.2 1010 0.3 -40 to +105 -65 to +105 1.0 1.0 100 30 Normally Open High Voltage 2 10 300 450 0.5 1.5 0.2 1010 0.2 -20 to +105 -65 to +105 1.0 1.0 100 30 Change Over 3 5 175 200 0.25 1.5 0.2 109 0.3 -40 to +105 -65 to +105 3.0 3.0 50 30 Normally Closed 4 5 175 200 0.25 1.5 0.2 109 0.3 -40 to +105 -65 to +105 3.0 3.0 50 30
CUSTOMER OPTIONS - Cable Length and Termination Specification
TABLE 2 Cable Type:24 AWG 7/32 PVC 105oC UL1430/UL1569
TABLE 3 Termination Options:SELECT OPTION DESCRIPTION (2 WIRE VERSIONS ILLUSTRATED)
ACTIVATION
Using Hamlin 57025 actuator as illustrated below
Standard Lengths
SELECT OPTION CABLE LENGTH
A or F B C D E
Tinned or untinned leads Crimped terminals 6.35mm fastons AMP MTE 2.54mm pitch JST XHP 2.5mm pitch
(in) 01 02 03 04 05
mm
(3,94) 100 (11,81) 300 (19,69) 500 (29,53) 750 (39,37) 1000
ORDERING INFORMATION
N.B. 57025 actuator sold separately
59036 Table 1 Table 2 Table 3
X
T
XX
X
Series 59036 Switch Type Sensitivity Cable Length Termination
Hamlin USA Hamlin UK Hamlin Germany Hamectrol France
ISSUE No: 4 DATE: 1/5/3
Tel: Tel: Tel: Tel:
+1 920 648 3000 * Fax: +1 920 648 3001 * Email: sales.us@hamlin.com +44 (0)1379 649700 * Fax: +44 (0)1379 649702 * Email: sales.uk@hamlin.com +49 (0) 6181 953660 * Fax: +49 (0) 6181 9536666 * Email: sales.de@hamlin.com +33 (0) 1 4687 0202 * Fax: +33 (0) 1 4686 6786 * Email: sales.fr@hamlin.com 23
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE. Product performance may be affected by the application to which the product is put. Upon request, HAMLIN will assist purchasers by providing information specific to any particular application. HAMLIN disclaims any and all liability whatsoever for any purchaser's reliance upon the information contained on this data sheet without further consultation with authorised representatives of HAMLIN.


▲Up To Search▲   

 
Price & Availability of 59036-X-T-01-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X