Part Number Hot Search : 
203406B 125NS140 HD64F3 MAX695 MCP6072T P6KE20 H216C R1180Q
Product Description
Full Text Search
 

To Download 2SK391109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3911
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (MACHII -MOSVI)
2SK3911
Switching Regulator Applications
* * * * * Small gate charge: Qg = 60 nC (typ.) Low drain-source ON resistance: RDS (ON) = 0.22 (typ.) High forward transfer admittance: |Yfs| = 11 S (typ.) Low leakage current: IDSS = 500 A (VDS = 600 V) Enhancement model: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristic Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC Pulse (Note 1) (Note 1) Symbol VDSS VDGR VGSS ID IDP PD EAS IAR EAR Tch Tstg Rating 600 600 30 20 80 150 792 20 15 150 -55 to 150 Unit V V V A W mJ A mJ C C 1. GATE 2. DRAIN (HEATSINK) 3. SOURCE
Drain power dissipation (Tc = 25C) Single pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy (Note 3) Channel temperature Storage temperature range
JEDEC JEITA TOSHIBA
SC-65 2-16C1B
Weight: 4.6 g (typ.)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/''Derating Concept and Methods'') and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristic Thermal resistance, channel to case Thermal resistance, channel to ambient Symbol Rth (ch-c) Rth (ch-a) Max 0.833 50 Unit C/W C/W
2
Note 1: Ensure that the channel temperature does not exceed 150C during use of the device. Note 2: VDD = 90 V, Tch = 25C (initial), L = 3.46 mH, IAR = 20 A, RG = 25 Note 3: Repetitive rating: pulse width limited by maximum channel temperature This transistor is an electrostatic-sensitive device. Handle with care.
3 1
1
2009-09-29
2SK3911
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Gate-source breakdown voltage Drain cutoff current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-on time Switching time Fall time Turn-off time Total gate charge Gate-source charge Gate-drain charge tf toff Qg Qgs Qgd VDD 400 V, VGS = 10 V, ID = 20 A Duty 1%, tw = 10 s Symbol IGSS V (BR) GSS IDSS V (BR) DSS Vth RDS (ON) Yfs Ciss Crss Coss tr ton 10 V VGS 0V 4.7 ID = 10 A VOUT VDS = 25 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 25 V, VDS = 0 V IG = 10 A, VDS = 0 V VDS = 600 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 10 V, ID = 10 A VDS = 10 V, ID = 10 A Min 30 600 2.0 3.0 Typ. 0.22 11 4250 10 420 12 45 12 80 60 50 10 Max 10 500 4.0 0.32 pF Unit A V A V V S



ns
RL = 20 VDD 200 V

nC
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristic Continuous drain reverse current (Note 1) Pulse drain reverse current Forward voltage (diode) Reverse recovery time Reverse recovery charge (Note 1) Symbol IDR IDRP VDSF trr Qrr Test Condition IDR = 20 A, VGS = 0 V IDR = 20 A, VGS = 0 V, dIDR/dt = 100 A/s Min Typ. 1350 24 Max 20 80 -1.7 Unit A A V ns C
Marking
Note 4: A line under a Lot No. identifies the indication of product Labels.
TOSHIBA
K3911
Part No. (or abbreviation code) Lot No. Note 4
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]] Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
2
2009-09-29
2SK3911
ID - VDS
20 10 8 6.5 COMMON SOURCE Tc = 25C Pulse test 6 12 50 COMMON SOURCE Tc = 25C PULSE TEST
ID - VDS
10 8
DRAIN CURRENT ID (A)
7
DRAIN CURRENT ID (A)
16
40
30
7
8
5.5
20
6.5
6 10 5.5 VGS = 5 V
4
VGS = 5 V
0
0
2
4
6
8
10
0
0
4
8
12
16
20
DRAIN-SOURCE VOLTAGE VDS (V)
DRAIN-SOURCE VOLTAGE VDS (V)
ID - VGS
50
VDS - VGS
20
DRAIN CURRENT ID (A)
40
25
DRAIN-SOURCE VOLTAGE VDS (V)
COMMON SOURCE VDS = 20 V PULSE TEST
16
COMMON SOURCE Tc = 25C PULSE TEST
30 100 20 Tc = -55C
12
8 ID = 20 A 4 5 10
10
0
0
2
4
6
8
10
0
0
4
8
12
16
20
GATE-SOURCE VOLTAGE VGS
(V)
GATE-SOURCE VOLTAGE VGS
(V)
Yfs - ID
100
RDS (ON) - ID
1000
FORWARD TRANSFER ADMITTANCE Yfs (S)
DRAIN-SOURCE ON RESISTANCE RDS (ON) (m)
COMMON SOURCE VDS = 20 V PULSE TEST
COMMON SOURCE Tc = 25C PULSE TEST VGS = 10 V
10
Tc = -55C 25
100
100
1
0.1
10 0.1 1 10 100 1 10 100
DRAIN CURRENT ID (A)
DRAIN CURRENT ID (A)
3
2009-09-29
2SK3911
RDS (ON) - Tc
1000
IDR - VDS
100
800
DRAIN REVERSE CURRENT IDR (A)
DRAIN-SOURCE ON RESISTANCE RDS (ON) (m)
COMMON SOURCE VGS = 10 V PULSE TEST
COMMON SOURCE Tc = 25C PULSE TEST
10
600
400
ID = 20 A 5
10 1 5 3 1 VGS = 0 V 0.1 0 -0.4 -0.8 -1.2 -1.6
200 10 0 -80
-40
0
40
80
120
160
CASE TEMPERATURE
Tc (C)
DRAIN-SOURCE VOLTAGE VDS (V)
C - VDS
10000 Ciss 5
Vth - Tc
Vth (V)
COMMON SOURCE VDS = 10 V ID = 1 mA PULSE TEST
(pF)
4
CAPACITANCE C
Coss
GATE THRESHOLD VOLTAGE
1000
3
100
2
10
COMMON SOURCE VGS = 0 V f = 1 MHz Tc = 25C
Crss
1
1 0.1
1
10
100
0 -80
-40
0
40
80
120
160
DRAIN-SOURCE VOLTAGE
VDS
(V)
CASE TEMPERATURE
Tc (C)
PD - Tc
200 500
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
DRAIN-SOURCE VOLTAGE VDS (V)
COMMON SOURCE ID = 20 A Tc = 25C PULSE TEST 20
PD (W)
DRAIN POWER DISSIPATION
120
300 100 200 VGS 100
200 VDD = 400 V
12
80
8
40
4
0
0
40
80
120
160
200
0
0
20
40
60
80
0 100
CASE TEMPERATURE
Tc (C)
TOTAL GATE CHARGE Qg (nC)
4
2009-09-29
GATE-SOURCE VOLTAGE VGS
160
400
VDS
16
(V)
2SK3911
rth - tw
NORMALIZED TRANSIENT THERMAL IMPEDANCE rth (t)/Rth (ch-c)
10
1
Duty=0.5 0.2
0.1
0.1 0.05 0.02 SINGLE PULSE 0.01 PDM t T Duty = t/T Rth (ch-c) = 0.833C/W 100 1m 10m 100m 1 10
0.01
0.001 10
PULSE WIDTH
tw (s)
SAFE OPERATING AREA
1000 1000
EAS - Tch
AVALANCHE ENERGY EAS (mJ)
800
100
ID max (PULSE) * 100 s * ID max (CONTINUOUS) 1 ms *
600
DRAIN CURRENT ID (A)
400
10
200
DC OPERATION Tc=25 1
0 25
50
75
100
125
150
CHANNEL TEMPERATURE (INITIAL)
Tch (C)
0.1 *: SINGLE NONPETITIVE PULSE Tc = 25C Curves must be derated linearly with increase in temperature 0.01 1 10 VDSS max 100 1000
15 V -15 V
BVDSS IAR VDD VDS
DRAIN-SOURCE VOLTAGE VDS (V)
TEST CIRCUIT RG = 25 VDD = 90 V, L = 3.46 mH
WAVE FORM
AS =
1 B VDSS L I2 B 2 VDSS - VDD
5
2009-09-29
2SK3911
RESTRICTIONS ON PRODUCT USE
* Toshiba Corporation, and its subsidiaries and affiliates (collectively "TOSHIBA"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "Product") without notice. * This document and any information herein may not be reproduced without prior written permission from TOSHIBA. Even with TOSHIBA's written permission, reproduction is permissible only if reproduction is without alteration/omission. * Though TOSHIBA works continually to improve Product's quality and reliability, Product can malfunction or fail. Customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of Product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. Before creating and producing designs and using, customers must also refer to and comply with (a) the latest versions of all relevant TOSHIBA information, including without limitation, this document, the specifications, the data sheets and application notes for Product and the precautions and conditions set forth in the "TOSHIBA Semiconductor Reliability Handbook" and (b) the instructions for the application that Product will be used with or for. Customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this Product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. TOSHIBA ASSUMES NO LIABILITY FOR CUSTOMERS' PRODUCT DESIGN OR APPLICATIONS. * Product is intended for use in general electronics applications (e.g., computers, personal equipment, office equipment, measuring equipment, industrial robots and home electronics appliances) or for specific applications as expressly stated in this document. Product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality and/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or serious public impact ("Unintended Use"). Unintended Use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. Do not use Product for Unintended Use unless specifically permitted in this document. * Do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy Product, whether in whole or in part. * Product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. * The information contained herein is presented only as guidance for Product use. No responsibility is assumed by TOSHIBA for any infringement of patents or any other intellectual property rights of third parties that may result from the use of Product. No license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. * ABSENT A WRITTEN SIGNED AGREEMENT, EXCEPT AS PROVIDED IN THE RELEVANT TERMS AND CONDITIONS OF SALE FOR PRODUCT, AND TO THE MAXIMUM EXTENT ALLOWABLE BY LAW, TOSHIBA (1) ASSUMES NO LIABILITY WHATSOEVER, INCLUDING WITHOUT LIMITATION, INDIRECT, CONSEQUENTIAL, SPECIAL, OR INCIDENTAL DAMAGES OR LOSS, INCLUDING WITHOUT LIMITATION, LOSS OF PROFITS, LOSS OF OPPORTUNITIES, BUSINESS INTERRUPTION AND LOSS OF DATA, AND (2) DISCLAIMS ANY AND ALL EXPRESS OR IMPLIED WARRANTIES AND CONDITIONS RELATED TO SALE, USE OF PRODUCT, OR INFORMATION, INCLUDING WARRANTIES OR CONDITIONS OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, ACCURACY OF INFORMATION, OR NONINFRINGEMENT. * Do not use or otherwise make available Product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). Product and related software and technology may be controlled under the Japanese Foreign Exchange and Foreign Trade Law and the U.S. Export Administration Regulations. Export and re-export of Product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. * Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. Please use Product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. TOSHIBA assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.
6
2009-09-29


▲Up To Search▲   

 
Price & Availability of 2SK391109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X