Part Number Hot Search : 
L8560 KBJ10J 111UX M7S24FCJ EMK21 3QL50AK D4148 T54FCT
Product Description
Full Text Search
 

To Download 2SK366209 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3662
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (-MOSII)
2SK3662
Switching Regulator, DC-DC Converter, Motor Drive Applications
* * * * Low drain-source ON-resistance: RDS (ON) = 9.4 m (typ.) High forward transfer admittance: |Yfs| = 55 S (typ.) Low leakage current: IDSS = 100 A (max) (VDS = 60 V) Enhancement mode : Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA) Unit: mm
Absolute Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD EAS IAR (Note 3) Channel temperature Storage temperature range EAR Tch Tstg Rating 60 60 20 35 105 35 204 35 3.5 150 -55 to 150 Unit V V V A W mJ A mJ C C
Pulse (Note 1) Drain power dissipation (Tc = 25C) Single pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy
JEDEC JEITA TOSHIBA
SC-67 2-10R1B
Weight: 1.9 g (typ.)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics Thermal resistance, channel to case Thermal resistance, channel to ambient Symbol Rth (ch-c) Rth (ch-a) Max 3.57 62.5 Unit C/ W C/ W
Note 1:
Ensure that the channel temperature does not exceed 150C.
Note 2: VDD = 25 V, Tch = 25C (initial), L = 227 H, IAR = 35 A, RG = 25 Note 3: Repetitive rating: pulse width limited by maximum channel temperature This transistor is an electrostatic-sensitive device. Please handle with caution.
1
2009-12-21
2SK3662
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain cut-off current Drain-source breakdown voltage Gate threshold voltage Drain-source ON-resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-on time Switching time Fall time Turn-off time Total gate charge (gate-source plus gate-drain) Gate-source charge Gate-drain ("miller") charge tf toff Qg Qgs Qgd Symbol IGSS IDSS V (BR) DSS V (BR) DSX Vth RDS (ON) |Yfs| Ciss Crss Coss tr ton 10 V VGS 0V 4.7 ID = 18 A RL = 1.67 VOUT VDS = 10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 16 V, VDS = 0 V VDS = 60 V, VGS = 0 V ID = 10 mA, VGS = 0 V ID = 10 mA, VGS = -20 V VDS = 10 V, ID = 1 mA VGS = 4 V, ID = 18 A VGS = 10 V, ID = 18 A VDS = 10 V, ID = 18 A Min 60 40 1.3 28 VDD 48 V, VGS = 10 V, ID = 35 A Typ. 12.5 9.4 55 5120 300 500 6 19 20 115 91 70 21 Max 10 100 2.5 19 12.5 ns nC pF Unit A A V V m S
VDD 30 V Duty 1%, tw = 10 s
Source-Drain Diode Ratings and Characteristics (Ta = 25C)
Characteristics Continuous drain reverse current (Note 1) Pulse drain reverse current (Note 1) Forward voltage (diode) Reverse recovery time Reverse recovery charge Symbol IDR IDRP VDSF trr Qrr Test Condition IDR = 35 A, VGS = 0 V IDR = 35 A, VGS = 0 V, dIDR/dt = 50 A/s Min Typ. 60 58 Max 35 105 -1.5 Unit A A V ns nC
Marking
K3662
Part No. (or abbreviation code) Lot No.
Note 4: A line under a Lot No. identifies the indication of product Labels. Not underlined: [[Pb]]/INCLUDES > MCV Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]] Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
Note 4
2
2009-12-21
2SK3662
ID - VDS
40 6 8 80 30 10 3.3 20 4 3.5 100 10 6 4.2 4
ID - VDS
Common source Tc = 25C Pulse test
Drain current ID (A)
Drain current ID (A)
3.8 60 3.6 40 3.4 20 VGS = 3 V 0 0
10
VGS = 3 V Common source Tc = 25C Pulse test
0 0
0.2
0.4
0.6
0.8
1.0
1
2
3
4
5
Drain-source voltage
VDS (V)
Drain-source voltage
VDS (V)
ID - VGS
100 Common source VDS = 10 V Pulse test 1.0
VDS - VGS
Common source Tc = 25C Pulse test
VDS (V) Drain-source voltage
80
0.8
Drain current ID (A)
60
0.6
40
0.4
ID = 35 A
20 Tc = -55C 0 0 1 2 3
100 25 4 5
0.2
17 9
0 0
4
8
12
16
20
Gate-source voltage
VGS (V)
Gate-source voltage
VGS (V)
Yfs - ID
300 Common source VDS = 10 V Pulse test 100 Tc = -55C
RDS (ON) - ID
50
(S)
Forward transfer admittance Yfs
Drain-source ON-resistance RDS (ON) (m)
Common source 30 Tc = 25C Pulse test 4 10 VGS = 10 V 5 3
50 100 30
25
10
5 1
3
5
10
30
50
100
1 1
3
5
10
30
50
100
Drain current ID (A)
Drain current ID (A)
3
2009-12-21
2SK3662
RDS (ON) - Tc
25 100 Common source 20 Pulse test 17 A, 9 A
IDR - VDS
Drain-source ON-resistance RDS (ON) ( )
(A)
10
15
ID = 35 A VGS = 4 V
Drain reverse current IDR
5
10
3
10
VGS = 10 V ID = 35 A, 17 A, 9 A
5
Common source Tc = 25C VGS = 0 V Pulse test -0.8 -1.0 -1.2 -1.4 -1.6
0 -80
-40
0
40
80
120
160
1 0
-0.2
-0.4
-0.6
Case temperature Tc (C)
Drain-source voltage
VDS (V)
Capacitance - VDS
10000 5 Common source VDS = 10 V I = 1 mA 4D Pulse test
Vth - Tc
Ciss
(pF)
Gate threshold voltage
1000
Vth (V)
3
Capacitance C
Coss
2
100 Common source VGS = 0 V f = 1 MHz 10 0.1 Ta = 25C 1 10
Crss
1
0 -80 100
-40
0
40
80
120
160
Case temperature Tc (C)
Drain-source voltage
VDS (V)
PD - Tc
40 Common source VDS = 10 A ID = 1 mA Pulse test 80
Dynamic input/output characteristics
Common source ID = 35 A Tc = 25C Pulse test 16
Drain power dissipation PD (W)
VDS (V)
30
60
12
Drain-source voltage
24 8 VDD = 48 V
20
40
10
20 VGS
4
0 0
40
80
120
160
0 0
40
80
120
0 160
Case temperature Tc (C)
Total gate charge Qg (nC)
4
2009-12-21
Gate-source voltage
VDS
12
VGS (V)
2SK3662
rth - tw
3
Normalized transient thermal impedance rth (t)/Rth (ch-c)
1 Duty = 0.5 0.3 0.2 0.1 0.1 0.05 0.02 0.01 0.01 Single pulse T Duty = t/T Rth (ch-c) = 3.57C/W 100 1m 10 m 100 m 1 10 PDM t
0.03
0.00 10
Pulse width
tw
(s)
Safe operating area
300 ID max (pulsed)* t = 1 ms* ID max (continuous) 30 250
EAS - Tch
Avalanche energy EAS (mJ)
100
200
(A)
150
Drain current ID
t = 10 ms* 10
100
3
50
1 * Single nonrepetitive pulse 0.3 Tc = 25C Curves must be derated linearly with increase in temperature. 0.1 0.1 1 VDSS max 10 100 0 25 50 75 100 125 150
Channel temperature (initial) Tch (C)
Drain-source voltage
VDS (V)
15 V
-15 V
BVDSS IAR VDD VDS Waveform
AS = 1 B VDSS L I2 B 2 VDSS - VDD
Test circuit
RG = 25 VDD = 25 V, L = 227 H
5
2009-12-21
2SK3662
RESTRICTIONS ON PRODUCT USE
* Toshiba Corporation, and its subsidiaries and affiliates (collectively "TOSHIBA"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "Product") without notice. * This document and any information herein may not be reproduced without prior written permission from TOSHIBA. Even with TOSHIBA's written permission, reproduction is permissible only if reproduction is without alteration/omission. * Though TOSHIBA works continually to improve Product's quality and reliability, Product can malfunction or fail. Customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of Product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. Before customers use the Product, create designs including the Product, or incorporate the Product into their own applications, customers must also refer to and comply with (a) the latest versions of all relevant TOSHIBA information, including without limitation, this document, the specifications, the data sheets and application notes for Product and the precautions and conditions set forth in the "TOSHIBA Semiconductor Reliability Handbook" and (b) the instructions for the application with which the Product will be used with or for. Customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this Product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. TOSHIBA ASSUMES NO LIABILITY FOR CUSTOMERS' PRODUCT DESIGN OR APPLICATIONS. * Product is intended for use in general electronics applications (e.g., computers, personal equipment, office equipment, measuring equipment, industrial robots and home electronics appliances) or for specific applications as expressly stated in this document. Product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality and/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or serious public impact ("Unintended Use"). Unintended Use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. Do not use Product for Unintended Use unless specifically permitted in this document. * Do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy Product, whether in whole or in part. * Product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. * The information contained herein is presented only as guidance for Product use. No responsibility is assumed by TOSHIBA for any infringement of patents or any other intellectual property rights of third parties that may result from the use of Product. No license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. * ABSENT A WRITTEN SIGNED AGREEMENT, EXCEPT AS PROVIDED IN THE RELEVANT TERMS AND CONDITIONS OF SALE FOR PRODUCT, AND TO THE MAXIMUM EXTENT ALLOWABLE BY LAW, TOSHIBA (1) ASSUMES NO LIABILITY WHATSOEVER, INCLUDING WITHOUT LIMITATION, INDIRECT, CONSEQUENTIAL, SPECIAL, OR INCIDENTAL DAMAGES OR LOSS, INCLUDING WITHOUT LIMITATION, LOSS OF PROFITS, LOSS OF OPPORTUNITIES, BUSINESS INTERRUPTION AND LOSS OF DATA, AND (2) DISCLAIMS ANY AND ALL EXPRESS OR IMPLIED WARRANTIES AND CONDITIONS RELATED TO SALE, USE OF PRODUCT, OR INFORMATION, INCLUDING WARRANTIES OR CONDITIONS OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, ACCURACY OF INFORMATION, OR NONINFRINGEMENT. * Do not use or otherwise make available Product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). Product and related software and technology may be controlled under the Japanese Foreign Exchange and Foreign Trade Law and the U.S. Export Administration Regulations. Export and re-export of Product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. * Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. Please use Product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. TOSHIBA assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.
6
2009-12-21


▲Up To Search▲   

 
Price & Availability of 2SK366209

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X