Part Number Hot Search : 
2SC52 BU9262FS CM6504IP DTC115 100E1 4HCT37 182A934 CF5034AB
Product Description
Full Text Search
 

To Download 2SD1276A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SD1276 2SD1276A
DESCRIPTION With TO-220Fa package Complement to type 2SB950 and 2SB950A High forward current transfer ratio hFE High-speed switching
APPLICATIONS
For power amplification
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol
ABSOLUTE MAXIMUM RATINGS AT Tc=25ae
SYMBOL VCBO PARAMETER 2SD1276 Collector-base voltage 2SD1276A 2SD1276 VCEO Collector-emitter voltage 2SD1276A VEBO IC ICM Emitter-base voltage Collector current (DC) Collector current-Peak TC=25ae PC Collector power dissipation Ta=25ae Tj Tstg Junction temperature Storage temperature 2 150 -55~150 ae ae Open collector Open base 80 5 4 8 40 W V A A Open emitter 80 60 V CONDITIONS VALUE 60 V UNIT
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SD1276 2SD1276A
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage 2SD1276 IC=30mA , IB=0 2SD1276A IC=3A IB=12mA VCEsat Collector-emitter saturation voltage IC=5A IB=20mA VBE Base-emitter voltage 2SD1276 ICBO Collector cut-off current 2SD1276A 2SD1276 ICEO Collector cut-off current 2SD1276A IEBO hFE-1 hFE-2 fT Emitter cut-off current DC current gain DC current gain Transition frequency VCE=40V IB=0 VEB=5V; IC=0 IC=3A ; VCE=0.5V IC=3A ; VCE=3V IC=0.5A; VCE=10V;f=1MHz 1000 2000 20 10000 MHz 0.5 2 mA mA VCB=80V IE=0 VCE=30V IB=0 0.2 0.5 mA mA VCE=3V IC=3A VCB=60V IE=0 4 2.5 0.2 V V mA 80 2 V V CONDITIONS MIN 60 TYP. MAX UNIT V SYMBOL VCEO
Switching times ton ts tf Turn-on time Storage time Fall time IC=2A ;IB1=8mA IB2=-8mA;VCC=50V 0.5 4 1 |I |I |I s s s
hFE-2 Classifications
Q 2000-5000 R 4000-10000
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SD1276 2SD1276A
PACKAGE OUTLINE
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2SD1276A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X