Part Number Hot Search : 
REF19 SD120 40011 MMBT390 AD831 CS830 GE272K PCA9556
Product Description
Full Text Search
 

To Download 2SD1023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon Power Transistors
2SD1023
DESCRIPTION DARLINGTON High DC current gain With TO-220 package
PINNING
PIN 1 2 3 Base
DESCRIPTION
Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-220) and symbol
ABSOLUTE MAXIMUM RATINGS (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current-Continuous Collector current-Peak Base current Base current-Peak Total power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 200 200 7 5 8 0.5 1 30 150 -55~150 ae ae UNIT V V V A A A A W
JMnic
Product Specification
www.jmnic.com
Silicon Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter saturation voltage Emitter-base saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Transition frequency Turn-on time Storage time Fall time IC=3A; IB=5mA RL=10| VBB2=4V CONDITIONS IC=3A; IB=5mA IC=3A ;IB=5mA VCE=200V; IB=0 VCB=200V; IE=0 VEB=7V; IC=0 IC=3A ; VCE=3V IC=0.5A ; VCE=10V 1500 20 MIN TYP. SYMBOL VCEsat VBEsat ICEO ICBO IEBO hFE fT ton ts tf
2SD1023
MAX 1.5 2.0 0.1 0.1 5 30000
UNIT V V mA mA mA
MHz 2 8 5 |I |I |I s s s
THERMAL CHARACTERISTICS
SYMBOL Rth j-case PARAMETER Thermal resistance junction to case VALUE 4.17 UNIT ae /W
JMnic
Product Specification
www.jmnic.com
Silicon Power Transistors
PACKAGE OUTLINE
2SD1023
Fig.2 Outline dimensions (unindicated tolerance: 0.1mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2SD1023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X