Part Number Hot Search : 
DL4753A DR77097 TEN06 RGA37D AN1215 1N534 FN2837 LM79MXX
Product Description
Full Text Search
 

To Download 2SA1908 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1908
DESCRIPTION With TO-3PML package Complement to type 2SC5100 APPLICATIONS Audio and general purpose
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Fig.1 simplified outline (TO-3PML) and symbol Base
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -120 -120 -6 -8 -3 75 150 -55~150 ae ae UNIT V V V A A W
1
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=-50mA; IB=0 IC=-3 A;IB=-0.3 A VCB=-120V; IE=0 VEB=-6V; IC=0 IC=-3A ; VCE=-4V IC=-0.5A ; VCE=-12V IE=0; VCB=-10V;f=1MHz 50 20 300 MIN -120
2SA1908
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V
-0.5 -10 -10 180 |I |I
V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=-4A;RL=10| IB1=-IB2=-0.4A VCC=-40V 0.14 1.40 0.21 |I |I |I s s s
hFE classifications O 50-100 P 70-140 Y 90-180
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1908
Fig.2 Outline dimensions
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1908
4


▲Up To Search▲   

 
Price & Availability of 2SA1908

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X