Part Number Hot Search : 
2545E AA3528 DAC20CP MC146818 M62211FP RF236 BT169 854919
Product Description
Full Text Search
 

To Download 2SA1673 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1673
DESCRIPTION With TO-3PML package Complement to type 2SC4388 APPLICATIONS Audio and general purpose
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base Fig.1 simplified outline (TO-3PML) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collectorl power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -180 -180 -6 -15 -4 85 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=-50mA; IB=0 IC=-5 A;IB=-0.5 A VCB=-180V; IE=0 VEB=-6V; IC=0 IC=-3A ; VCE=-4V IC=-0.5A ; VCE=-12V IE=0; VCB=-10V;f=1MHz 50 20 500 MIN -180 TYP.
2SA1673
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE fT COB
MAX
UNIT V
-2.0 -10 -10 180 |I |I
V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=-10A;RL=4| IB1=-IB2=-1A VCC=-40V 0.60 0.90 0.20 |I |I |I s s s
hFE classifications O 50-100 P 70-140 Y 90-180
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1673
Fig.2 Outline dimensions
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1673
4


▲Up To Search▲   

 
Price & Availability of 2SA1673

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X