Part Number Hot Search : 
O55CC B1286 BR1000 ER2002ST PS21204 04023 ASI10660 10119
Product Description
Full Text Search
 

To Download 1SS355GH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation Switching Diode
Lead free product Halogen-free type
1SS355GH
CATHODE 1 2 1
ANODE 2
SOD-323
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current at 1Sec. Typical Junction Capacitance between Terminal (Note 1) Maximum Reverse Recovery Time (Note 2) Maximum Operating Temperature Range Storage Temperature Range
Symbol VRRM VRMS VDC IO IFSM CJ TRR TJ TSTG
1SS355GH 90 63 80 0.1 0.5 3.0 4.0 +125 -55 to +125
UNITS Volts Volts Volts Amps Amps pF nSec
oC oC
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS Maximum Instantaneous Forward Voltage at IF= 100mA Maximum Average Reverse Current at VR= 80V
Symbol VF IR
1SS355GH 1.20 0.1
UNITS Volts uAmps
NOTES :1. Measured at 1.0 MHZ and applied reverse voltage of 6.0 volts. 2. Measured at applied froward current of 10mA and reverse voltage of 6.0 volts. 3. ESD sensitive product handling required.
REV. 0
Zowie Technology Corporation
Zowie Technology Corporation
1SS355GH
FIG. 1 - FORWARD CHARACTERISTICS 1
FORWARD CURRENT, (A)
FIG. 2 - REVERSE CHARACTERISTICS 1m
REVERSE CURRENT, (A)
100m 10m 1m 100u 10u 0 0.2
Ta=125oC 75oC 25oC -25 C
o
0.1m 10u 1u 100n
25 C
o
Ta=125 C 75 C
o
o
10n 1n
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80
100
120
FORWARD VOLTAGE, (V)
REVERSE VOLTAGE, (V)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
REVERSE RECOVERY TIME, (nS)
FIG. 4 - REVERSE RECOVERY TIME CHARATERISTICS 3
VR=6V IRR=1/10IR
10
JUNCTION CAPACITANCE, (pF)
5 2 1 0.5 0.2 0.1 0 2 4 6 8 10 12 14 REVERSE VOLTAGE, (V)
2
1
0
0
10
20
30
FORWARD CURRENT, (mA)
PEAK FORWARD SURGE CURRENT, (A)
100 50 20 10 5 2 1
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PULSE Single pulse
FIG. 6 - REVERSE RECOVERY TIME MEASUREMENT CIRCUIT
0.01F D.U.T.
5 PULSE GENERATOR OUTPUT 50 50 SAMPLING OSCILLOSCOPE
0.1
1
10
100
1000
10000
PULSE WIDTH, (Sec)
REV. 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of 1SS355GH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X