Part Number Hot Search : 
486DX2 00051 TD301 9LV16 LX1660 LA112 1N444 LA112
Product Description
Full Text Search
 

To Download 1S20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
1S20 THRU 1SA0
1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
Features
* * * * * Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Low power loss, high efficiency High current capability, Low forward voltage drop High surge capability Metal silicon junction, majority carrier conduction
* * *
Maximum Ratings
Operating Temperature: -55C to +125C Storage Temperature: -55C to +125C Maximum Thermal Resistance: 50oC/W Junction to Lead Maximum Recurrent Peak Reverse Voltage 20V 30V 40V 50V 60V 80V 100V Maximum RMS Voltage 14V 21V 28V 35V 42V 56V 70V Maximum DC Blocking Voltage 20V 30V 40V 50V 60V 80V 100V
R-1
Part Number 1S20 1S30 1S40 1S50 1S60 1S80 1SA0
D
A
Cathode Mark
B
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 1.0 A TC = 75C Current Peak Forward Surge IFSM 35A 8.3ms, half sine Current Maximum Instantaneous Forward Voltage IFM = 1.0A; VF 1S20-1S40 0.55V TC = 25C 1S50-1S60 0.70V 1S80-1SA0 0.85V Maximum DC 0.5mA TC = 25C Reverse Current At IR 10mA TC = 100C Rated DC Blocking Voltage Measured at Typical Junction 110pF CJ 1.0MHz, VR=4.0V Capacitance Pulse Test: Pulse width 300 usec, Duty cycle 1%.
D
C
DIMENSIONS INCHES DIM MIN A B C D 0.116 0.091 0.020 0.787 MAX 0.140 0.102 0.024 ----MIN 2.90 2.30 0.50 20.00 MAX 3.50 2.60 0.60 ----MM NOTE
www.cnelectr .com
1S20 thru 1SA0
Figure 1 Typical Forward Characteristics @ TJ = 25 C Figure 2 Typical Forward Characteristics @ TJ = 125C
10
1S20-1S40 1S50-1SA0
10
1S20 -1S40 1S50 -1SA0
25C Amps 1 Amps 1
125C
0.1
0.1
0.01
1.2 0.6 0.8 1.0 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve
0.2
0.4
0.01
1.2 0.6 0.8 1.0 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts
0.2
0.4
42 35
28
21 Amps 14 7
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 25 50 75 100 125 150
0
C Average Forward Rectified Current Per Leg - Amperes versus Case Temperature - C
www.cnelectr .com
1S20 thru 1SA0
Figure 4 Typical Reverse Characteristics 100 60 40 20 10 6 4 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 0 20 40 60 Volts Instantaneous Reverse Leakage Current - Amperes versus Percent Of Rated Peak Reverse Voltage - Volts 80 100 140 TJ =75C TJ =125C Amps 1S20-1S40 1S50-1SA0 60 50 40 30 20 10 0 1 2 4 6 8 10 20 Cycles Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles 40 60 80100 Figure 5 Peak Forward Surge Current
www.cnelectr .com


▲Up To Search▲   

 
Price & Availability of 1S20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X