Part Number Hot Search : 
D2021UK 101KL 2SC3127 SD4652 2SD60 CMBT4124 FM4933W EP8322
Product Description
Full Text Search
 

To Download URB2405D-5W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 URA_D-5W & URB_D-5W Series
5W, 4:1 WIDE INPUT ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES
Operating Temperature: -40C to +85C 1.5KVDC Input/Output Isolation Metal Case Package No Heat sink Required Industry Standard Pinout MTBF>1,000,000 hours RoHS Compliance
PRODUCT PROGRAM
Input Part Number URA2405D-5W * URA2412D-5W URA2415D-5W URA2424D-5W * URB2405D-5W URB2412D-5W URB2415D-5W * 24 9-36 40 Voltage (VDC) Nominal Range Max** Voltage (VDC) 5 12 15 24 5 12 15 24 5 12 15 48 18-75 80 24 5 12 15 24 Output Current (mA) Max 500 200 166 104 1000 420 333 200 500 200 166 104 1000 420 333 200 Min 50 20 16 10 100 42 33 20 50 20 16 10 100 42 33 20 75 77 79 81 77 80 81 73 75 78 82 85 79 82 85 86 Efficiency (%, Typ)
APPLICATIONS
The URA_D-5W & URB_D-5W Series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is wide range (voltage range 4:1); 2) Where isolation is necessary between input and output (Isolation voltage 1500VDC); 3) Where the regulation of the output voltage and the output ripple noise are demanded.
URB2424D-5W * URA4805D-5W URA4812D-5W * URA4815D-5W * URA4824D-5W * URB4805D-5W URB4812D-5W URB4815D-5W * URB4824D-5W *
* Designing. * * Input voltage can't exceed this value, or will cause the permanent damage.
COMMON SPECIFICATION MODEL SELECTION
Item Storage Humidity Range Operating temperature -40 -55 1.5mm from case for 10 seconds 50 Tested for 1 minute and 1 mA max Test at 500VDC Input/Output 1500 1000 100 500 Free Air Convection Continuous, automatic recovery Aluminium alloy 1000 14 K hours g VDC M pF mW Test Conditions Min Typ Max 95 85 125 300 C Units %
URB2405D-5W
Rated Power Package Style Output Voltage Input Voltage Product Series
Storage Temperature Range Lead Temperature Temp. Rise at Full Load Isolation voltage Isolation resistance Isolation capacitance No-load Power Consumption Cooling
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 Http://www.mornsun-power.com
Short Circuit Protection Case Material MTBF Weight
MORNSUN reserves the copyright
Specifications subject to change without notice.
URA_D-5W & URA_D-5W
A/3-2008
Page 1 of 2
OUTPUT SPECIFICATIONS
Item Output Power Positive Voltage Accuracy Negative Voltage Accuracy Load Regulation Test Conditions See above products program Refer to recommended circuit Refer to recommended circuit From 10% To 100% load 1 3 0.5 0.2 0.02 30 75 300 50 150 KHz Min Typ Max 5 3 5 1* 0.5 %/C mVp-p % Units W
APPLICATION NOTE
Recommended Circuit All the URA_D-5W & URB_D-5W Series have been tested according to the following recommended testing circuit before leaving
factory. This series should be tested under load. Never be tested under no load (see Figure 1).
Dual Output Vin
Ci n
Line Regulation(at full load) Input voltage from low to high Temperature Drift(Vout) Ripple** Noise** Switching Frequency Refer to recommended circuit 20MHz bandwidth 20MHz bandwidth 100% load, nominal Input voltage
+Vout
DC
DC
0V -Vout
GND Single Output Vin
Cin
*Dual output models unbalanced load: 5%. **Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of
Power Converter section, application notes.
Note: 1.All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. See below recommended circuits for more details.
+Vout
DC
DC
0V
GND
(Figure 1) If you want to further decrease the output ripple,
TYPICAL CHARECTERISTICS
Temperature Derating Graph
you can increase capacitance properly or choose capacitors with low ESR. However, the capacitance should not be too high. (Table 1). External Capacitor Table(Table 1) Vin Cin Vout Cout (VDC) (uF) (VDC) 12 24 48 -100 100 100 -5 12 15 24 100uF/ 1A
Operating Temp.( C )
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
27.50 (1.083) 10.16 10.16 (0.400) (0.400) 27.50(1.083) 20.32(0.800) 3
Bottom View
First Angle Projection
RECOMMENDED FOOTPRINT Top view,grid:2.54mm(0.1inch), diameter:1.00mm(0.039inch)
Dual Output
Single Output
5.08 (0.200)
0.50 9.70 (0.020) (0.382)
Side View
4.10
Note: Unit:mm(inch) Pin diameter:0.80mm(0.031inch) Pin diameter tolerances: 0.05mm( 0.002inch) General tolerances: 0.25mm( 0.010inch)
FOOTPRINT DETAILS Pin Single Dual GND 1 GND Vin Vin 2 +Vo +Vo 3 No Pin 0V 4 -Vo 0V 5
MORNSUN reserves the copyright
Specifications subject to change without notice.
URA_D-5W & URA_D-5W
A/3-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of URB2405D-5W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X