Part Number Hot Search : 
DK30S16 STBS068 STBS06H 18F66 L7818 STF701TG MSZ52 PS11422
Product Description
Full Text Search
 

To Download URB2403MP-12W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 URB_MP-12W Series
12W, WIDE INPUT, ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection FEATURES
Efficiency up to 88% Wide (4:1) Input Range 12W Rated Power Output 1.5KVDC Input/Output Isolation Operating Temperature: -40C to+85C DIP24 Package Industry Standard Pinout Five-sided Metal Shielding Package Over Voltage Protection Output Short Circuit Protection Remote ON/OFF
RoHS
PRODUCT PROGRAM
Part Number URB2403MP-12W URB2405MP-12W * URB2412MP-12W * URB2415MP-12W * URB4803MP-12W * URB4805MP-12W * URB4812MP-12W * URB4815MP-12W * 48 18-75 80 24 9-36 40 Output Efficiency Current (mA) Capacitance No-load Voltage (%, Typ) (Max,uF) Nominal Range Max** (typ, mA) (VDC) Max Min Voltage (VDC) 55 55 25 25 20 20 10 10 3.3 5 12 15 3.3 5 12 15 3500 2400 1000 800 3500 2400 1000 800 0 0 0 0 0 0 0 0 3000 2000 500 400 3000 2000 500 400 85 86 86 86 85 87 87 88 Input
*Designing. **Input voltage can't exceed this value, or will cause the permanent damage.
APPLICATIONS
The URB_MP-12W Series are particularly suited to data transfer equipments, battery operated equipments, tele-communication equipments, distributed power system, mix analog/digital system, remote control system, industrial robot system and other wide input voltage application fields.
INPUT SPECIFICATIONS
Item Start-up time Test Conditions Input voltage range refer to output load Nominal input(24V) Under Voltage protection Nominal input(48V) DC-DC Module ON DC-DC Module OFF DC-DC Module ON DC-DC Module OFF DC-DC Module ON DC-DC Module OFF 3 Min Typ 500 8.8 8.3 17 16.5 9 8.5 17.5 17 40 Or open circuit 0 1.2 VDC VDC VDC Max Units mS
CTRL
MODEL SELECTION
URB2403MP-12W
Rated P ower Package Style Output Voltage Input Voltage Product Ser ies
OUTPUT SPECIFICATIONS
Item Output Power Ripple& Noise Switching Frequency Test Conditions 25C environment temperature 20MHz Bandwidth From 10% to 100% load 350 400 1 0.2 0.5 0.02 4.3 6 13 16 Continuous, automatic recovery VDC Min Typ Max 12 85 450 3 0.5 1.5 %/C % Units W mV KHz
Output Voltage Accuracy Input voltage range refer to output load Voltage regulation Load Regulation Temperature Drift(Vout) Input voltage from low to high Nominal input,10% to 100% load 25C environment temperature 3.3
MORNSUN Science & Technology co.,Ltd. Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 Http://www.mornsun-power.com
Over voltage protection
Output voltage (VDC)
5 12 15
Short circuit protection
MORNSUN reserves the copyright
Specifications subject to change without notice.
URB_MP-12W
A/0-2008
Page 1 of 2
COMMON SPECIFICATION
Item Isolation voltage Test Conditions Input/Output Min Typ Max Units VDC Tested for 1 minute 1500 Input, Output and case and 1 mA max 1500 Input/Output Tested at Input, Output and case 500VDC 1000 1000 1100 95 With derating at 55C,refer to Temperature Derating Graph -40 -55 95 1.5mm from case for 10 seconds MIL-HDBK-217F(25C) 1000 18.5 Copper plating nickel(Five-sided shield) 85 125 105 300 K hours g C pF
EFFICIENCY CURVE
Efficiency Vs Load URB2403MP-12W M
Efficiency VS Output load 90 80 70 60 50 40 30 20 10 0 0 1000 2000 3000 4000 Load(mA)
Isolation resistance Isolation Capacitance Storage humidity Operating temperature Storage temperature Temp. rise at full load Lead temperature MTBF Weight Case material
Efficiency Vs Input voltage URB2403MP-12W
Efficiency(%)
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. When product begins to work, temperature may rise slowly until stabilize. It's normal that output voltage derating and efficiency reduce about 2 percent during this process. 3. Only typical model listed. If you need other model of this series (same power and package), please confirm input and output voltage, then phone us. 4. No parallel connection or plug and play. 5. The CTRL pin voltage is referenced to GND. 6. If product has no use for CTRL pin, it's name will change, add "X" in front of "MP" to distinguish.
(%)
%
Efficiency Vs Input voltage
90 85 80 75 70 65 60 55 50 9 12 15 18 21 24 27 30 33 36 Input voltage(V)
TYPICAL CHARECTERISTICS
Temperature Derating Graph
Operating Temp.( C )
OUTLINE DIMENSIONS & PIN CONNECTIONS
First Angle Pr ojection 32.00(1.260) 20.00(0.787) R ECOMMEND ED FOOTPR IN T
To p v iew,grid :2.54m m(0 .1in ch) , diameter:1.0 0mm(0.039 inc h) 123 Bottom View 23 22 23 22 16 14 16 14 11
APPLICATION NOTE
Recommended Circuit All the URB_MP-12W Series have been tested according to the following recommended testing circuit before leaving factory. If you want to further decrease the input ripple, Cin is recommended to use 100uF. If ripple and noise are required, you can increase capacitance of Cout properly. However, the capacitance capacitance.
123 11
should
not
be
higher
than
Max
5.08 (0.200) (0.394) 10.00
Vin
C in
Vout
DC
DC
0V
Side View
GND
FOOTP RIN T D ETAI LS 4.10(0.161)
0. 50 (0.020)
N ote: U nit:mm(inch) Pin section:0.50mm(0. 020inc h) Pin section toler ances : 0.05mm( 0.002inch) General tolerances: 0.25mm( 0.010inch)
Pin 1 2,3 11 14 16 22 ,23
Fu nc tion CTRL G ND NC +Vo 0V Vin
NC:No Connec tion
MORNSUN reserves the copyright
Specifications subject to change without notice.
URB_MP-12W
A/0-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of URB2403MP-12W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X