Part Number Hot Search : 
F6052K3 SP483E05 MA4E2040 D5025 HGT1S 2PH21UB OPT8C KA7577
Product Description
Full Text Search
 

To Download UPRNS61MBC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
UPRNS Network Precision Resistors
Network Precision Resistor
High Accuracy Networks Save on Resistors (UPRNS)
Preview Precision Resistor Network technology outperforms all other resistor technologies available today for applications that require high precision and high stability. This technology has been pioneered and developed by Token, and products based on this technology are the most suitable for a wide range of applications. This technology with any value available within resistance range allows customer orientated products, designed to satisfy challenging and specific technical requirements. Precision Network Resistors UPRNS Series meets Lead (Pb)-free and RoHS compliant. Providing design engineers with an economical power resistor with high quality performance, Token Electronics offers low cost industrial grade resistor networks, Serial UPRNS and Parellel UPRND Series. Token's UPRNS/UPRND Series are assembled by EE/RE 1/10 series to form a stable, high precision resistor networks. Characteristic of UPRNS Series meet extreme low temperature coefficient. Serial UPRNS equate to IRC, EBG Precision Devices with fast delivery and more competitive price. For nonstandard technical requirements and special applications, please contact us. Applications : - Industrial, Military, Airborne. - Electron Beam Applications (EB) Scanning, - Recording Equipment, Electron Microscopes. - Medical , Test And Measurement Equipment, - Precision Divider, Bypass, High Precision Instrumentation, - Audio (High End Stereo Equipment), Precision Amplifiers. Features : - Lead (Pb)-free and RoHS compliant. - Precision tolerance tight to A2(0.02%). - Any value available within resistance range. - UPRNS: Serial dip type; UPRND: Parellel dip type. - Metal film precision networks, excellent stability and reliability. - Superior TCR narrowed to Absolute C7(5 ppm/C), Relative C10(2 ppm/C). Version 2010
http://www.token.com.tw/ rfq token.com.tw
01 of 04
TOKEN
UPRNS Network Precision Resistors
A B E
Dimensions & Technical Characteristics
Precision Resistor Network (UPRNS) Dimensions 14.20 16.90 19.34 21.90 24.10 27.16 35.00 42.30 50.80 5 6 7 8 9 10 13 16 19 A 14.200.5 ~ 50.800.5 B 12.00.5 Dimensions (mm) C 0.60.05 D 2.540.05 E 4.50.5 Rated Wattage of one element unit at 70C (W) 0.1 Maximum Working Voltage (V) 200 Nominal Resistance Range of component 10 ~ 1M element unit () Absolute Tolerance (%) A2(0.02), A5(0.05), B(0.1), C(0.25), D(0.5), F(1.0) Relative Tolerance (%) T(0.01), A2(0.02), A5(0.05), B(0.1) Absolute Temperature Coefficient (ppm/C) C7(5), C6(10), C5(15), C3(25), C2(50) Relative Temperature Coefficient (ppm/C) C10(2), C9(3), C7(5), C6(10), C5(15) Working Temperature (C) -10 ~ +70 UPRNS A(mm)0.5 Number of Pins
C
D
Examples for Construction
TYPE 1
TYPE 2
TYPE 3
Precision Resistor Network (UPRNS) Examples for Construction There are no standard nominal resistance for UPRNS/UPRND Series. Customer can designate or specify the number of component elements of Network Resistor according with this specification of UPRNS/UPRND Series to meet your own needs. It can be required to Token's representatives if customer's requirement beyonds the range of Token's specifications.
02 of 04
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
UPRNS Network Precision Resistors
UPRNS Versus UPRND Dimensions
A
12.0 0.5
4.5 0.5
0.6 0.05
2.54 0.05
Extra Precision Resistor Network (UPRNS) Dimensions (Unit: mm)
UPRNS A 0.5 14.20 16.9 19.34 21.9 24.1 27.16 35 42.3 50.8 UPRND A 0.5 11.8 5.08 30.3
Pins 5 6 7 8 9 10 13 16 19 Pins (Number of Resistors) 4 2 11
A
3.0 0.5
9.0 0.5
0.6 0.05
2.54 0.5
Extra Precision Resistor Network (UPRNS) Dimensions (Unit: mm)
UPRNS Versus UPRND Internal Connection
11.5 0.5
TYPE 1
TYPE 2
TYPE 3
Precision Resistor Network (UPRNS) Examples for Construction
Precision Resistor Network (UPRND) Examples for Construction
Version 2010
http://www.token.com.tw/
rfq token.com.tw
03 of 04
TOKEN
How to Order
UPRNS Network Precision Resistors
UPRNS
8
Type1
10R
B
C5
Part Number: UPRNS Number of Pins: 6, 7, 8 Construction: Type1, Type2, Type3. Resistance Value ()
Code 10R 100R 1K1 110K 1M Code A2 A5 B C D F T A2 A5 B Resistance Value (%) 10
Temperature Coefficient (ppm/C)
Code C7 C6 C5 C3 C2 C10 C9 C7 C6 C5 Temperature Coefficient (ppm/C) 5 ppm/C 10 ppm/C 15 ppm/C 25 ppm/C 50 ppm/C 2 ppm/C 3 ppm/C 5 ppm/SC 10 ppm/C 15 ppm/C
100
1.1K 110K 1M Resistance Tolerance (%) 0.02 % 0.05 % 0.10 % 0.25 % 0.50 % 1.00 % 0.01 % 0.02 % 0.05 % 0.10 % Absolute
Resistance Tolerance (%)
Relative
Absolute
Relative
Back to 1st Page - Precision Resistor Network (UPRNS)
04 of 04
http://www.token.com.tw/
rfq token.com.tw
Version 2010


▲Up To Search▲   

 
Price & Availability of UPRNS61MBC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X