Part Number Hot Search : 
85NS80 MRUS72S M5889NO 5N2008 T1637 2D906 WT78L06K MC2400
Product Description
Full Text Search
 

To Download UPRND21MBC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
UPRND Network Precision Resistors
Network Precision Resistor
UPRND Networks High Precision Sharpen The Edge of Application Accuracy
Preview The Precision Resistor Network technology provides a significant reduction of the resistive component's sensitivity to ambient temperature variations (TCR). Designers can now guarantee a high degree of stability and accuracy in fixed-resistor applications using solutions based on Token's revolutionary Network technology. This technology allows customer orientated products, designed to satisfy challenging and specific technical requirements. Precision Network Resistors UPRND Series meets Lead (Pb)-free and RoHS compliant. Known for providing design engineers with a comprehensive range of industrial-qualified resistive devices, Token Electronics has further expanded its precision product capabilities in Serial UPRNS and Parellel UPRND Series. Providing design engineers with an economical power resistor with high quality performance, Token Electronics offers low cost industrial grade resistor networks, Parellel UPRND and Serial UPRNS Networks. Token's UPRND/UPRNS Series are assembled by EE/RE 1/10 series to form a stable, high precision resistor networks. Characteristic of UPRND Series meet extreme low temperature coefficient. Parellel UPRND Series equate IRC, EBG Precision Devices with fast delivery and more competitive price. For non-standard technical requirements and special applications, please contact us. Applications : - Industrial, Precision Bypass, Divider. - Electron Beam (EB) Applications Scanning. - Medical, Test and Measurement Equipment. - Recording Equipment, Electron Microscopes. - Military, airborne, High precision instrumentation. - Precision Amplifiers, Audio (High End Stereo Equipment). Features : - Lead (Pb)-free and RoHS compliant. - Precision tolerance tight to A2(0.02%). - Any value available within resistance range. - UPRND: Parellel dip type; UPRNS: Serial dip type. - Metal film precision networks, excellent stability and reliability. - Superior TCR narrowed to Absolute C7(5 ppm/C), Relative C10(2 ppm/C). Version 2010
http://www.token.com.tw/ rfq token.com.tw
01 of 04
TOKEN
UPRND Network Precision Resistors
A F
Dimensions & Technical Characteristics
B C D
E
Precision Resistor Network (UPRND) Dimensions 5.08 11.8 30.3 2 4 11 A 5.080.5 ~ 30.30.5 B 9.00.5 C 0.60.05 Dimensions(mm) D 2.540.05 E 11.50.5 F 3.00.5 Rated Wattage of one element unit at 70C (W) 0.1 Maximum Working Voltage (V) 200 Nominal Resistance Range of component 10 ~ 1M element unit () Absolute Tolerance (%) A2(0.02), A5(0.05), B(0.1), C(0.25), D(0.5), F(1.0) Relative Tolerance (%) T(0.01), A2(0.02), A5(0.05), B(0.1) Absolute Temperature Coefficient (ppm/C) C7(5), C6(10), C5(15), C3(25), C2(50) Relative Temperature Coefficient (ppm/C) C10(2), C9(3), C7(5), C6(10), C5(15) Working Temperature (C) -10 ~ +70
Remark : 1. Absolute value means all factors (Tolerance and Temperature Coefficient) of component element units of Network Resistor are independent. 2. Relative value means the maximum difference factor among component element units of Network Resistor.
UPRND A(mm)0.5 Number of Resistors #
Examples for Construction
Precision Resistor Network (UPRND) Examples for Construction There are no standard nominal resistance for UPRNS/UPRND Series. Customer can designate or specify the number of component elements of Network Resistor according with this specification of UPRNS/UPRND Series to meet your own needs. It can be required to Token's representatives if customer's requirement beyonds the range of Token's specifications.
02 of 04
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
A
9.0 0.5
UPRND Network Precision Resistors
UPRND Versus UPRNS Dimensions
3.0 0.5 11.5 0.5
UPRND A 0.5 11.8 5.08 30.3 UPRNS A 0.5 14.20 16.9 19.34 21.9 24.1 27.16 35 42.3 50.8
Pins (Number of Resistors) 4 2 11 Pins 5 6 7 8 9 10 13 16 19
0.6 0.05
2.54 0.5
Extra Precision Resistor Network (UPRNS) Dimensions (Unit: mm)
A
12.0 0.5
4.5 0.5
0.6 0.05
2.54 0.05
Extra Precision Resistor Network (UPRNS) Dimensions (Unit: mm)
UPRND Versus UPRNS Internal Connection
Precision Resistor Network (UPRND) Examples for Construction
TYPE 1
TYPE 2
TYPE 3
Precision Resistor Network (UPRNS) Examples for Construction
Version 2010
http://www.token.com.tw/
rfq token.com.tw
03 of 04
TOKEN
How to Order
UPRND Network Precision Resistors
UPRND Part Number: UPRND Number of Pins: 2, 4, 11 Resistance Value ()
Code 10R 100R 1K 1M Code A2 A5 B C D F T A2 A5 B
4
100R
B
C
Temperature Coefficient (ppm/C)
Code C7 C6 C5 C3 C2 C10 C9 C7 C6 C5 Temperature Coefficient (ppm/C) 5 ppm/C 10 ppm/C 15 ppm/C 25 ppm/C 50 ppm/C 2 ppm/C 3 ppm/C 5 ppm/SC 10 ppm/C 15 ppm/C
Resistance Value (%) 10
100
1K 1M Resistance Tolerance (%) 0.02 % 0.05 % 0.10 % 0.25 % 0.50 % 1.00 % 0.01 % 0.02 % 0.05 % 0.10 % Absolute
Resistance Tolerance (%)
Relative
Absolute
Relative
Back to 1st Page - Precision Resistor Network (UPRND)
04 of 04
http://www.token.com.tw/
rfq token.com.tw
Version 2010


▲Up To Search▲   

 
Price & Availability of UPRND21MBC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X