Part Number Hot Search : 
40ST8 FDS7066 AD5320 2SK1575 KBP204G HSM150G 20F40HF HAT2215
Product Description
Full Text Search
 

To Download TREK-776R-XPEA0E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TREK-776
12.1" Vehicle Mounted Computer with Pentium(R) LV M/ ULV Celeron(R) M Processor Features
12.1" TFT LCD with touchscreen Function keys for 5% ~ 100% brightness control Onboard Intel(R) ULV Celeron(R) M 600 MHz or Pentium(R) LV M 1.1 GHz Processor Rugged aluminum enclosure and fanless design VESA standard for flexible mounting kits IP65 dustproof and waterproof seals Flexible expansion capability for IEEE 802.11a/b/g, GPS, GSM/GPRS Stable and wide range 9 ~ 58 VDC input, Ignition cold crank (min 6V) Extreme temperature operating capability
Introduction
The TREK-776 is a vehicle mounted platform designed to withstand the harshest environments. The TREK-776 has a rich variety of optional wireless and wide area network modules for real-time communication and data capture in warehouses, freezers, docks or container yards. The rugged die-cast aluminum enclosure replaces the fan as it helps dissipate heat. The TREK-776 has a special design without ventilation holes that makes the front bezel, back cover and sides comply with IP65 standards for protection against dust and water. The more exposed I/O ports have been placed on the bottom to protect against vertically falling water. With components that can withstand a wide range of temperatures, and a heater for low temperature operation, the TREK-776 can operate in freezing environments.
Specifications
CPU Chipset System Memory Storage Network (LAN) MiniPCI PCMCIA Dimensions (W x H x D) Weight Display Type Resolution (H x V) Viewing Angle (H/V) Luminance Lamp Life Time Type Controller Input Voltage Minimun Input Voltage Ignition On Ignition Off Hard off Delay Operating Temperature* Environmental Specifications Relative Humidity Shock EMC Safety Vibration Onboard Intel ULV Celeron M 600 MHz, 512k L2 cache/LV Pentium M 1.1 GHz, 1 MB cache Intel 855GME and ICH4-M Two 184-pin DIMM sockets, up to 2 GB DDR 333 SDRAM (Win CE supports up to 512 MB DDR) One IDE interface for either one type I/II CompactFlash card or one 2.5" HDD 10/100 Mbps Ethernet interface; 1000 Mbps optional One type III A/B slot 2 x PCMCIA Type ll/1 x Type lll * * When using WinCE, slot A is eliminated, and only PCMCIA slot B is available. 310 x 255 x 80 mm (12.20" x 10.04" x 3.15") 4.38 kg (10.58 lbs) 12.1" color TFT LCD XGA 1024 x 768 160/160 450 cd/m2, 5% ~ 100% dimmable brightness control 50,000 hours Analog resistive USB interface 9 ~ 58 VDC 6 VDC, supports cold crank, low battery shut-down protection threshold (optional) Power on delay, default 1 second Yes 30 seconds 0 C ~ 40 C (32 F ~ 104 F) for HDD -30 C ~ 60 C (-22 F ~ 140 F for industrial grade CF card or HDD that operates at a wide range of temperatures) 10% ~ 95% @ 40 C, non-condensing 30 G peak acceleration (11 ms duration) CCC, CE, FCC Class B CCC, UL, CUL, CE 1 G (operating with HDD); 3 G (operating with CF card)
Processor System
Graphics
Touchscreen
Power Supply
Vehicle Mounted Computers
All product specifications are subject to change without notice Last updated : 24-Mar-2009
TREK-776 Dimensions
Unit: mm
310
90
1.5
Fully Integrated I/O
A B C D E F
255
Accessories
Part Number TREK-UNIARM-01 I/O-CV-01 I/O-CV-02 RAM-MOUNT-03 RAM-MOUNT-05E WLAN-325HJE WLAN-325HAE Description Universal arm IP53 I/O cover IP54 I/O housing VESA RAM mount w/3.68" DIA., 2.25" ball VESA RAM mount w/clamp base, 2.25" ball 11 Mbps IEEE 802.11b compliant PCMCIA WLAN Card for Japan * 11 Mbps IEEE 802.11b compliant PCMCIA WLAN Card for USA * 11 Mbps IEEE 802.11b compliant PCMCIA WLAN Card for Europe * ADAPTER AC 100-240 V 90 W (19v) W/PFC
G
H
I
J
WLAN-325HUE 1757000997
A: DC Power Inlet B: COM4 (RS-232/422/485) C: COM2 (RS-232) D: PS/2 Keyboard and Mouse Port E: 2 x USB 2.0 F: PCMCIA Type II x 2 / Type III x 1
G: Power Switch H: COM3 (RS-232/422/485) I: COM1 (RS-232) J: 10/100 Mbps Ethernet
* Detachable Antenna, RoHS compliant
Power Code Options
Part Number 1700001524 170203183C 170203180A Description 3-pin 180 cm, USA 3-pin 180 cm, Europe 3-pin 180 cm, UK
Ordering Information
Part Number TREK-776R-A0E TREK-776R-CEA0E TREK-776R-SA0E TREK-776R-XPEA0E TREK-776R-A1E Description TREK-776 with ULV C-M 600 Hz CPU, T/S, HDD holder TREK-776 with ULV C-M 600 Hz CPU, T/S, 128 MB DDR, 128 MB CF, WinCE5.0 TREK-776R-A0E sunlight readable model TREK-776R-A0E with 512 MB DDR, 40 G HDD, XPE TREK-776 with LV -M 1.1 GHz CPU, T/S, HDD holder
Optional Items
Part Number Description 9668TREK00E Quad band GSM/GPRS module & GPS receiver module 9668TREK01E GPS receiver module (COM3) 9668TREK02E Quad band GSM/GPRS module (COM4) 9668TREK03E CF card slot kit 9668TREK08E IEEE 802.11b/g MiniPCI WLAN module Please order optional items via BTOS service or contact our sales
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of TREK-776R-XPEA0E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X