Part Number Hot Search : 
T15CA TMP86 U2505 BF720T3G MBR104 MAX3232 L3380 IRF7380
Product Description
Full Text Search
 

To Download TREK-743R-XPEA0E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TREK-743
7" Vehicle Mounted Computer with AMD LX800 Processor Features
7" WVGA TFT LCD, with adjustable brightness 5 programmable function keys with LED backlight Rugged aluminum enclosure and fanless design Embedded OS Support (Win CE 5.0 or XP Embedded) Flexible expansion capability for IEEE 802.11b/g WLAN, GPS, GSM/GPRS Extreme temperature operating capability Reliable wide DC power input for in-vehicle application
Introduction
The TREK-743 is a fanless and compact, vehicle-mounted computer for a wide range of commercial vehicle applications.The radio options and programmable function keys make the TREK-743 suitable for delivery, fleet management and warehousing/logistics applications. The ruggedized aluminum enclosure does not have ventilation holes, which makes the TREK-743 waterproof and dust proof. It is equipped with options for real-time communication and data capture in vehicles to improve productivity.
Specifications
CPU Chipset System Memory Operating System SSD Bus Expansion LAN Audio Function Keys GPS (Optional) Bluetooth CAN Bus GPRS (Optional) WLAN (Optional) Protection Dimensions (W x H x D) Weight Input Voltage Minimum Input Voltage Ignition On/Off Graphics Display Type Luminance Max. Resolution Type Light Transmission Controller Power Consumption Software Driver Operating Temperature Relative Humidity Shock Certifications Vibration Onboard AMD LX800 500 MHz Integrated in AMD CS5536AD South Bridge One 200-pin SODIMM socket, accepts up to 1 GB DDR266/333 SDRAM (Win CE supports up to 512 MB DDR) XP Embedded, WinCE5.0 1 x type ll CompactFlash socket 1 x MiniPCI expansion slot 10/100 Mbps Ethernet Built-in 1 x 1.5w speaker; 1 x hidden microphone 5 lighted, programmable function keys 12 channel GPS receiver One Class 2 Bluetooth V2.0 + EDR module RS-232 baud rate up to 115.2K bps Quad-band 900/1800/850/1900 MHz GSM/GPRS modem IEEE802.11b/g IP65 front panel and back cover protection, without ventilation holes 255 x 160 x 50 mm (10.04" x 6.30" x 1.97") 1.7 kg (3.75lb) 9 ~ 36 VDC 6 VDC, supports ignition cold crank, Low battery shut-down protection threshold (optional) Power on delay, default 2 seconds Power off delay, default 5 seconds Hardware power off delay, default 30 seconds 7" color TFT LCD, LED backlight 400 cd/m2 Wide-VGA 800 x 480, 5% ~ 100% brightness controlled by H/W buttons Analog resistive, continuous resolution 80% RS-232 interface (COM3) <5.5 V @ 20 mA Supports Windows XP/XP Embedded, WinCE, Linux -20 ~ 60 C (-4 ~ 140 F) 10 ~ 95% @ 40 C (non-condensing) 30 G peak acceleration (11 msec duration) EMC: CE, FCC.CCC Safety: UL, CUL, CE; CCC, CB 5 ~ 500 Hz 4.5G RMS random vibration
Processor System
Power Supply
Touchscreen
Environmental Specifications
Vehicle Mounted Computers
All product specifications are subject to change without notice Last updated : 24-Mar-2009
TREK-743 Dimensions
Unit: mm
254.70
50,00
Fully Integrated I/O
C D E F
Mounting Kits
A
B
A: 2 x USB v2.0 B: 2 x RS-232/422/485 C: 1 x 10/100 LAN D: 1 x CAN Bus & 4 Optically Isolated DI/DO (DB-15 Connectors)
E: DC Inlet F: Power On/Off Switch
Ordering Information
Part Number TREK-743R-CEA0E TREK-743R-XPEA0E TREK-743R-GCEA0E TREK-743R-GXPEA0E TREK-743R-WXPEA0E TREK-743R-WCEA0E TREK-743R-GWCEA0E TREK-743R-GWXPEA0E TREK-743R-A0E TREK-743R-GA0E Description TREK-743R-A0E with 256 MB DDR,128 MB CF, CE5.0 TREK-743R-A0E with 256 MB DDR, 2 GB CF, XPE TREK-743R-CEA0E w/GPS, GSM/GPRS TREK-743R-XPEA0E w/GPS, GSM/GPRS TREK-743R-XPEA0E w/WLAN TREK-743R-CEA0E w/WLAN TREK-743R-CEA0E w/WLAN, GPS, GSM/GPRS TREK-743R-XPEA0E w/WLAN, GPS, GSM/GPRS TREK-743R BARE-BOM TREK-743R W/GPS,GPRS BARE BOM
Accessories
Part Number RAM-MOUNT-01 RAM-MOUNT-02 RAM-MOUNT-03 RAM-MOUNT-05E Description VESA RAM mount w/clamp base,1.5" ball VESA RAM mount w/2.5" DIA. base,1.5" ball VESA RAM mount w/3.68" DIA., 2.25" ball VESA RAM mount w/clamp base, 2.25" ball
Online Download www.advantech.com/products
160.00


▲Up To Search▲   

 
Price & Availability of TREK-743R-XPEA0E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X