Part Number Hot Search : 
TPCA8065 DSS30 2SC3069 BAS16W 11601 SP207B BC547B BAT54AW
Product Description
Full Text Search
 

To Download TIC106A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTORS
TIC106A, TIC106B, TIC106C, TIC106D, TIC106E, TIC106M, TIC106N, TIC106S P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
* * * * * * 5 A Continuous On-State Current 30 A Surge-Current Glass Passivated Wafer 100 V to 800 V Off-State Voltage Max IGT of 200 A Compliance to ROHS
ABSOLUTE MAXIMUM RATINGS Value A
VDRM VRRM IT(RMS) IT(AV) ITM IGM PGM PG(AV) TC Tstg TL
Notes: 1. 2. 3. 4. 5. These values apply when the gate-cathode resistance RGK = 1k These values apply for continuous dc operation with resistive load. Above 80C derate linearly to zero at 110C. This value may be applied continuously under single phase 50 Hz half-sine-wave operation with resistive load. Above 80C derate linearly to zero at 110C. This value applies for one 50 Hz half-sine-wave when the device is operating at (or below) the rated value of peak reverse voltage and on-state current. Surge may be repeated after the device has returned to original thermal equilibrium. This value applies for a maximum averaging time of 20 ms. Page 1 of 3
Symbol
Ratings B C
Unit M S N
V V A A A A W W C C C
D
E
Repetitive peak off-state voltage 100 200 300 400 500 600 700 800 (see Note1) Repetitive peak reverse voltage 100 200 300 400 500 600 700 800 Continuous on-state current at (or below) 5 80C case temperature (see note2) Average on-state current (180 conduction angle) at(or below) 80C case temperature 3.2 (see Note3) Surge on-state current (see Note4) 30 Peak positive gate current (pulse width 0.2 300 s) Peak power dissipation (pulse width 300 1.3 s) Average gate power dissipation (see 0.3 Note5) Operating case temperature range -40 to +110 Storage temperature range -40 to +125 Lead temperature 1.6 mm from case for 10 230 seconds
SEMICONDUCTORS
TIC106A, TIC106B, TIC106C, TIC106D, TIC106E, TIC106M, TIC106N, TIC106S
THERMAL CHARACTERISTICS
Symbol tgt tq RJC RJA Gate-controlled Turn-on time Circuit-communicated Turn-off time Ratings VAA = 30 V, RL = 6 , RGK(eff) = 5 k, Vin = 50 V VAA = 30 V, RL = 6 , IRM 8 A Value 1.75 s 7.7 3.5 62.5 C/W Unit
ELECTRICAL CHARACTERISTICS
TC=25C unless otherwise noted
Symbol
IDRM IRRM IGT
Ratings
Repetitive peak off-state current Repetitive peak reverse current Gate trigger current
Test Condition(s) VD = Rated VDRM, RGK = 1 k, TC = 110C VR = Rated VRRM, IG = 0, TC = 110C VAA = 6 V, RL = 100 , tp(g) 20s VAA = 6 V, RL = 100 , RGK = 1 k, tp(g) 20s, TC = -40C VAA = 6 V, RL = 100 , RGK = 1 k, tp(g) 20s, VAA = 6 V, RL = 100 , RGK = 1 k, tp(g) 20s, TC = 110C VAA = 6 V, RGK = 1 k, initiating IT = 10 mA VAA = 6 V, RGK = 1 k, initiating IT = 10 mA, TC = -40C ITM = 5A (see Note6) VD = Rated VD, RGK = 1 k, TC = 110C
Min Typ Mx Unit
0.4 0.2 60 0.6 10 400 1 200 1.2 1 5 mA 8 1.7 V V/s V A mA A
VGT
Gate trigger voltage
IH
Holding current
VTM dv/dt
Peak on-state voltage Critical rate of rise of off-state voltage
Note 6: This parameters must be measured using pulse techniques, tW = 300s, duty cycle 2 %, voltage-sensing contacts, separate from the courrent-carrying contacts, are located within 3.2mm (1/8 inch) from de device body.
Page 2 of 3
SEMICONDUCTORS
TIC106A, TIC106B, TIC106C, TIC106D, TIC106E, TIC106M, TIC106N, TIC106S
MECHANICAL DATA CASE TO-220
Pin 1 : Pin 2 : Pin 3 :
kathode Anode Gate
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TIC106A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X