Part Number Hot Search : 
BU1850 ES450 1580C TDA7384 2SC327 MJI6012 1N4761 CONTROLS
Product Description
Full Text Search
 

To Download TB0804A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, 324, Taiwan, R.O.C. TEL: 886-3-4690038 FAX: 886-3-4697532 E-mail: tstsales@mail.taisaw.com Web: www.taisaw.com
IF SAW Filter 829.5MHz(BW=14.5MHz)
MODEL NO.: TB0804A A. MAXIMUM RATING: 1. Operating Temperature: -40 C ~ +85 C 2. Storage Temperature: -40 C ~ +85 C 3. Input power: 10dBm B. Characteristics : Ambient Temperature: 25 C Item Center frequency, Fc Insertion Loss, IL 1 dB Bandwidth 3 dB Bandwidth 40 dB Bandwidth Amplitude Ripple Fc 7.0MHz Group-Delay Ripple Fc 7.0MHz Absolute Delay Temperature Coefficient of frequency Package Notes Unit MHz dB MHz MHz MHz dB nsec usec PPM/ oC2 mm3
SMD 13.3X6.5mm
REV.2.0
RoHS Compliant Lead free Lead-free soldering
Min. -
Type. 829.5 23.8 14.6 15.3 18.7 0.85 70 0.9 -0.036 13.3x6.5
Max. 26 19.2 120
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
-2-
C. Frequency Characteristics : 1. S21 Response: (span : 80MHz)
Fig1.
Horizontal: 8MHz/Div
Vertical:
10dB/Div
2. Group-Delay Ripple: (span : 20MHz)
Fig2.
Horizontal: 2MHz/Div
Vertical:
100nec/Div TST DCC Release document
-3-
TAI-SAW TECHNOLOGY CO., LTD.
3. S11 Smith Chart: (span : 80MHz)
4. S22 Smith Chart (span : 80MHz)
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
-4-
D. Measurement Circuit:
K
E
Zin and Zout are 50ohm. L1=3nH, C1=10pF, L2=3nH, C2=12pF E. Outline Drawing:
804
Pin K: RF input Pin E: RF output Pin A, B, C, D, G, H, I, L, F, J: To be Ground : Week Code (Follow the table from planner each year) Unit : mm (week01, 02, 03...52 =>A, B, C...z) : Product / Year Code Year 2009 2010 2011 2012
Product Code
B
b
B
b
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
-5-
F. PCB Footprint:
Unit: mm H. PACKING: 1. REEL DIMENSION
Unit: mm
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC Release document
-6-
2. TAPE DIMENSION
Unit: mm I. RECOMMENDED REFLOW PROFILE :
280 260 240 220 200 180 160 140 120 100 80 60 40 20
20 40 60 80 100 120 140 160 180 200 220 240 260 280 300 320 340
Temp ( Deg C)
Time (Sec)
TAI-SAW TECHNOLOGY CO., LTD.
360
0
TST DCC Release document
-7-


▲Up To Search▲   

 
Price & Availability of TB0804A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X