|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD. R SWE61000(6V100AH) Outer dimensions (mm) 195 170 206 Sw E6 (6 V1 10 00 00 A H) Terminal Type (mm) 14 Specifications Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx 6V 100 Ah M6 16 211 mm (8.31 inches) 206 mm (8.11 inches) 195 mm (7.67 inches) 170mm (6.69 inches) 17Kg (37.57 lbs) Capacity(%) Curves of cycle life(25 ) 120 100 80 60 Characteristics Capacity 25 (77 ) 10 hour rate(10.0 A) 5 hour rate(16.0 A) 1 hour rate(60.0 A) 100 AH 80 AH 60 AH Approx Internal Resistance Full charged Battery at 25 (77 ) Capacity affected by Temperature (10hour rate) Self-Discharge at 25 (77 ) Terminal Charge (constant Voltage) Cycle Float 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) Capacity after 3 month storage Capacity after 6 month storage Capacity after 12 month storage 2.3 m 102% 100% 85% 65% 91% 82% 64% 5 211 100%DOD 50%DOD 30%DOD 40 20 0 Idis=0.17C 5h Ich=0.10C 10h Idis=0.17C Ich=0.10C 2.5h 5.0h Idis=0.17C Ich=0.10C 1.5h 3.0h 200 400 600 800 1000 1200 1400 1600 Number of cycles(cycles) Discharge Curves 25 (77 ) 6.90 6.60 6.30 6.00 5.70 5.40 5.10 4.90 4.50 4.20 3.90 1 2 4 211A 6 8 10 204060 2 (Min) 4 6 8 10 20 40 (h) 50A 100A 20A 10A T16 Initial Charging Current less than 40 A Voltage 7.05-7.2V Voltage 6.75-6.90V Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77 Time 4.80V 5.10V ) 10h 20h 5min A W A W A W A W A W 10min 15min 30min 1h 2h 3h 4h 5h 8h 5.25V 5.40V 5.55V R |
Price & Availability of SWE61000 |