Part Number Hot Search : 
TA8263 DBA500G 100E1 THC929 CY62146 IDT6116 STAC9711 109M000
Product Description
Full Text Search
 

To Download SW230000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW230000(2V3000AH)
Outer dimensions (mm)
170
35
177 54
54
177
168
177
35
170
177
168
712
Specifications
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx 2V 3000 Ah 369 mm (14.5 inches) 343mm (13.5 inches) 712 mm (28.0 inches) 353 mm (13.9 inches) 191 Kg (422 lbs)
Terminal Type (mm)
20 11 M8 20
Characteristics
Capacity 25 (77 ) 10 hour rate(300 A) 5 hour rate(480 A) 1 hour rate(1800 A) 3000 AH 2400 AH 1800 AH Approx Internal Resistance Full charged Battery at 25 (77 ) Capacity affected by Temperature (10hour rate) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) 0.09 m 102% 100% 85% 65% 91% 82% 64%
Discharge Curves 25 (77 )
Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage)
2.30 2.20 2.10 2.00 1.90 1.80 1.70 1.60 1.50 1.40 1.30 01 2
3000A 6330A
4 6 8 10
20
40 60
353
600A 300A 1500A
369
2 4 6 8 10 20 40
T20 Initial Charging Current less than 1200 A Cycle Voltage 2.35-2.40V Float Voltage 2.25-2.30V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time
1.60V 1.70V 1.75V 1.80V 1.85V A W A W A W A W A W
R
343
)
10h 20h
5min
10min
15min
30min
1h
2h
3h
4h
5h
8h


▲Up To Search▲   

 
Price & Availability of SW230000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X